Part Number Hot Search : 
A1980Q 6620A ZR78L04G ENA1181 AN1496 7152M12L 60ZFP SH0083B
Product Description
Full Text Search
 

To Download NSBC123EDXV6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2012 september, 2012 ? rev. 0 1 publication order number: dtc123ed/d mun5231dw1, NSBC123EDXV6 dual npn bias resistor transistors r1 = 2.2 k  , r2 = 2.2 k  npn transistors with monolithic bias resistor network this series of digital transistors is designed to replace a single device and its external resistor bias network. the bias resistor transistor (brt) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. the brt eliminates these individual components by integrating them into a single device. the use of a brt can reduce both system cost and board space. features ? simplifies circuit design ? reduces board space ? reduces component count ? s and nsv prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable ? these devices are pb-free, halogen free/bfr free and are rohs compliant maximum ratings (t a = 25 ? c, common for q 1 and q 2 , unless otherwise noted) rating symbol max unit collector-base voltage v cbo 50 vdc collector-emitter voltage v ceo 50 vdc collector current ? continuous i c 100 madc input forward voltage v in(fwd) 12 vdc input reverse voltage v in(rev) 10 vdc stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. ordering information device package shipping ? mun5231dw1t1g sot ? 363 3,000/tape & reel NSBC123EDXV6t1g sot ? 563 4,000/tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refe r to our tape and reel packaging specifications brochure, brd8011/d. http://onsemi.com marking diagrams pin connections 7h m   1 6 7h m   1 7h = specific device code m = date code*  = pb-free package (note: microdot may be in either location) *date code orientation may vary depending upon manufacturing location. sot ? 363 case 419b sot ? 563 case 463a q 1 q 2 (1) (2) (3) (6) (5) (4) r 1 r 2 r 2 r 1
mun5231dw1, NSBC123EDXV6 http://onsemi.com 2 thermal characteristics characteristic symbol max unit mun5231dw1 (sot ? 363) one junction heated total device dissipation t a = 25 ? c (note 1) (note 2) derate above 25 ? c (note 1) (note 2) p d 187 256 1.5 2.0 mw mw/ ? c thermal resistance, (note 1) junction to ambient (note 2) r  ja 670 490 ? c/w mun5231dw1 (sot ? 363) both junction heated (note 3) total device dissipation t a = 25 ? c (note 1) (note 2) derate above 25 ? c (note 1) (note 2) p d 250 385 2.0 3.0 mw mw/ ? c thermal resistance, junction to ambient (note 1) (note 2) r  ja 493 325 ? c/w thermal resistance, junction to lead (note 1) (note 2) r  jl 188 208 ? c/w junction and storage temperature range t j , t stg ? 55 to +150 ? c NSBC123EDXV6 (sot ? 563) one junction heated total device dissipation t a = 25 ? c (note 1) derate above 25 ? c (note 1) p d 357 2.9 mw mw/ ? c thermal resistance, junction to ambient (note 1) r  ja 350 ? c/w NSBC123EDXV6 (sot ? 563) both junction heated (note 3) total device dissipation t a = 25 ? c (note 1) derate above 25 ? c (note 1) p d 500 4.0 mw mw/ ? c thermal resistance, junction to ambient (note 1) r  ja 250 ? c/w junction and storage temperature range t j , t stg ? 55 to +150 ? c 1. fr ? 4 @ minimum pad. 2. fr ? 4 @ 1.0 ? 1.0 inch pad. 3. both junction heated values assume total power is sum of two equally powered channels.
mun5231dw1, NSBC123EDXV6 http://onsemi.com 3 electrical characteristics (t a =25 ? c, common for q 1 and q 2 , unless otherwise noted) characteristic symbol min typ max unit off characteristics collector-base cutoff current (v cb =50v, i e =0) i cbo ? ? 100 nadc collector-emitter cutoff current (v ce =50v, i b =0) i ceo ? ? 500 nadc emitter-base cutoff current (v eb = 6.0 v, i c =0) i ebo ? ? 2.3 madc collector-base breakdown voltage (i c =10  a, i e =0) v (br)cbo 50 ? ? vdc collector-emitter breakdown voltage (note 4) (i c = 2.0 ma, i b =0) v (br)ceo 50 ? ? vdc on characteristics dc current gain (note 4) (i c = 5.0 ma, v ce =10v) h fe 8.0 15 ? collector-emitter saturation voltage (note 4) (i c = 10 ma, i b = 5.0 ma) v ce(sat) ? ? 0.25 v input voltage (off) (v ce = 5.0 v, i c = 1.0 ma) v i(off) ? 1.3 ? vdc input voltage (on) (v ce = 0.2 v, i c = 20 ma) v i(on) ? 1.8 ? vdc output voltage (on) (v cc = 5.0 v, v b = 2.5 v, r l = 1.0 k  ) v ol ? ? 0.2 vdc output voltage (off) (v cc = 5.0 v, v b = 0.25 v, r l = 1.0 k  ) v oh 4.9 ? ? vdc input resistor r1 1.5 2.2 2.9 k  resistor ratio r 1 /r 2 0.8 1.0 1.2 4. pulsed condition: pulse width = 300 ms, duty cycle ? 2%. figure 1. derating curve ambient temperature ( ? c) 125 100 75 50 25 0 ? 25 ? 50 0 50 100 150 200 250 300 p d , power dissipation (mw) 150 (1) (2) (1) sot ? 363; 1.0 ? 1.0 inch pad (2) sot ? 563; minimum pad 350 400
mun5231dw1, NSBC123EDXV6 http://onsemi.com 4 typical characteristics mun5231dw1, NSBC123EDXV6 figure 2. v ce(sat) vs. i c figure 3. dc current gain i c , collector current (ma) i c , collector current (ma) 40 30 20 50 10 0 0.01 0.1 1 100 10 1 0.1 0.1 10 100 1000 figure 4. output capacitance figure 5. output current vs. input voltage v r , reverse voltage (v) v in , input voltage (v) 50 40 30 20 10 0 0 1 2 3 4 4 3 2 1 0 0.1 1 10 100 figure 6. input voltage vs. output current i c , collector current (ma) 40 30 50 20 10 0 0.1 1 10 100 v ce(sat) , collector ? emitter voltage (v) h fe , dc current gain c ob , output capacitance (pf) i c , collector current (ma) v in , input voltage (v) i c /i b = 10 150 ? c ? 55 ? c 25 ? c v ce = 10 v 150 ? c ? 55 ? c 25 ? c f = 10 khz i e = 0 a t a = 25 ? c v o = 5 v 150 ? c ? 55 ? c 25 ? c v o = 0.2 v 150 ? c ? 55 ? c 25 ? c 1
mun5231dw1, NSBC123EDXV6 http://onsemi.com 5 package dimensions sc ? 88/sc70 ? 6/sot ? 363 case 419b ? 02 issue w notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 419b ? 01 obsolete, new standard 419b ? 02. e 0.2 (0.008) mm 123 d e a1 a a3 c l 654 ? e ? b 6 pl dim min nom max millimeters a 0.80 0.95 1.10 a1 0.00 0.05 0.10 a3 b 0.10 0.21 0.30 c 0.10 0.14 0.25 d 1.80 2.00 2.20 0.031 0.037 0.043 0.000 0.002 0.004 0.004 0.008 0.012 0.004 0.005 0.010 0.070 0.078 0.086 min nom max inches 0.20 ref 0.008 ref h e h e e 1.15 1.25 1.35 e 0.65 bsc l 0.10 0.20 0.30 2.00 2.10 2.20 0.045 0.049 0.053 0.026 bsc 0.004 0.008 0.012 0.078 0.082 0.086  mm inches  scale 20:1 0.65 0.025 0.65 0.025 0.50 0.0197 0.40 0.0157 1.9 0.0748 *for additional information on our pb-free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* sc ? 88/sc70 ? 6/sot ? 363
mun5231dw1, NSBC123EDXV6 http://onsemi.com 6 package dimensions h e dim min nom max millimeters a 0.50 0.55 0.60 b 0.17 0.22 0.27 c d 1.50 1.60 1.70 e 1.10 1.20 1.30 e 0.5 bsc l 0.10 0.20 0.30 1.50 1.60 1.70 0.020 0.021 0.023 0.007 0.009 0.011 0.059 0.062 0.066 0.043 0.047 0.051 0.02 bsc 0.004 0.008 0.012 0.059 0.062 0.066 min nom max inches sot ? 563, 6 lead case 463a issue f e m 0.08 (0.003) x b 6 5 pl a c ? x ? ? y ? notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeters 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. d e y 12 3 4 5 l 6 1.35 0.0531 0.5 0.0197  mm inches  scale 20:1 0.5 0.0197 1.0 0.0394 0.45 0.0177 0.3 0.0118 *for additional information on our pb-free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* h e 0.08 0.12 0.18 0.003 0.005 0.007 on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 dtc123ed/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NSBC123EDXV6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X