Part Number Hot Search : 
BH3563FV LF502RU TL431G TL494CPW N755BURT C5682 CAT5119 LV1017
Product Description
Full Text Search
 

To Download MUN221109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 2 3 sc-59 r1 r2 http://www .weitron.com.tw weitron mun221 1 series n pn silicon bias resist or transistor rev.a 23-jan-09
weitron http://www .weitron.com.tw electrical characteristics ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) characteristic symbol min ty p max unit off characteristics c o l l e c t o r - b a s e c u t o f f c u r r e n t ( v c b = 5 0 v , i e = 0 ) i c b o - - 1 0 0 n a d c c o l l e c t o r - e m i t t e r c u t o f f c u r r e n t ( v c e = 5 0 v , i b = 0 ) i c e o - - 5 0 0 n a d c e m i t t e r - b a s e c u t o f f c u r r e n t m u n 2 2 1 1 ( v e b = 6 . 0 v , i c = 0 ) m u n 2 2 1 2 m u n 2 2 1 3 m u n 2 2 1 4 m u n 2 2 1 5 m u n 2 2 1 6 m u n 2 2 3 0 m u n 2 2 3 1 m u n 2 2 3 2 m u n 2 2 3 3 m u n 2 2 3 4 m u n 2 2 3 6 m u n 2 2 3 7 m u n 2 2 4 0 m u n 2 2 4 1 i e b o - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - 0 . 5 0 . 2 0 . 1 0 . 2 0 . 9 1 . 9 4 . 3 2 . 3 1 . 5 0 . 1 8 0 . 1 3 0 . 0 5 0 . 1 3 0 . 2 0 . 1 m a d c c o l l e c t o r - b a s e b r e a k d o w n v o l t a g e ( i c = 1 0 u a , i e = 0 ) v ( b r ) c b o 5 0 - - v d c c o l l e c t o r - e m i t t e r b r e a k d o w n v o l t a g e ( 1 ) ( i c = 2 . 0 m a , i b = 0 ) v ( b r ) c e o 5 0 - - v d c on characteristics ( 1 ) d c c u r r e n t g a i n m u n 2 2 1 1 ( v c e = 1 0 v , i c = 5 . 0 m a ) m u n 2 2 1 2 m u n 2 2 1 3 m u n 2 2 1 4 m u n 2 2 1 5 m u n 2 2 1 6 m u n 2 2 3 0 m u n 2 2 3 1 m u n 2 2 3 2 m u n 2 2 3 3 m u n 2 2 3 4 m u n 2 2 3 6 m u n 2 2 3 7 m u n 2 2 4 0 m u n 2 2 4 1 h f e 3 5 6 0 8 0 8 0 1 6 0 1 6 0 3 . 0 8 . 0 1 5 8 0 8 0 8 0 8 0 1 6 0 1 6 0 6 0 1 0 0 1 4 0 1 4 0 3 5 0 3 5 0 5 . 0 1 5 3 0 2 0 0 1 5 0 1 5 0 1 4 0 3 5 0 3 5 0 - - - - - - - - - - - - - - - c o l l e c t o r - e m i t t e r s a t u r a t i o n v o l t a g e ( i c = 1 0 m a , i b = 0 . 3 m a ) ( i c = 1 0 m a , i b = 5 m a ) m u n 2 2 3 0 / m u n 2 2 3 1 ( i c = 1 0 m a , i b = 1 m a ) m u n 2 2 1 5 / m u n 2 2 1 6 m u n 2 2 3 2 / m u n 2 2 3 3 / m u n 2 2 3 4 v c e ( s a t ) - - 0 . 2 5 v d c o u t p u t v o l t a g e ( o n ) ( v c c = 5 . 0 v , v b = 2 . 5 v , r l = 1 . 0 k ) m u n 2 2 1 1 m u n 2 2 1 2 m u n 2 2 1 4 m u n 2 2 1 5 m u n 2 2 1 6 m u n 2 2 3 0 m u n 2 2 3 1 m u n 2 2 3 2 m u n 2 2 3 3 m u n 2 2 3 4 ( v c c = 5 . 0 v , v b = 3 . 5 v , r l = 1 . 0 k ) m u n 2 2 1 3 m u n 2 2 4 0 ( v c c = 5 . 0 v , v b = 5 . 5 v , r l = 1 . 0 k ) m u n 2 2 3 6 ( v c c = 5 . 0 v , v b = 4 . 0 v , r l = 1 . 0 k ) m u n 2 2 3 7 ( v c c = 5 . 0 v , v b = 5 . 0 v , r l = 1 . 0 k ) m u n 2 2 4 1 v o l - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - 0 . 2 0 . 2 0 . 2 0 . 2 0 . 2 0 . 2 0 . 2 0 . 2 0 . 2 0 . 2 0 . 2 0 . 2 0 . 2 0 . 2 0 . 2 v d c mun2211 series
weitron http://www .weitron.com.tw mun221 1 series fig 1. derating curve 350 200 150 100 50 0 - 5 0 0 50 100 150 t a , ambient tempera ture ( c) r q ja = 370 c/w 250 p d , power dissip a tion (mw) 300 fig2. v ce(sat) versus i c 1 0.1 0.01 0.001 0 2 04 06 0 8 0 i c , collect or current (ma) v ce(sat) , maximum collect or vol t age (vol ts) t a =-25 c 25 c i c /i b = 10 75 c electrical characteristics (t a = 25 c unless otherwise noted) (continued) characteristic symbol min typ max unit on characteristics (note 1) (continued) output v oltage (of f) (v cc = 5.0 v , v b = 0.5 v , r l = 1.0 k ) (v cc = 5.0 v , v b = 0.050 v , r l = 1.0 k ) mun2230 (v cc = 5.0 v , v b = 0.25 v , r l = 1.0 k ) mun2215 mun2216 mun2233 mun2240 v oh 4.9 - - vdc input resistor mun221 1 mun2212 mun2213 mun2214 mun2215 mun2216 mun2230 mun2231 mun2232 mun2233 mun2234 mun2235 mun2236 mun2237 mun2240 mun2241 r 1 7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 70 32.9 70 32.9 70 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 100 47 100 47 100 13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 130 61.1 130 61.1 100 k resistor ratio mun221 1/mun2212/mun2213 mun2236 mun2214 mun2215/mun2216/mun2240 mun2241 mun2230/mun2231/mun2232 mun2233 mun2234 mun2237 r 1 /r 2 0.8 0.17 - 0.8 0.055 0.38 1.7 1.0 0.21 - 1.0 0.1 0.47 2.1 1.2 0.25 - 1.2 0.185 0.56 2.6 1. pulse t est: pulse width < 300 m s, duty cycle < 2.0%
weitron http://www .weitron.com.tw mun221 1 series h fe , dc current gain fig3. dc current gain 1000 100 10 1 1 0 100 i c , collect or current (ma) t a =75 c 25 c -25 c v ce = 10 v fig4. output capacitance 50 01 0 2 0 3 0 4 0 4 3 1 2 0 v r , reverse bias vol t age (vol ts) c ob , cap acit ance (pf) f = 1 mhz i e = 0 v t a = 25 c i c , collect or current (ma) fig5. output current versus input v oltage 75 c 25 c t a =-25 c 100 10 1 0.1 0.01 0.001 01 2 3 4 v in , input vol t age (vol ts) 56 7 8 9 1 0 v o = 5 v v in , input vol t age (vol ts) 10 02 0 3 0 i c , collect or current (ma) 10 1 0.1 v o = 0.2 v t a =-25 c 75 c 25 c 40 50 fig6. input v oltage versus output current fig. v ce(sat) versus i c 0.001 v ce(sat) , maximum collect or vol t age (vol ts) 25 c i c /i b = 10 0.01 0.1 1 40 i c , collect or current (ma) 02 0 6 0 8 0 t a =-25 c 75 c h fe , dc current gain fig8. dc current gain 1000 10 i c , collect or current (ma) t a =75 c 25 c -25 c 100 10 1 100 8 0 v ce = 10 v
weitron http://www .weitron.com.tw mun221 1 series fig9. output capacitance 50 01 0 2 0 3 04 0 4 3 2 1 0 v r , reverse bias vol t age (vol ts) c ob , cap acit ance (pf) f = 1 mhz i e = 0 v t a = 25 c i c , collect or current (ma) fig10. output current versus input v oltage 75 c 25 c 100 0 v in , input vol t age (vol ts) 10 1 0.1 0.01 0.001 24 6 8 1 0 t a =-25 c v o = 5 v v in , input vol t age (vol ts) 0 i c , collect or current (ma) 100 v o = 0.2 v t a =-25 c 75 c 10 1 0.1 10 20 30 40 50 25 c fig1 1. input v oltage versus output current fig12. v ce(sat) versus i c 02 0 4 0 6 0 8 0 10 1 0.1 0.01 i c , collect or current (ma) t a =-25 c 25 c 75 c v ce(sat) , maximum collect or vol t age (vol ts) i c /i b = 10 h fe , dc current gain fig13. dc current gain 1000 10 i c , collect or current (ma) t a =75 c 25 c -25 c 100 10 1 100 v ce = 10 v fig14. output capacitance 50 01 0 2 0 3 0 4 0 1 0.8 0.6 0.4 0.2 0 v r , reverse bias vol t age (vol ts) c ob , cap acit ance (pf) f = 1 mhz i e = 0 v t a = 25 c
weitron http://www .weitron.com.tw mun221 1 series i c , collect or current (ma) 02 4 6 8 1 0 100 10 1 0.1 0.01 0.001 v in , input vol t age (vol ts) t a =-25 c 75 c 25 c fig15. output current versus input v oltage v o = 5 v v in , input vol t age (vol ts) 100 10 1 0.1 01 0 2 0 3 0 4 0 5 0 i c , collect or current (ma) fig16. input v oltage versus output current t a =-25 c 25 c 75 c v o = 0.2 v fig17. v ce(sat) versus i c i c , collect or current (ma) 02 0 4 0 6 0 8 0 v ce(sat) , maximum collect or vol t age (vol ts) 1 0.1 0.01 0.001 t a =-25 c 25 c 75 c i c /i b = 10 h fe , dc current gain fig18. dc current gain 1 1 0 100 i c , collect or current (ma) -25 c 25 c t a =75 c v ce = 10 300 250 200 150 100 50 0 2468 1 5 2 0 4 0 5 0 6 0 7 0 8 0 9 0 4 3.5 3 2.5 2 1.5 1 0.5 0 0 2 4 6 8 1 01 5 2 02 53 03 5 4 04 55 0 v r , reverse bias vol t age (vol ts) fig19. output capacitance c ob , cap acit ance (pf) f = 1 mhz l e = 0 v t a = 25 c 100 10 1 02 4 6 8 1 0 i c , collect or current (ma) fig20. output current versus input v oltage v in , input vol t age (vol ts) 75 c 25 c t a =-25 c v o = 5 v
weitron http://www .weitron.com.tw mun221 1 series 10 1 0.1 01 0 2 0 3 0 4 0 5 0 v in , input vol t age (vol ts) fig21. input v oltage versus output current i c , collect or current (ma) v o = 0.2 v t a =-25 c 25 c 75 c fig22. v ce(sat) versus i c i c , c o l l e c t o r c u r r e n t ( m a ) 0 1 0 2 0 3 0 4 0 1 0 . 1 0 . 0 1 t a = - 2 5 c 2 5 c 7 5 c v c e ( s a t ) , c o l l e c t o r v o l t a g e ( v o l t s ) i c / i b = 1 0 5 1 5 2 5 3 5 fig23. dc current gain 0 . 1 1 1 0 0 i c , c o l l e c t o r c u r r e n t ( m a ) v c e = 1 0 v 1 0 0 0 1 0 0 1 0 1 0 h f e , d c c u r r e n t g a i n t a = - 2 5 c 2 5 c 7 5 c 4 3 . 5 3 2 . 5 2 1 . 5 1 0 . 5 0 0 5 1 0 1 5 2 0 2 5 3 0 3 5 4 0 4 5 v r , r e v e r s e b i a s v o l t a g e ( v o l t s ) fig24. output capacitance f = 1 m h z l e = 0 v t a = 2 5 c c o b , c a p a c i t a n c e ( p f ) 5 4 . 5 1 0 0 1 0 0 5 1 0 fig25. output current versus input v oltage v i n , i n p u t v o l t a g e ( v o l t s ) 7 5 c 2 5 c t a = - 2 5 c v o = 5 v 1 5 2 0 2 5 3 0 3 5 4 0 1 0 . 1 i c , c o l l e c t o r c u r r e n t ( m a ) 1 0 0 1 0 . 1 0 1 0 2 0 3 0 3 5 5 fig26. input v oltage versus output current i c , c o l l e c t o r c u r r e n t ( m a ) v o = 0 . 2 v t a = - 2 5 c 2 5 c 7 5 c 1 5 2 5 1 0 v i n , i n p u t v o l t a g e ( v o l t s )
weitron http://www .weitron.com.tw mun221 1 series fig27. v ce(sat) versus i c i c , c o l l e c t o r c u r r e n t ( m a ) 0 1 0 2 0 3 0 4 0 1 0 . 1 0 . 0 1 t a = - 2 5 c 2 5 c 7 5 c v c e ( s a t ) , c o l l e c t o r v o l t a g e ( v o l t s ) i c / i b = 1 0 5 1 5 2 5 3 5 fig28. dc current gain 1 1 0 0 i c , c o l l e c t o r c u r r e n t ( m a ) v c e = 1 0 v 1 0 0 0 1 0 0 1 1 0 h f e , d c c u r r e n t g a i n t a = - 2 5 c 2 5 c 7 5 c 1 0 1 . 4 1 0 . 6 0 . 2 0 0 5 1 0 1 5 2 0 2 5 3 0 3 5 4 0 4 5 v r , r e v e r s e b i a s v o l t a g e ( v o l t s ) fig29. output capacitance f = 1 m h z l e = 0 v t a = 2 5 c c o b , c a p a c i t a n c e ( p f ) 1 . 8 1 . 6 1 . 2 0 . 8 0 . 4 2 1 0 0 1 0 0 2 4 fig30. output current versus input v oltage v i n , i n p u t v o l t a g e ( v o l t s ) 7 5 c 2 5 c t a = - 2 5 c v o = 5 v 6 8 1 0 1 2 1 4 1 6 1 0 . 0 0 1 i c , c o l l e c t o r c u r r e n t ( m a ) 0 . 1 0 . 0 1 1 0 0 1 0 1 0 2 0 3 0 4 0 5 fig31. input v oltage versus output current i c , c o l l e c t o r c u r r e n t ( m a ) v o = 0 . 2 v t a = - 2 5 c 2 5 c 7 5 c 1 5 2 5 1 0 v i n , i n p u t v o l t a g e ( v o l t s ) 3 5
weitron http://www .weitron.com.tw mun221 1 series typical applica tions for npn brt s fig32. level shifter: connects 12 or 24 v olt circuits to logic i s o l a t e d l o a d f r o m m p o r o t h e r l o g i c + 1 2 v i n o u t v c c fig33. open collector inverter: inverts the input signal l o a d + 1 2 v fig34. inexpensive, unregulated current source
weitron http://www .weitron.com.tw mun221 1 series j k g d c h s a l b 3 2 1 t op v iew a b c d g h j k l s 2.70 1.30 1.00 0.35 1.70 0.00 0.10 0.20 1.25 2.25 3.10 1.70 1.30 0.50 2.30 0.10 0.26 0.60 1.65 3.00 dim min max all dimension in mm sc-59 sc-59 outline dimension


▲Up To Search▲   

 
Price & Availability of MUN221109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X