Part Number Hot Search : 
V2010 B380C SMS51 SL221 AM7947 TA124 TA124 C4050
Product Description
Full Text Search
 

To Download MC74VHC1GT14DFT2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vht14?1/4 mc74vhc1gt14 the mc74vhc1gt14 is a single gate cmos schmitt?trigger inverter fabricated with silicon gate cmos technology. it achieves high speed operation similar to equivalent bipolar schottky ttl while maintaining cmos low power dissipation. the internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable outpu t. the device input is compatible with ttl?type input thresholds and the output has a full 5 v cmos level output swing. the input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic?level translator from 3.0 v cmos logic to 5.0 v cmos logic or from 1.8 v cmos logic to 3.0 v cmos logic while operating at the high?voltage power supply. the mc74vhc1gt14 input structure provides protection when voltages up to 7 v are applied, regardless of the supply voltage. thi s allows the mc74vhc1gt14 to be used to interface 5 v circuits to 3 v circuits. the output structures also provide protection whe n v cc = 0 v. these input and output structures help prevent device destruction caused by supply voltage ? input/output voltage mismat ch, battery backup, hot insertion, etc. the mc74vhc1gt14 can be used to enhance noise immunity or to square up slowly changing wave forms. schmitt-trigger inverter/ cmos logic level shifter with lsttl?compatible inputs vc d vc d 1 3 2 4 5 sot?23/tsop?5/sc?59 dt suffix case 483 sc?70/sc?88a/sot?353 df suffix case 419a 1 3 2 4 5 marking diagrams pin 1 d = date code pin 1 d = date code figure 1. pinout (top view) figure 2. logic symbol pin assignment 1nc 2 in a 3 gnd 4 out y 5v cc function table inputs output ay lh hl ordering information see detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.  high speed: t pd = 4.5 ns (typ) at v cc = 5 v  low power dissipation: i cc = 2 ma (max) at t a = 25c  ttl?compatible inputs: v il = 0.8 v; v ih = 2.0 v  cmos?compatible outputs: v oh > 0.8 v cc ; v ol < 0.1 v cc @ load  power down protection provided on inputs and outputs  balanced propagation delays  pin and function compatible with other standard logic families  chip complexity: fets = 100; equivalent gates = 25
vht14?2/4 mc74vhc1gt14 device junction temperature versus time to 0.1% bond failures junction t ime, time, temperature c hours years 80 1,032,200 117.8 90 419,300 47.9 100 178,700 20.4 110 79,600 9.4 120 37,000 4.2 130 17,800 2.0 140 8,900 1.0 normalized failure rate figure 3. failure rate vs. time junction temperature 1 1 10 100 1000 maximum ratings symbol parameter value unit v cc dc supply voltage ? 0.5 to + 7.0 v v in dc input voltage ? 0.5 to +7.0 v v out dc output voltage v cc =0 ? 0.5 to +7.0 v high or low state ?0.5 to v cc + 0.5 i ik input diode current ?20 ma i ok output diode current v out < gnd; v out > v cc +20 ma i out dc output current, per pin + 25 ma i cc dc supply current, v cc and gnd +50 ma p d power dissipation in still air sc?88a, tsop?5 200 mw ja thermal resistance sc?88a, tsop?5 333 c/w t l lead temperature, 1 mm from case for 10 s 260 c t j junction temperature under bias + 150 c t stg storage temperature ?65 to +150 c v esd esd withstand voltage human body model (note 2) >2000 v machine model (note 3) > 200 charged device model (note 4) n/a i latch?up latch?up performance above v cc and below gnd at 125c (note 5) 500 ma 1. maximum ratings are those values beyond which damage to the device may occur. exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. functional operation under absolute?maximum?rated conditions is not implied. functional operation should be restricted to the recommended operating conditions. 2. tested to eia/jesd22?a114?a 3. tested to eia/jesd22?a115?a 4. tested to jesd22?c101?a 5. tested to eia/jesd78 time, years recommended operating conditions symbol parameter min max unit v cc dc supply voltage 3.0 5.5 v v in dc input voltage 0.0 5.5 v v out dc output voltage v cc = 0 0.0 5.5 v high low state 0.0 v cc t a operating temperature range ? 55 + 125 c t r ,t f input rise and fall time v cc = 3.3 0.3 v 0 100 ns/v v cc = 5.0 0.5 v 0 20
vht14?3/4 dc electrical characteristics v cc t a = 25 c t a < 85 c ?55c < t a < 125c symbol parameter test conditions (v) min typ max min max min max unit v t+ positive threshold 3.0 1.20 1.40 1.60 1.6 1.60 v voltage 4.5 1.58 1.74 2.00 2.0 2.0 5.5 1.79 1.94 2.10 2.0 2.0 v t? negative threshold 3.0 0.35 0.76 0.93 0.35 0.35 v voltage 4.5 0.5 1.01 1.18 0.5 0.5 5.5 0.6 1.13 1.29 0.6 0.6 v h hysteresis voltage 3.0 0.30 0.64 1.20 0.30 1.20 0.30 1.20 4.5 0.40 0.73 1.40 0.40 1.40 0.40 1.40 5.5 0.50 0.81 1.60 0.50 1.60 0.50 1.60 v oh minimum high?level v in < v t ? min 2.0 1.9 2.0 1.9 1.9 v output voltage i oh = ?50 a 3.0 2.9 3.0 2.9 2.9 4.5 4.4 4.5 4.4 4.4 i oh = ?4 ma 3.0 2.58 2.48 2.34 i oh = ?8 ma 4.5 3.94 3.80 3.66 v ol maximum low?level v in > v t + min l 2.0 0.0 0.1 0.1 0.1 v output voltage i ol = 50 a 3.0 0.0 0.1 0.1 0.1 4.5 0.0 0.1 0.1 0.1 i ol = 4 ma 3.0 0.36 0.44 0.52 i ol = 8 ma 4.5 0.36 0.44 0.52 i in maximum input v in = 5.5 v or gnd 0 to5.5 0.1 1.0 1.0 a leakage current i cc maximum quiescent v in = v cc or gnd 5.5 2.0 20 40 a supply current i cct quiescent supply input: v in = 3.4 v 5.5 1.35 1.50 1.65 ma current i opd output leakage v out = 5.5 v 0.0 0.5 5.0 10 a current mc74vhc1gt14 ac electrical characteristics c load = 50 pf, input t r = t f = 3.0 ns t a = 25 c t a < 85 c ?55c vht14?4/4 mc74vhc1gt14 figure 4. switching waveforms *includes all probe and jig capacitance figure 5. test circuit device ordering information device nomenclature mc74vhc1gt14dft1 mc 74 vhc1g t14 df t1 sc?70/sc?88a/ 178 mm (7 in) sot?353 3000 unit MC74VHC1GT14DFT2 mc 74 vhc1g t14 df t2 sc?70/sc?88a/ 178 mm (7 in) sot?353 3000 unit mc74vhc1gt14dtt1 mc 74 vhc1g t14 dt t1 sot?23/tsops/ 178 mm (7 in) sc?59 3000 unit device order number circuit indicator temp range identifier technology device function package suffix tape & reel suffix package type (name/sot#/ common name) tape and reel size 3.0v v oh v ol


▲Up To Search▲   

 
Price & Availability of MC74VHC1GT14DFT2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X