Part Number Hot Search : 
371MX AD9640 TFS70L9 SF15SC6 80014 MC1733 MPQ4460 D2508
Product Description
Full Text Search
 

To Download GLC110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gunter semiconductor gmbh gunter semiconductor gmbh gunter semiconductor gmbh gunter semiconductor gmbh GLC110 n channel power mosfet for logic driver chip specification general description: * advanced process technology * dynamic dv/dt rating * 175 operating temperature * fast switching * fully avalanche rated * r ds(on) rated at vgs = 5v * ease of parallel mechanical data: d3 dimension 1.61mm x 2.21mm thickness: 400 ? m metallization : top : : al backside : crniag / au suggested bonding conditions: die mounting: solder perform 95/5 pbsn or 92.5./2.5/5 pbagin source bonding wire : 5 mil al absolute maximum rating @ta=25 characteristics symbol limit unit test conditions drain-to-source breakdown voltage v(br)dss 100 v vgs=0v, id=250 ? static drain-to - source on-resistance rds(on) 0.54 ? vgs=5v, id=3.45 continuous drain current ( in target package) id@25 5.6 a vgs= 5v continuous drain current ( in target package) id@100 4a vgs= 5v operation junction temperature tj -55~175 storage temperature t str -55~175 target device: irl510 to-220ab p d 43 w @tc=25


▲Up To Search▲   

 
Price & Availability of GLC110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X