Part Number Hot Search : 
04G50AM HBC548 1202D IT1750 342A138 DG411 2SC411 R635005
Product Description
Full Text Search
 

To Download CGRC301-G12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d g e n e r a l p u r p o s e r e c t i f i e r s glass passivated t ype reverse v oltage: 50 to 1000 v olts forward current: 3.0 amp rohs device page 1 rev :b features -ideal for surface mount applications. -easy pick and place. -plastic package has underwriters lab. flammability classification 94v -0. -built in strain relief. -high surge current capability . mechanical data -case: jedec do-214ab, molded plastic. -t erminals: solderable per mil-std-750, method 2026. -polarity: color band denotes cathode end. -approx. weight: 0.23 grams cgrc301-g thru. cgrc307-g d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) no tes : 1. th erm al r esi sta nce fro m jun ctio n t o t erm ina l m oun ted on p .c. b. wit h 5 .0 5.0 m m squ are (0 .13 mm th ick ) la nd are a. comchip t echnology co., l td. maximum ratings and electrical characteristics cgrc 301-g max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage peak surge forward current, 8.3ms single half sine-wave superimposed on rate load (jedec method) max. average forward current max. instantaneous forward voltage at 3.0a max. dc reverse current at t a =25c rated dc blocking voltage t a =125c max. thermal resistance (note 1) max. operating junction temperature storage temperature cgrc 302-g cgrc 303-g cgrc 304-g cgrc 305-g units symbol parameter v rrm v dc v rms i fsm i o v f i r r ja t j t stg 50 50 35 100 100 70 200 200 140 400 400 280 100 3.0 1.1 5.0 250 50 150 -55 to +150 600 600 420 v v v a a v a c/w c c cgrc 306-g cgrc 307-g 800 800 560 1000 1000 700 d o - 2 1 4 a b ( s m c ) 0.245(6.22) 0.220(5.59) 0.126(3.20) 0.1 14(2.90) 0.320(8.13) 0.305(7.75) 0.012(0.305) 0.006(0.152) 0.008(0.20)max 0.060(1.52) 0.030(0.76) 0.103(2.62) 0.079(2.06) 0.280(7.1 1) 0.260(6.60) qw -bg005
ra ting and characteristic cur ves (cgrc301-g thru cgrc307-g) percent of rated peak reverse v oltage (%) 120 80 40 0 fig.1 reverse characteristics 0.01 1 10 100 1000 forward v oltage (v) 0 fig.2 forward characteristics 0.01 0.1 1 10 0.2 reverse v oltage (v) 0.1 fig.3 junction capacitance 1 10 100 1 10 100 ambient t emperature (c) fig.4 current derating curve 0 1.5 2.0 3.5 comchip t echnology co., l td. page 2 rev :b 0.4 0.8 1.4 1.2 0 25 175 0.5 3.0 60 140 1.0 s m d g e n e r a l p u r p o s e r e c t i f i e r s 20 100 0.1 0.6 1.0 o t j =25 c f=1mhz vsig=50mvp-p 50 75 100 125 150 2.5 single phase, half wave 60hz, resistive or inductive load number of cycles at 60hz 1 fig.5 non-repetitive forward surge current 0 60 120 10 100 o t j =25 c 8.3ms single half sine wave, jedec method 20 40 100 80 o t j =125 c o t j =25 c o t j =25 c pulse width 300 s 4% duty cycle p e a k f o r w a r d s u r g e c u r r e n t ( a ) j u n c t i o n c a p a c i a t n c e ( p f ) r e v e r s e c u r r e n t ( u a ) f o r w a r d c u r r e n t ( a ) a v e r a g e f o r w a r d c u r r e n t ( a ) qw -bg005
comchip t echnology co., l td. page 3 rev :b b c d d d 2 d 1 d o - 2 1 4 a b ( s m c ) s y m b o l a ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 6 . 3 ( m a x ) 8 . 6 ( m a x ) 8 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 5 0 . 0 m i n . 1 3 . 5 1 . 0 0 2 . 9 ( m a x ) 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 1 6 . 0 0 . 2 0 2 2 . 4 m a x . 3 3 0 1 . 0 0 0 . 3 3 8 ( m a x ) 0 . 2 4 8 ( m a x ) 0 . 1 1 4 ( m a x ) 0 . 0 5 9 0 . 0 0 4 1 3 . 0 0 0 . 0 3 9 0 . 5 3 1 0 . 0 3 9 s y m b o l ( m m ) ( i n c h ) 0 . 6 2 9 0 . 0 0 8 0 . 3 1 4 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 2 0 . 8 8 2 m a x e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 6 8 9 0 . 0 0 4 7 . 5 0 0 . 0 5 0 . 2 9 5 0 . 0 0 2 d o - 2 1 4 a b ( s m c ) polarity s m d g e n e r a l p u r p o s e r e c t i f i e r s qw -bg005 o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed reel t aping specification i n d e x h o l e d e f b w p p 0 p 1 a
comchip t echnology co., l td. page 4 rev :b suggested p ad layout park number 301 thru 307 marking code marking code standard packaging case t ype qty per reel (pcs) 3,000 reel size (inch) 13 size (inch) 0.244 (mm) 6.20 1.60 4.80 0.063 0.189 7.80 1.441 e 4.6 0.181 b c d a a b c e d cgrc301-g thru cgrc307-g xxx d o - 2 1 4 a b ( s m c ) d o - 2 1 4 a b ( s m c ) s m d g e n e r a l p u r p o s e r e c t i f i e r s qw -bg005


▲Up To Search▲   

 
Price & Availability of CGRC301-G12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X