Part Number Hot Search : 
RT1A040 04304 FDV0840 221MT 0D181 BU9795 683J250 FPSS1U
Product Description
Full Text Search
 

To Download BP5-12FR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nominal voltage nominal capacity 5.0ah @ 20 hour rate f.v.(1.75v/cell) t erminals 27m 1.5 a oo o o charge 0 c ~ 40 c(32 f ~ 104 f) oo o o discharge -20 c ~ 50 c(-4 f ~ 122 f) oo o o storage. -20 c ~ 40 c(-4 f ~ 104 f) abs(ul94-hb, ul94-v0 is optional) internal resistance length 90 1.5 width 70 1.5 container height 102 1.5 total height o u te r d im e n s io n s t e r m in a l t y p e 12 v max. charge current container material dimension(mm/inch) 1800g(3.97lbs.) vrla rechargeable battery (BP5-12FR) bp5-12 technology measures innovation values iso 9001 iso14001 ul ce 1062.0 b.b. battery co., ltd. powered by rev. jul. 2 009 a/0 application features maintenance free(no water topping-up required). no free acid(non-spillable battery). low self-discharge rate, lower than 3% capacity loss per month. can be used in any orientation(excluding used inverted). specifications iec61056 jis c 8702gb/t 19639 approx. weight max. discharge current 75 a (5 sec.) (fully charged ) operating tem perature range (3.54 0.06) (2.76 0.06) (4.02 0.06) (4.17 0.08) all d ata sha ll be cha nge d w itho ut p rior noti ce, bb rese rves the righ t to exp lain and upd ate the info rma tion con tain ed h erei nto. ups electronic doorbells toy-cars fans (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr unit: w o o const ant po wer di scharg e char acteris tics at 25 c/77 f 180.8 209.2222.3 232.3 240.0 133.1144.2 149.4 152.9 156.0 106.6111. 5 115.0117.6 120.0 63.565.9 67.4 68.3 69.0 36.3937.48 38.16 38.61 39.00 14.5714.87 15.00 15.10 15.20 10.0510.20 10.26 10.29 10.32 5.625.70 5.73 5.75 5.75 2.96 3.00 3.01 3.02 3.02 (v/cell) f.v. discharge time 5 min 10 min 15 min 30 min 1 hr 3 hr 5 hr 10 hr 20 hr unit: a o o const ant cu rrent d ischar ge cha racter istics at 25 c/77 f 16.3 19.220.4 21.3 22.0 11.71 12.6913.15 13.46 13.73 9.27 9.70 10.00 10.23 10.43 5.385.58 5.71 5.79 5.85 3.063.15 3.21 3.24 3.28 1.211.24 1.25 1.26 1.27 0.8370.850 0.855 0.858 0.860 0.4680.475 0.477 0.479 0.479 0.246 0.250 0.251 0.252 0.252 1 0 2 1 . 5 ( 4 . 0 2 0 . 0 6 ) 1 0 6 2 ( 4 . 1 7 0 . 0 8 ) 901. 5( 3. 540. 06 ) 701. 5( 2. 760. 06 ) t e rm in a l t 1 4 . 7 5 ( 0 . 1 9 ) 3. 2( 0. 13 ) 6. 35 (0 .2 5) 0 . 8 ( 0 . 0 3 ) t e rm in a l t 2 3. 4( 0. 13 ) 6 . 3 5 ( 0 . 2 5 ) 7. 85 (0 .3 1) 0 . 8 ( 0 . 0 3 ) 1.80v 1.75v 1.70v 1.65v 1.60v 1.80v 1.75v 1.70v 1.65v 1.60v t1 (faston tab 187) t2 is optional


▲Up To Search▲   

 
Price & Availability of BP5-12FR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X