Part Number Hot Search : 
74AVC1 MAX9762 NX2016AA 1N5819TR MCS0805 LS400 SJ100603 TL550
Product Description
Full Text Search
 

To Download ABBTM-24GHZ-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  26.9 x 13.0 x 2.5 mm smt bluetooth module applications: features: pb rohs compliant abracon is iso 9001 / qs 9000 cer tified abracon is iso 9001:2008 cer tified 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 01.10.12 visit www.abracon.com for terms & conditions of sale |||||||| | | | | | | | abbtm-2.4ghz-t 26.9 x 13.0 x 2.5 mm smt ? bluetooth spec v2.0+edr compliant ? class 2, up to 10-meter range ? complete 2.4ghz bluetooth ? system ? power management: low power 1.8v operation for bluetooth ? core ? compact size: 26.9mm (l) x 13 (w) mm x 2.2mm (h) ? bluetooth ? profile supported: spp,hsp, hfp, opp,pbap ? internal antenna ? on-board flash memory (8mbits) ? supports multiple connections ? surface mount module for embedded applications ? several firmware options ? rewritable flash memory for easy upgrade route ? custom firmware production available ? hand-held devices ? printers ? personal navigation devices ? pdas and other portable terminals ? mp3 headset abracon's abbtm is a complete bluetooth? solution. it is built on csr bc04-external core and 8mbit flash memory. its a short range, compact and cost effective module. designed to be embedded into elec tronic devices needing bluetooth? connectivity. the abbtm module is a power class2 bluetooth? device, and is in compliance with version 2.0+edr of the bluetooth? specification. it includes csr bc04-external core and 8mbit flash memory, internal antenna, supporting circuitry, together with higher-level software proto - cols and applications such as l2cap, sdp, gap, hsp, hfp, opp and pbap are resident in the flash memory. general description o peratin g f requ e nc y b a nd 2.4ghz ~ 2.48ghz u nlicense d i s m b a nd b l ue t oot h s peci f i c a tion v 2.0 + ed r o ut put p ow er c l a ss c l a ss 2 o peratin g v olta g e + 3.3v h ost i nt e rfa c e u s b 1.1/ 2.0 or uar t a udi o i nt erfa c e pcm i nt erf a c e f l a sh me m or y s i z e 8 mb abs o l ute m a x i m um r a t i ng s m i ni m um m a x i m u m s t o ra g e t e m p e ra t u re - 4 0 o c + 1 5 0 o c su p p l y v o l t a g e : v b a t - 0 . 4 v 5 . 6 v o t h e r t e r m i n a l v o l t a g e s v ss - 0 . 4 v vdd+ 0 . 4 v r eco m m e nde d o pera ti ng c o ndi t i o n s m i ni m um m a x i m um o p e ra t i n g t e m p e ra t u re ra n g e - 4 0 o c + 8 5 o c g u a ra n t e e d r f p e rf o r m a n c e r a n g e - 4 0 o c + 8 5 o c supp l y v o l t a g e : v b a t 2 . 2 v 4 . 2 v electrical specifications: fcc id# a8rabbtm2-4g
26.9 x 13.0 x 2.5 mm smt bluetooth module pb rohs compliant abracon is iso 9001 / qs 9000 cer tified abracon is iso 9001:2008 cer tified 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 01.10.12 visit www.abracon.com for terms & conditions of sale |||||||| | | | | | | | abbtm-2.4ghz-t 26.9 x 13.0 x 2.5 mm smt power consumption n o t e : low power mode on the linear regulator is entered and exited automatically when the chip enters/leaves deep sleep mode. o p e r a t i on m o d e c o nnecti o n t y p e u a r t r a t e ( k bps ) a v erage u n i t p a ge s can - 1 1 5. 2 0.42 m a a c l n o t r a f f i c m a s t e r 1 1 5. 2 4.60 m a a c l w i t h f i l e t r a n sfer m a st e r 1 1 5. 2 1 0. 3 m a a c l 1 . 28s s n i f f m a s t e r 3 8. 4 0.37 m a a c l 1 . 28s s n i f f s l a v e 3 8. 4 0.42 m a sco h v 3 3 0 m s s n i f f m a s t e r 3 8. 4 1 9. 8 m a sco h v 3 3 0 m s s n i f f s l a v e 3 8. 4 1 9. 0 m a s t a n d b y h o s t c onn e c t i o n - 3 8. 4 4 0 a reference circuit b l ue toot h uar t tx b l ue toot h uar t r x modul e p ow er b t_tx b t_r x 3v 3 l ed s t a t e i ndi cation fcc id# a8rabbtm2-4g
26.9 x 13.0 x 2.5 mm smt bluetooth module pb rohs compliant abracon is iso 9001 / qs 9000 cer tified abracon is iso 9001:2008 cer tified 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 01.10.12 visit www.abracon.com for terms & conditions of sale |||||||| | | | | | | | abbtm-2.4ghz-t 26.9 x 13.0 x 2.5 mm smt f i r m w ar e c on f i gu r at i on a ) uar t b a ud: 115200 , n , 8, 1 b) b l ue toot h n a m e : a b b tm c ) p i n c ode : 0000 state indicator a ) c onnect a bl e a nd di sc ov e rabl e l ed : 100m s h i g h l e ve l pe r 2 s b) c onnect e d l ed : a l w a y s on software description 1. a f t er p ow e r on 3v 3, t he m o dul e i s c onnect a bl e a n d p a i r i ng 2. a b b tm - 2.4ghz - t can be f ound w ith t he na m e ? a b b tm ? vi a a n y b l ue t o ot h de vi c e 3. i nput t he p i nc ode ? 0000? , y ou c a n pa i r w ith t he m o dul e na m e d ? a b b tm? 4. the n t he a bbtm can be c onnect e d 5. d a t a c a n be t rans ferre d be t w e e n t he a bbtm a nd a n y ot her b l ue t oot h de vi c e mechanical dimensions pi n # 1 pi n # 34 no . p in na m e no . p in na m e 1 uar t - t x 1 8 s p i - m i s o 2 uar t - r x 1 9 s p i - c l k 3 uar t - c t s 2 0 us b d+ 4 uar t - r t s 2 1 gnd 5 p c m - c l k 2 2 gnd 6 p c m - out 2 3 p i o ( 0 ) 7 p c m - i n 2 4 p i o ( 1 ) 8 p c m - s y nc 2 5 p i o ( 2 ) 9 a i 0 ( 0 ) 2 6 p i o ( 3 ) 1 0 a i o ( 1 ) 2 7 p i o ( 4 ) 1 1 r e s e t 2 8 p i o ( 5 ) 1 2 + 3 . 3 v 2 9 p i o ( 6 ) 1 3 gnd 3 0 p i o ( 7 ) 1 4 gnd 3 1 p i o ( 8 ) 1 5 us b d - 3 2 p i o ( 9 ) 1 6 s p i - c s b 3 3 p i o ( 1 0 ) 1 7 s p i - m os i 3 4 p i o ( 1 1 )
p in # n a m e t y p e f unc t io n 1 u a r t - t x c m o s o u t p u t u a r t d a t a o u t p u t 2 u a r t - r x c m o s i n p u t u a r t d a t a i n p u t 3 u a r t - c t s c m o s i n p u t u a r t c l e a r t o s e n d a c t i v e l o w 4 u a r t - r t s c m o s o u t p u t u a r t r e q u e s t t o s e n d a c t i v e l o w 5 p c m - c l k b i - d i r e c t i o n a l s y n c h r o n o u s d a t a c l o c k 6 p c m - o u t c m o s o u t p u t s y n c h r o n o u s d a t a o u t p u t 7 p c m - i n c m o s i n p u t s y n c h r o n o u s d a t a i n p u t 8 p c m - s y n c b i - d i r e c t i o n a l s y n c h r o n o u s d a t a s ync 9 a i o ( 0 ) b i - d i r e c t i o n a l p r o g r a m m a b l e i n p u t / o u t p u t l i n e 1 0 a i o ( 1 ) b i - d i r e c t i o n a l p r o g r a m m a b l e i n p u t / o u t p u t l i n e 1 1 r e s e t b c m o s i n p u t r e s e t i f l o w . i n p u t d e b o u n c e d s o m u s t b e l o w f o r > 5 m s t o c a u s e a r e s e t 1 2 3 . 3 v p o w e r + 3 . 3 v s u p p l y 1 3 g n d g n d g r o und 1 4 g n d g n d g r o und 1 5 u s b d - b i - d i r e c t i o n a l u s b d a t a m i n u s 1 6 s p i - c s b c m o s i n p u t c h i p s e l e c t f o r s y n c h r o n o u s s e r i a l i n t e r f a c e 1 7 s p i - m o s i c m o s i n p u t s e r i a l p e r i p h e r a l i n t e r f a c e d a t a i n p u t 1 8 s p i - m i s o c m o s o u t p u t s e r i a l p e r i p h e r a l i n t e r f a c e d a t a o u t p u t 1 9 s p i - c l k c m o s i n p u t s e r i a l p e r i p h e r a l i n t e r f a c e c l o c k 2 0 u s b d + b i - d i r e c t i o n a l u s b d a t a p l u s w i t h s e l e c t a b l e i n t e r n a l 1 . 5 k ? 2 1 g n d g n d g r o und 2 2 g n d g n d g r o und 2 3 p i o ( 0 ) b i - d i r e c t i o n a l w i t h p r o g r a m m a b l e s t r e n g t h c o n t r o l o u t p u t f o r e x t e r n a l l n a ( i f f i t t e d ) 2 4 p i o ( 1 ) b i - d i r e c t i o n a l w i t h p r o g r a m m a b l e s t r e n g t h c o n t r o l o u t p u t f o r e x t e r n a l p a ( i f f i t t e d ) 2 5 p i o ( 2 ) b i - d i r e c t i o n a l p r o g r a m m a b l e i n p u t / o u t p u t l i n e 2 6 p i o ( 3 ) b i - d i r e c t i o n a l p r o g r a m m a b l e i n p u t / o u t p u t l i n e 2 7 p i o ( 4 ) b i - d i r e c t i o n a l w i t h p r o g r a m m a b l e s t r e n g t h p r o g r a m m a b l e i n p u t / o u t p u t l i n e o r o p t i o n a l b t _ p r i o r i t y / c h _ c l k o u t p u t f o r c o - 2 8 p i o ( 5 ) b i - d i r e c t i o n a l w i t h p r o g r a m m a b l e s t r e n g t h p r o g r a m m a b l e i n p u t / o u t p u t l i n e o r o p t i o n a l b t _ a c t i v e o u t p u t f o r c o - e x i s t e n c e 2 9 p i o ( 6 ) b i - d i r e c t i o n a l w i t h p r o g r a m m a b l e s t r e n g t h p r o g r a m m a b l e i n p u t / o u t p u t l i n e o r o p t i o n a l w l a n _ a c t i v e / c h _ d a t a i n p u t f o r c o - 3 0 p i o ( 7 ) b i - d i r e c t i o n a l p r o g r a m m a b l e i n p u t / o u t p u t l i n e 3 1 p i o ( 8 ) b i - d i r e c t i o n a l p r o g r a m m a b l e i n p u t / o u t p u t l i n e 3 2 p i o ( 9 ) b i - d i r e c t i o n a l p r o g r a m m a b l e i n p u t / o u t p u t l i n e 3 3 p i o ( 10) b i - d i r e c t i o n a l p r o g r a m m a b l e i n p u t / o u t p u t l i n e 3 4 p i o ( 11) b i - d i r e c t i o n a l p r o g r a m m a b l e i n p u t / o u t p u t l i n e 26.9 x 13.0 x 2.5 mm smt bluetooth module pb rohs compliant abracon is iso 9001 / qs 9000 cer tified abracon is iso 9001:2008 cer tified 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 01.10.12 visit www.abracon.com for terms & conditions of sale |||||||| | | | | | | | abbtm-2.4ghz-t 26.9 x 13.0 x 2.5 mm smt pin description fcc id# a8rabbtm2-4g
26.9 x 13.0 x 2.5 mm smt bluetooth module pb rohs compliant abracon is iso 9001 / qs 9000 cer tified abracon is iso 9001:2008 cer tified 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 01.10.12 visit www.abracon.com for terms & conditions of sale |||||||| | | | | | | | abbtm-2.4ghz-t 26.9 x 13.0 x 2.5 mm smt part identification: abbtm - 2 . 4 g h z - ta pe & r eel o ptions t 5 00 units per reel t2 250 units per reel marking t s m a x t o t l ( r a m p - up r a t e ) 3 c / s econd m a x. p r e he a t t e m pe r a t ur e m i n. ( t s m i n . ) t e m pe r a t ur e t y pi c a l ( t s t y p.) t e m pe r a t ur e m a x. ( t s m a x .) t i m e ( t s ) 150 c 175 c 200 c 60 ~ 180 s e c onds r a m p - up r a t e ( t l t o t p ) 3 c / s econd m a x. t i m e m a i n t a i ne d a bov e : - - t e m pe r a t ur e ( t l ) / t i m e ( t l ) 217 c / 60 ~ 15 0 s e c onds p eak t e m pe r a t u r e ( t p ) 250 c m a x. f or 1 0 s e c onds t a r g e t p e a k t e m pe r a t ur e ( t p t a r g e t ) 250 c + 0/ - 5 c t i m e w ithi n 5 c of a c t ua l peak ( t p ) 20 ~ 40 s eco nds r a m p - dow n r a t e 6 c / s econd m a x. t un e 25 c t o p e a k t e m pe r a t ur e ( t ) 8 m i nut e s m a x. reflow profile l i n e #4: r oh s l i n e #4: c e c ertif i cation s y m bol s l i n e # 3: f cc i d l i n e #1: a bracon l o g o l i n e #2: a bracon p art # l i n e #3: d a t e c ode ( w k / y e a r ) fcc id# a8rabbtm2-4g
26.9 x 13.0 x 2.5 mm smt bluetooth module pb rohs compliant abracon is iso 9001 / qs 9000 cer tified abracon is iso 9001:2008 cer tified 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 01.10.12 visit www.abracon.com for terms & conditions of sale |||||||| | | | | | | | abbtm-2.4ghz-t 26.9 x 13.0 x 2.5 mm smt packaging: ( 500) uni t s p er reel st an d ar d , ( 250) uni t s p er r e e l availab l e ( op t i on # t 2) a) unless otherwise specified, the tolerance is 0.1mm b) the carrier tape material thickness is 0.4mm c) unless otherwise specified, the round corner is r0.3; the peeling angle is no greater than 5 d) the finished products has no rough edges and no damage; cover tape should is sealed e) material is rohs compliant a tten t i o n : a b r aco n c orpo r ation s p roducts a r e c o t s ? commer cial-of f-t h e -shelf p r o d ucts ; suitab le for commer cial, indust r ial a nd, w her e d e s i gnated, aut o m otive applicatio n s . abraco n s p r odu cts a r e not s pecif ically des igned for m ilitar y , a viation, a e rospace, lif e -de p e nda n t m edical a pplications or a n y a pplication r e qui r ing h igh r eliab ility w her e c o mpon e n t f ailure could r e s ult in loss o f lif e and/or p r o p e r t y . for app lications r e qui r i ng h i gh r eliab ility and / or pre s e n ting a n e x t r eme ope r atin g environmen t , written cons ent and autho r ization from a b r acon cor por ation i s requ i r e d. pleas e c ontact abracon c orporation for m ore i nformation. fcc id# a8rabbtm2-4g


▲Up To Search▲   

 
Price & Availability of ABBTM-24GHZ-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X