Part Number Hot Search : 
XXXGX N800206 2PC945K ECT400 AU5783 RB480Y1 S5778A DIP24
Product Description
Full Text Search
 

To Download ABBTM-24GHZ-EVAL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bluetooth module evaluation board hardware description device features: pb rohs compliant abracon is iso 9001 / qs 9000 cer tified abracon is iso 9001:2008 cer tified 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 01.26.12 visit www.abracon.com for terms & conditions of sale abbtm-2.4ghz-eval 74.0 x 68.0 mm this evaluation board contains abracon's abbtm - 2.4ghz bluetooth module, status leds, buttons, inter - faces and power regulator. the abbtm-2.4ghz device features include: ? bluetooth spec v2.0+edr compliant ? csr bluecore4 built-in ? class 2, up to 10-meter range ? complete 2.4ghz bluetooth? system ? power management: low power 1.8v operation for bluetooth? core ? compact size: 26.9mm (l) x 13 (w) mm x 2.2mm (h) ? bluetooth? profile supported: spp,hsp, hfp, opp,pbap ? internal antenna ? on-board flash memory (8mbits) ? spp profile embedded in the module (for the software version "f5a34710040f") ? interface: db25 parallel port, db9 serial port, usb interface ? power supply: +5v (from usb port) ? uart interface: programmable baud rate up to 3mbits with an optional by-pass mode ? connectivity: bluetooth laptop, computer and bluetooth adapters, pda and other devices for seamless connectivity (supports spp service) ? size: 74mm * 68mm application for abbtm-2.4ghz bluetooth module - wireless serial data transmission (spp service). can be used for engineering evaluation of the abbtm-2.4ghz device evaluation board image p ar a met e r v al u e o peratin g te m p erat ur e r a ng e - 40oc t o + 85oc s t orag e te m pe r a t ure r a ng e - 40oc t o + 85oc r e l a tive h umidi t y ( o p e r a ting ) < 90% r e l a tive h umidi t y ( s t or a g e ) < 90% function this evaluation board is designed to program and configure, abracon 's abbtm-2.4ghz bluetooth module; already soldered on the evaluation board. the user can configure the data input and output. the abbtm-2.4ghz-eval is powered up with a usb interface. the user can provide bias to the evaluation board either via a usb port of a computer, or a usb ac-dc charger. the abbtm-2.4ghz bluetooth module soldered on the evaluation board leads to four general i/o ports; which control (4) blue led's used as status indica - tors. additionally, there are (4) button inputs that lead to four general i/o ports of the abbtm-2.4ghz module. environmental conditions
pb rohs compliant abracon is iso 9001 / qs 9000 cer tified abracon is iso 9001:2008 cer tified 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 01.26.12 visit www.abracon.com for terms & conditions of sale port description 74.0 x 68.0 mm abbtm-2.4ghz-eval bluetooth module evaluation board usb port: power supply only; need a usb cable with mini-a-type and universal a-type connector. rs232 serial port wireless data input \ output interface; need a db9 serial cable (crossover, female- female)connect to pc. note: in order to communicate with the uart at its maximum data rate using a standard pc, an accelerated serial port adapter card is required for the pc. parallel port: need a db25 parallel cable (male-female), the female side is to be connected to the evaluation board, while the male side is to be connected to the pc. (4) led lights: one of the "spp" indicator is used for the spp service of the abbtm-2.4ghz bluetooth module. when abbtm-2.4ghz is not connected with the spp service, the led light will continue to flash. once spp connection is established, the led will be continuously lit. the other (3) led lights are currently reserved for the software version "f5a34710040f" of the abbtm-2.4ghz blue- tooth module; so there is no functionality associated with them. (4) touch buttons: the touch buttons currently do not have a function associated with them. they are placed as a provision for future use b l u etoot h m odul e s pp c onne c ted t o p c p a r alle l p or t t o p c s eri al p or t u sb +5v 3 v 3 p ow er suppl y 5v p ow er suppl y t ou c h button s board description p ar am e t e r p os s i b l e v a l u e s b a ud r a t e m i n i m u m 1200 ba u d ( < 2% e r r o r ) 96 00 ba u d ( < 1 % e r r o r ) m a xi m um 3m ba u d ( < 1 % e r r o r ) f l ow c ont r ol p a r i t y n um be r of s t op b i t s r t s / c t s or n on e n one , o dd or e v e n 1 or 2 b i t s p e r c h a nne l 8
pb rohs compliant abracon is iso 9001 / qs 9000 cer tified abracon is iso 9001:2008 cer tified 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 01.26.12 visit www.abracon.com for terms & conditions of sale board layout and dimensions 74.0 x 68.0 mm abbtm-2.4ghz-eval bluetooth module evaluation board
pb rohs compliant abracon is iso 9001 / qs 9000 cer tified abracon is iso 9001:2008 cer tified 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 01.26.12 visit www.abracon.com for terms & conditions of sale 74.0 x 68.0 mm abbtm-2.4ghz-eval bluetooth module evaluation board a tten t i o n : a b r aco n c orpo r ation ? s p roducts a r e c o t s ? commer cial-of f-t h e -shelf p r o d ucts ; suitab le for commer cial, indust r ial a nd, w her e d e s i gnated, aut o m otive applicatio n s . abraco n ? s p r odu cts a r e not s pecif ically des igned for m ilitar y , a viation, a e rospace, lif e -de p e nda n t m edical a pplications or a n y a pplication r e qui r ing h igh r eliab ility w her e c o mpon e n t f ailure could r e s ult in loss o f lif e and/or p r o p e r t y . for app lications r e qui r i ng h i gh r eliab ility and / or pre s e n ting a n e x t r eme ope r atin g environmen t , written cons ent and author ization from a b r acon cor por ation i s requ i r e d. pleas e c ontact abracon c orporation for m ore i nformation. evaluation board user guide demo environment setup: (the example for another bluetooth spp device is pc+bt dongle)demo environment setup: (the example for another bluetooth spp device is pc+bt dongle) 1. connect demo board to pc serial port, such as port 1. 2. connect usb 5v supply, the red led will light-up indicating that the 3v3 power supply is ready 3. run the bluetooth software such as ivts bluesoleil, to drive a bluetooth dongle. it is another spp device 4. inquire the bluetooth device and find the device named ?abbtm? 5. refresh the service and select the spp service. connect it. 6. the blue led will light-up indicating the spp connection is now setup and it acts as serial port 6 7. open the ?sercom?, and set the serial port 1. 8. open the ?sercom? again, and set the serial port 6. 9. send the string ?send from com6? form com6 to com1, and com1 receive the string ?send from com6? 10. send the string ?send from com1? form com1 to com6, and com6 receive the string ?send from com1?


▲Up To Search▲   

 
Price & Availability of ABBTM-24GHZ-EVAL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X