assmann electronics, inc. this drawing is unpublished ?copyright 2011 by assmann electronic components all international rights reserved 1840 w. drake drive, suite 101 ? tempe, az 85283 toll free: 1-877-277-6266 ? email: info@usa-assmann.com rohs compliant item no. title a-mo-8/8-sfs-r modular cable plug - 8p8c, flat cable, shielded unit: mm material: ? housing: polycarbonate ul94v2 ? contact blade: high strength copper alloy ? 100 micron nickel underplated ? plating type: 8% phosphor bronze ? plating thickness: 6 gold plated ? operating temperature: -40c ~ 125c electrical: ? current rating: 250v ac / max @2.0a ? dielectric: 500v ac ? insulation resistance: 500m complies with fcc68/f mp8p8c f 1.020.05 0.510.05 0.560.05 max 2.34 5.890.12 6.600.10 min 12.32 22.500.20 max 8.00 2.770.10 6.100.07 3.250.13 ?1.00.05 4.600.05 9.500.10 11.680.10
|