this document was generated on 04/27/2010 please check www.molex.com for latest part information part number: 0399700310 status: active description: 10.16mm (.400") beau? eurostyle? fixed mount pcb terminal block, high power 40a, 10 circuits documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification ul e48521 general product family terminal blocks series 39970 application wire-to-board component type one piece product name eurostyle?fixed mount type euro block physical circuits (loaded) 10 circuits (maximum) 10 entry angle horizontal flammability 94v-0 lock to mating part none material - metal brass, copper material - plating mating tin material - plating termination tin number of rows 1 orientation vertical pc tail length (in) 0.160 in pc tail length (mm) 4.06 mm pcb retention none panel mount no pitch - mating interface (in) 0.400 in pitch - mating interface (mm) 10.16 mm pitch - term. interface (in) 0.400 in pitch - term. interface (mm) 10.16 mm plating min: mating (in) 150 plating min: mating (m) 3.8 plating min: termination (in) 150 plating min: termination (m) 3.8 polarized to mating part n/a shrouded fully stackable no surface mount compatible (smc) no temperature range - operating 130c termination interface: style through hole wire size awg 10, 12, 14, 16, 18, 6, 8 wire size mm2 0.75 - 6.0 electrical current - maximum per contact 40a voltage - maximum 300v solder process data series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39970 series mates with n/a
lead-free process capability wave capable (th only) material info old part number 973510 reference - drawing numbers sales drawing sd-39970-004 this document was generated on 04/27/2010 please check www.molex.com for latest part information
|