Part Number Hot Search : 
FD400R8E M66700P PUMB15 SI4804 TC2000 ES04S 5KP30A EL5373
Product Description
Full Text Search
 

To Download 74VHCT14BQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74vhc14; 74vhct14 are a high-speed si-gate cmos devices and are pin compatible with low-power schottky ttl (lsttl). they are speci?ed in compliance with jedec standard no. 7a. the 74vhc14; 74vhct14 provide six inverting buffers with schmitt-trigger action. they are capable of transforming slowly changing input signals into sharply de?ned, jitter-free output signals. 2. features n balanced propagation delays n all inputs have schmitt-trigger action n inputs accept voltages higher than v cc n input levels: u the 74vhc14 operates with cmos input level u the 74vhct14 operates with ttl input level n esd protection: u hbm eia/jesd22-a114e exceeds 2000 v u mm eia/jesd22-a115-a exceeds 200 v u cdm eia/jesd22-c101c exceeds 1000 v n multiple package options n speci?ed from - 40 c to +85 c and from - 40 c to +125 c 74vhc14; 74vhct14 hex inverting schmitt trigger rev. 01 17 august 2009 product data sheet
74vhc_vhct14_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 17 august 2009 2 of 16 nxp semiconductors 74vhc14; 74vhct14 hex inverting schmitt trigger 3. ordering information 4. functional diagram table 1. ordering information type number package temperature range name description version 74vhc14d - 40 c to +125 c so14 plastic small outline package; 14 leads; body width 3.9 mm sot108-1 74vhct14d 74vhc14pw - 40 c to +125 c tssop14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 74vhct14pw 74vhc14bq - 40 c to +125 c dhvqfn14 plastic dual in-line compatible thermal enhanced very thin quad ?at package; no leads; 14 terminals; body 2.5 3 0.85 mm sot762-1 74VHCT14BQ fig 1. logic symbol fig 2. iec logic symbol fig 3. logic diagram (one schmitt-trigger) mna204 1a 1y 1 2 2a 2y 3 4 3a 3y 5 6 4a 4y 9 8 5a 5y 11 10 6a 6y 13 12 8 9 10 11 001aac497 12 13 2 1 4 3 6 5 mna025 a y
74vhc_vhct14_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 17 august 2009 3 of 16 nxp semiconductors 74vhc14; 74vhct14 hex inverting schmitt trigger 5. pinning information 5.1 pinning 5.2 pin description (1) the die substrate is attached to this pad using conductive die attach material. it can not be used as a supply pin or input. fig 4. pin con?guration so14 and tssop14 fig 5. pin con?guration dhvqfn14 74vhc14 74vhct14 1a v cc 1y 6a 2a 6y 2y 5a 3a 5y 3y 4a gnd 4y 001aak042 1 2 3 4 5 6 7 8 10 9 12 11 14 13 001aak043 74vhc14 74vhct14 transparent top view 3y 4a 3a 5y 2y 5a 2a 6y 1y 6a gnd 4y 1a v cc 6 9 5 10 4 11 3 12 2 13 7 8 1 14 terminal 1 index area gnd (1) table 2. pin description symbol pin description 1a 1 data input 1 1y 2 data output 1 2a 3 data input 2 2y 4 data output 2 3a 5 data input 3 3y 6 data output 3 gnd 7 ground (0 v) 4y 8 data output 4 4a 9 data input 4 5y 10 data output 5 5a 11 data input 5 6y 12 data output 6 6a 13 data input 6 v cc 14 supply voltage
74vhc_vhct14_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 17 august 2009 4 of 16 nxp semiconductors 74vhc14; 74vhct14 hex inverting schmitt trigger 6. functional description [1] h = high voltage level; l = low voltage level. 7. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] for so14 packages: above 70 c the value of p tot derates linearly at 8 mw/k. for tssop14 packages: above 60 c the value of p tot derates linearly at 5.5 mw/k. for dhvqfn14 packages: above 60 c the value of p tot derates linearly at 4.5 mw/k. 8. recommended operating conditions table 3. function table [1] input output na ny lh hl table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +7.0 v v i input voltage - 0.5 +7.0 v i ik input clamping current v i < - 0.5 v [1] - 20 - ma i ok output clamping current v o < - 0.5 v or v o >v cc + 0.5 v [1] - 20 +20 ma i o output current v o = - 0.5 v to (v cc + 0.5 v) - 25 +25 ma i cc supply current - +75 ma i gnd ground current - 75 - ma t stg storage temperature - 65 +150 c p tot total power dissipation t amb = - 40 c to +125 c [2] - 500 mw table 5. operating conditions symbol parameter conditions min typ max unit 74vhc14 v cc supply voltage 2.0 5.0 5.5 v v i input voltage 0 - 5.5 v v o output voltage 0 - v cc v t amb ambient temperature - 40 +25 +125 c 74vhct14 v cc supply voltage 4.5 5.0 5.5 v v i input voltage 0 - 5.5 v v o output voltage 0 - v cc v t amb ambient temperature - 40 +25 +125 c
74vhc_vhct14_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 17 august 2009 5 of 16 nxp semiconductors 74vhc14; 74vhct14 hex inverting schmitt trigger 9. static characteristics table 6. static characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions 25 c - 40 c to +85 c - 40 c to +125 c unit min typ max min max min max 74vhc14 v oh high-level output voltage v i = v t+ or v t - i o = - 50 m a; v cc = 2.0 v 1.9 2.0 - 1.9 - 1.9 - v i o = - 50 m a; v cc = 3.0 v 2.9 3.0 - 2.9 - 2.9 - v i o = - 50 m a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v i o = - 4.0 ma; v cc = 3.0 v 2.58 - - 2.48 - 2.40 - v i o = - 8.0 ma; v cc = 4.5 v 3.94 - - 3.80 - 3.70 - v v ol low-level output voltage v i = v t+ or v t - i o = 50 m a; v cc = 2.0 v - 0 0.1 - 0.1 - 0.1 v i o = 50 m a; v cc = 3.0 v - 0 0.1 - 0.1 - 0.1 v i o = 50 m a; v cc = 4.5 v - 0 0.1 - 0.1 - 0.1 v i o = 4.0 ma; v cc = 3.0 v - - 0.36 - 0.44 - 0.55 v i o = 8.0 ma; v cc = 4.5 v - - 0.36 - 0.44 - 0.55 v i i input leakage current v i = 5.5 v or gnd; v cc = 0 v to 5.5 v - - 0.1 - 1.0 - 2.0 m a i cc supply current v i =v cc or gnd; i o = 0 a; v cc = 5.5 v - - 2.0 - 20 - 40 m a c i input capacitance - 3 10 - 10 - 10 pf c o output capacitance -4- - - - -pf 74vhct14 v oh high-level output voltage v i = v t+ or v t - i o = - 50 m a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v i o = - 8.0 ma; v cc = 4.5 v 3.94 - - 3.80 - 3.70 - v v ol low-level output voltage v i = v t+ or v t - i o = 50 m a; v cc = 4.5 v - 0 0.1 - 0.1 - 0.1 v i o = 8.0 ma; v cc = 4.5 v - - 0.36 - 0.44 - 0.55 v i i input leakage current v i = 5.5 v or gnd; v cc = 0 v to 5.5 v - - 0.1 - 1.0 - 2.0 m a i cc supply current v i =v cc or gnd; i o = 0 a; v cc = 5.5 v - - 2.0 - 20 - 40 m a d i cc additional supply current per input pin; v i =v cc - 2.1 v; other pins at v cc or gnd; i o =0a; v cc = 4.5 v to 5.5 v - - 1.35 - 1.5 - 1.5 ma c i input capacitance - 3 10 - 10 - 10 pf c o output capacitance -4- - - - -pf
74vhc_vhct14_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 17 august 2009 6 of 16 nxp semiconductors 74vhc14; 74vhct14 hex inverting schmitt trigger 10. dynamic characteristics [1] typical values are measured at nominal supply voltage (v cc = 3.3 v and v cc = 5.0 v). [2] t pd is the same as t plh and t phl . [3] c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i n+ s (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; s (c l v cc 2 f o ) = sum of the outputs. table 7. dynamic characteristics voltages are referenced to gnd (ground = 0 v); for test circuit see figure 7 . symbol parameter conditions 25 c - 40 c to +85 c - 40 c to +125 c unit min typ [1] max min max min max 74vhc14 t pd propagation delay na to ny; see figure 6 [2] v cc = 3.0 v to 3.6 v c l = 15 pf - 4.3 12.8 1.0 15.0 1.0 16.0 ns c l = 50 pf - 5.8 16.3 1.0 18.0 1.0 20.5 ns v cc = 4.5 v to 5.5 v c l = 15 pf - 3.2 8.6 1.0 10.0 1.0 11.0 ns c l = 50 pf - 4.2 10.6 1.0 12.0 1.0 13.5 ns c pd power dissipation capacitance f i = 1 mhz; v i = gnd to v cc [3] -10- - - - -pf 74vhct14 t pd propagation delay na to ny; see figure 6 [2] v cc = 4.5 v to 5.5 v c l = 15 pf - 4.0 7.0 1.0 8.0 1.0 9.0 ns c l = 50 pf - 5.4 8.0 1.0 9.0 1.0 10.0 ns c pd power dissipation capacitance f i = 1 mhz; v i = gnd to v cc [3] -12- - - - -pf
74vhc_vhct14_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 17 august 2009 7 of 16 nxp semiconductors 74vhc14; 74vhct14 hex inverting schmitt trigger 11. waveforms measurement points are given in t ab le 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 6. input to output propagation delays mna344 t phl t plh v m v m v m v m na input ny output gnd v i v oh v ol table 8. measurement points type input output v m v m 74vhc14 0.5v cc 0.5v cc 74vhct14 1.5 v 0.5v cc test data is given in t ab le 9 . de?nitions test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator c l = load capacitance including jig and probe capacitance fig 7. load circuitry for measuring switching times 001aah768 t w t w t r t r t f v m v i negative pulse gnd v i positive pulse gnd 10 % 90 % 90 % 10 % v m v m v m t f v cc dut r t v i v o c l g
74vhc_vhct14_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 17 august 2009 8 of 16 nxp semiconductors 74vhc14; 74vhct14 hex inverting schmitt trigger 12. transfer characteristics 13. transfer characteristics waveforms table 9. test data type input load test v i t r , t f c l 74vhc14 v cc 3.0 ns 50 pf, 15 pf t plh , t phl 74vhct14 3.0 v 3.0 ns 50 pf, 15 pf t plh , t phl table 10. transfer characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); see figure 8 and figure 9 . symbol parameter conditions 25 c - 40 c to +85 c - 40 c to +125 c unit min typ max min max min max 74vhc14 v t+ positive-going threshold voltage v cc = 3.0 v - - 2.2 - 2.2 - 2.2 v v cc = 4.5 v - - 3.15 - 3.15 - 3.15 v v cc = 5.5 v - - 3.85 - 3.85 - 3.85 v v t - negative-going threshold voltage v cc = 3.0 v 0.9 - - 0.9 - 0.9 - v v cc = 4.5 v 1.35 - - 1.35 - 1.35 - v v cc = 5.5 v 1.65 - - 1.65 - 1.65 - v v h hysteresis voltage v cc = 3.0 v 0.3 - 1.2 0.3 1.2 0.25 1.2 v v cc = 4.5 v 0.4 - 1.4 0.4 1.4 0.35 1.4 v v cc = 5.5 v 0.5 - 1.6 0.5 1.6 0.45 1.6 v 74vhct14 v t+ positive-going threshold voltage v cc = 4.5 v - - 1.9 - 1.9 - 1.9 v v cc = 5.5 v - - 2.1 - 2.1 - 2.1 v v t - negative-going threshold voltage v cc = 4.5 v 0.5 - - 0.5 - 0.5 - v v cc = 5.5 v 0.6 - - 0.6 - 0.6 - v v h hysteresis voltage v cc = 4.5 v 0.4 - 1.4 0.4 1.4 0.35 1.4 v v cc = 5.5 v 0.4 - 1.5 0.4 1.5 0.35 1.5 v fig 8. transfer characteristics fig 9. transfer characteristics de?nitions mna207 v o v i v h v t+ v t - mna208 v o v i v h v t+ v t -
74vhc_vhct14_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 17 august 2009 9 of 16 nxp semiconductors 74vhc14; 74vhct14 hex inverting schmitt trigger a. v cc = 3.0 v b. v cc = 4.5 v c. v cc = 5.5 v fig 10. typical 74vhc transfer characteristics 0 01 3 1.5 0.5 1 mna411 2 v i (v) i cc (ma) 05 v i (v) i cc (ma) 5 0 1 mna412 2 3 4 1234 02 6 6 0 2 4 mna413 4 v i (v) i cc (ma)
74vhc_vhct14_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 17 august 2009 10 of 16 nxp semiconductors 74vhc14; 74vhct14 hex inverting schmitt trigger 14. application information a. v cc = 4.5 v b. v cc = 5.5 v fig 11. typical 74vhct transfer characteristics 05 v i (v) i cc (ma) 6 0 mna414 2 4 1234 02 6 8 0 2 4 6 mna415 4 v i (v) i cc (ma) for 74vhc14: for 74vhct14: fig 12. relaxation oscillator mna035 r c f 1 t --- 1 0.55 rc ------------------------ - ? = f 1 t --- 1 0.60 rc ------------------------ - ? =
74vhc_vhct14_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 17 august 2009 11 of 16 nxp semiconductors 74vhc14; 74vhct14 hex inverting schmitt trigger 15. package outline fig 13. package outline sot108-1 (so14) unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 8.75 8.55 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot108-1 x w m q a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 7 8 1 14 y 076e06 ms-012 pin 1 index 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.35 0.34 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.024 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 99-12-27 03-02-19 0 2.5 5 mm scale so14: plastic small outline package; 14 leads; body width 3.9 mm sot108-1
74vhc_vhct14_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 17 august 2009 12 of 16 nxp semiconductors 74vhc14; 74vhct14 hex inverting schmitt trigger fig 14. package outline sot402-1 (tssop14) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.72 0.38 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot402-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 17 14 8 q a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm sot402-1 a max. 1.1 pin 1 index
74vhc_vhct14_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 17 august 2009 13 of 16 nxp semiconductors 74vhc14; 74vhct14 hex inverting schmitt trigger fig 15. package outline sot762-1 (dhvqfn14) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 3.1 2.9 d h 1.65 1.35 y 1 2.6 2.4 1.15 0.85 e 1 2 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot762-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot762-1 dhvqfn14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 x 3 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 26 13 9 8 7 1 14 x d e c b a 02-10-17 03-01-27 terminal 1 index area a c c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1)
74vhc_vhct14_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 17 august 2009 14 of 16 nxp semiconductors 74vhc14; 74vhct14 hex inverting schmitt trigger 16. abbreviations 17. revision history table 11. abbreviations acronym description cdm charged device model cmos complementary metal-oxide semiconductor dut device under test esd electrostatic discharge hbm human body model lsttl low-power schottky transistor-transistor logic mm machine model table 12. revision history document id release date data sheet status change notice supersedes 74vhc_vhct14_1 20090817 product data sheet - -
74vhc_vhct14_1 ? nxp b.v. 2009. all rights reserved. product data sheet rev. 01 17 august 2009 15 of 16 nxp semiconductors 74vhc14; 74vhct14 hex inverting schmitt trigger 18. legal information 18.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 18.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 18.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. export control this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. 18.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 19. contact information for more information, please visit: http://www .nxp.com for sales of?ce addresses, please send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
nxp semiconductors 74vhc14; 74vhct14 hex inverting schmitt trigger ? nxp b.v. 2009. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 17 august 2009 document identifier: 74vhc_vhct14_1 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 20. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 functional description . . . . . . . . . . . . . . . . . . . 4 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 8 recommended operating conditions. . . . . . . . 4 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 6 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 12 transfer characteristics. . . . . . . . . . . . . . . . . . . 8 13 transfer characteristics waveforms. . . . . . . . . 8 14 application information. . . . . . . . . . . . . . . . . . 10 15 package outline . . . . . . . . . . . . . . . . . . . . . . . . 11 16 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 14 17 revision history . . . . . . . . . . . . . . . . . . . . . . . . 14 18 legal information. . . . . . . . . . . . . . . . . . . . . . . 15 18.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 15 18.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 18.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 18.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 19 contact information. . . . . . . . . . . . . . . . . . . . . 15 20 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16


▲Up To Search▲   

 
Price & Availability of 74VHCT14BQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X