Part Number Hot Search : 
M48T128Y D74HC W5500 74AHC1G PP1DD 22041 GS431BI TDA7298
Product Description
Full Text Search
 

To Download 74LVC1G53 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74LVC1G53 is a high-performance, low-power, low-voltage, si-gate cmos device that provides superior performance to most advanced cmos compatible ttl families. the 74LVC1G53 provides one analog multiplexer/demultiplexer with a digital select input (s), two independent inputs/outputs (b0 and b1), a common input/output (a) and an active low enable input ( e). when pin e is high, the switch is turned off. the 74LVC1G53 can handle both analog and digital signals. 2. features n wide supply voltage range from 1.65 v to 5.5 v n very low on resistance: u 7.5 w (typical) at v cc = 2.7 v u 6.5 w (typical) at v cc = 3.3 v u 6 w (typical) at v cc =5v n high noise immunity n esd protection: u hbm jesd22-a114-c exceeds 2000 v u mm jesd22-a115-a exceeds 200 v u cdm jesd22-c101-c exceeds 1000 v n cmos low-power consumption n latch-up performance meets requirements of jesd 78 class i n direct interface with ttl levels n control inputs accepts voltages up to 5 v n multiple package options n speci?ed from - 40 c to +85 c and from - 40 c to +125 c 74LVC1G53 2-channel analog multiplexer/demultiplexer rev. 01 10 january 2006 product data sheet
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 2 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer 3. quick reference data 4. ordering information 5. marking table 1: quick reference data gnd = 0 v; t r =t f 2.5 ns; minimum and maximum values at t amb = - 40 c to +85 c; typical values at t amb =25 c. symbol parameter conditions min typ max unit t on turn-on time s to a or bn c l = 50 pf; r l = 500 w v cc = 3.3 v 1.8 3.4 5.0 ns v cc = 5.0 v 1.3 2.6 3.8 ns e to a or bn c l = 50 pf; r l = 500 w v cc = 3.3 v 1.2 2.2 3.8 ns v cc = 5.0 v 1.0 1.7 2.6 ns t off turn-off time s to a or bn c l = 50 pf; r l = 500 w v cc = 3.3 v 1.1 4.0 5.4 ns v cc = 5.0 v 1.0 2.9 3.8 ns e to a or bn c l = 50 pf; r l = 500 w v cc = 3.3 v 2.0 3.7 5.0 ns v cc = 5.0 v 1.3 2.9 3.8 ns c i input capacitance - 2.5 - pf c s(off) off-state capacitance - 6.0 - pf c s(on) on-state capacitance - 18 - pf table 2: ordering information type number package temperature range name description version 74LVC1G53dc - 40 c to +125 c vssop8 plastic very thin shrink small outline package; 8 leads; body width 2.3 mm sot765-1 74LVC1G53gt - 40 c to +125 c xson8 plastic extremely thin small outline package; no leads; 8 terminals; body 1 1.95 0.5 mm sot833-1 table 3: marking type number marking code 74LVC1G53dc v53 74LVC1G53gt v53
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 3 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer 6. functional diagram 7. pinning information 7.1 pinning fig 1. logic symbol fig 2. logic diagram 001aad386 s a e b0 b1 6 7 2 5 1 001aad387 a b0 s b1 e fig 3. pin con?guration vssop8 fig 4. pin con?guration xson8 53 av cc eb0 gnd b1 gnd s 001aad388 1 2 3 4 6 5 8 7 53 b1 b0 v cc s gnd e a gnd 001aad389 36 27 18 45 transparent top view
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 4 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer 7.2 pin description 8. functional description 8.1 function table [1] h = high voltage level; l = low voltage level; x = dont care; z = high-impedance off-state. table 4: pin description symbol pin description a 1 common a output or input e 2 enable input (active low) gnd 3 ground (0 v) gnd 4 ground (0 v) s 5 select input b1 6 independent b1 input or output b0 7 independent b0 input or output v cc 8 supply voltage table 5: function table [1] input channel on s e l l b0 to a or a to b0 h l b1 to a or a to b1 x h z (switch off)
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 5 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer 9. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] for vssop8 package: above 110 c the value of p tot derates linearly with 8 mw/k. for xson8 package: above 45 c the value of p tot derates linearly with 2.4 mw/k. 10. recommended operating conditions [1] to avoid drawing v cc current out of terminal a when switch current ?ows in terminal bn, the voltage drop across the bidirectional switch must not exceed 0.4 v. if the switch current ?ows into terminal a, no v cc current will ?ow out of terminal bn. in this case, there is no limit for the voltage drop across the switch. [2] applies to control signal levels. table 6: limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +6.5 v v i input voltage [1] - 0.5 +6.5 v i ik input clamping current v i < - 0.5 v or v i >v cc + 0.5 - - 50 ma i sk switch clamping current v i < - 0.5 v or v i >v cc + 0.5 - 50 ma v sw switch voltage enable and disable mode - 0.5 v cc + 0.5 v i sw switch current v sw = - 0.5 v to (v cc + 0.5 v) - 50 ma i cc quiescent supply current - 100 ma i gnd ground current - - 100 ma t stg storage temperature - 65 + 150 c p tot total power dissipation t amb = - 40 c to +125 c [2] - 300 mw table 7: recommended operating conditions symbol parameter conditions min typ max unit v cc supply voltage 1.65 - 5.5 v v i input voltage 0 - 5.5 v v sw switch voltage enable and disable mode [1] 0- v cc v t amb ambient temperature - 40 - +125 c d t/ d v input transition rise and fall rate v cc = 1.65 v to 2.7 v [2] 0 - 20 ns/v v cc = 2.7 v to 5.5 v [2] 0 - 10 ns/v
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 6 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer 11. static characteristics table 8: static characteristics at recommended operating conditions; voltages are referenced to gnd (ground 0 v). symbol parameter conditions min typ max unit t amb = - 40 c to +85 c [1] v ih high-state input voltage v cc = 1.65 v to 1.95 v 0.65v cc -- v v cc = 2.3 v to 2.7 v 1.7 - - v v cc = 3 v to 3.6 v 2.0 - - v v cc = 4.5 v to 5.5 v 0.7v cc -- v v il low-state input voltage v cc = 1.65 v to 1.95 v - - 0.35v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 3 v to 3.6 v - - 0.8 v v cc = 4.5 v to 5.5 v - - 0.3v cc v i li input leakage current on pin s and pin e; v i = 5.5 v or gnd; v cc = 5.5 v - 0.1 2 m a i s(off) off-state leakage current per channel; v sw = gnd and v o =v cc or v sw =v cc and v o = gnd; v cc = 5.5 v; see figure 5 - 0.1 5 m a i s(on) on-state leakage current per channel; v sw = gnd or v cc ;v cc = 5.5 v; see figure 6 - 0.1 5 m a i cc quiescent supply current v i =v cc or gnd; v sw = gnd or v cc ; i o =0a; v cc = 5.5 v - 0.1 10 m a d i cc additional quiescent supply current per input pin; v i =v cc - 0.6 v; v sw = gnd or v cc ; i o = 0 a; v cc = 5.5 v - 5 500 m a c i input capacitance - 2.5 - pf c s(off) off-state capacitance - 6.0 - pf c s(on) on-state capacitance - 18 - pf t amb = - 40 c to +125 c v ih high-state input voltage v cc = 1.65 v to 1.95 v 0.65v cc -- v v cc = 2.3 v to 2.7 v 1.7 - - v v cc = 3 v to 3.6 v 2.0 - - v v cc = 4.5 v to 5.5 v 0.7v cc -- v v il low-state input voltage v cc = 1.65 v to 1.95 v - - 0.35v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 3 v to 3.6 v - - 0.8 v v cc = 4.5 v to 5.5 v - 0.3v cc v i li input leakage current on pin s and pin e; v i = 5.5 v or gnd; v cc = 5.5 v -- 10 m a i s(off) off-state leakage current per channel; v sw = gnd and v o =v cc or v sw =v cc and v o = gnd; v cc = 5.5 v; see figure 5 -- 20 m a
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 7 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer [1] typical values are measured at t amb =25 c. i s(on) on-state leakage current per channel; v sw = gnd or v cc ;v cc = 5.5 v; see figure 6 -- 20 m a i cc quiescent supply current v i =v cc or gnd; v sw = gnd or v cc ; i o =0a; v cc = 5.5 v --40 m a d i cc additional quiescent supply current per input pin; v i =v cc - 0.6 v; v sw = gnd or v cc ; i o = 0 a; v cc = 5.5 v - - 5000 m a table 8: static characteristics continued at recommended operating conditions; voltages are referenced to gnd (ground 0 v). symbol parameter conditions min typ max unit v sw =v cc or gnd; v o = gnd or v cc. fig 5. test circuit for measuring switch off-state current v sw =v cc or gnd. fig 6. test circuit for measuring switch on-state current v o i sw i sw 001aad390 s a e b0 b1 v cc gnd switch switch 1 1 2 2 v ih v il s v ih v ih e v sw v il or v ih v ih i sw 001aad391 s a e b0 b1 v cc gnd v ih v il s v il v il e v sw v il or v ih v il
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 8 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer table 9: resistance r on at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); see test circuit figure 7 . symbol parameter conditions min typ max unit t amb = - 40 c to +85 c [1] r on(rail) on resistance (rail) v sw = gnd i sw = 4 ma; v cc = 1.65 v to 1.95 v - 8.7 18 w i sw = 8 ma; v cc = 2.3 v to 2.7 v - 7.2 16 w i sw = 12 ma; v cc = 2.7 v - 7.0 14 w i sw = 24 ma; v cc = 3 v to 3.6 v - 6.5 12 w i sw = 32 ma; v cc = 4.5 v to 5.5 v - 5.9 10 w v sw =v cc i sw = 4 ma; v cc = 1.65 v to 1.95 v - 12 30 w i sw = 8 ma; v cc = 2.3 v to 2.7 v - 8.3 20 w i sw = 12 ma; v cc = 2.7 v - 7.8 18 w i sw = 24 ma; v cc = 3 v to 3.6 v - 6.7 15 w i sw = 32 ma; v cc = 4.5 v to 5.5 v - 5.2 10 w r on(peak) on resistance (peak) v sw = gnd to v cc i sw = 4 ma; v cc = 1.65 v to 1.95 v - 57 130 w i sw = 8 ma; v cc = 2.3 v to 2.7 v - 15 30 w i sw = 12 ma; v cc = 2.7 v - 13 25 w i sw = 24 ma; v cc = 3 v to 3.6 v - 9.0 20 w i sw = 32 ma; v cc = 4.5 v to 5.5 v - 6.0 15 w r on(?at) on resistance (?atness) v sw = gnd to v cc ; see figure 9 i sw = 4 ma; v cc = 1.65 v to 1.95 v - 100 - w i sw = 8 ma; v cc = 2.3 v to 2.7 v - 17 - w i sw = 12 ma; v cc = 2.7 v - 10 - w i sw = 24 ma; v cc =3vto3.6v - 5 - w i sw = 32 ma; v cc = 4.5 v to 5.5 v - 3 - w t amb = - 40 c to +125 c r on(rail) on resistance (rail) v sw = gnd i sw = 4 ma; v cc = 1.65 v to 1.95 v - - 27 w i sw = 8 ma; v cc = 2.3 v to 2.7 v - - 24 w i sw = 12 ma; v cc = 2.7 v - - 21 w i sw = 24 ma; v cc = 3 v to 3.6 v - - 18 w i sw = 32 ma; v cc = 4.5 v to 5.5 v - - 15 w v sw =v cc i sw = 4 ma; v cc = 1.65 v to 1.95 v - - 45 w i sw = 8 ma; v cc = 2.3 v to 2.7 v - - 30 w i sw = 12 ma; v cc = 2.7 v - - 27 w i sw = 24 ma; v cc = 3 v to 3.6 v - - 23 w i sw = 32 ma; v cc = 4.5 v to 5.5 v - - 15 w
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 9 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer [1] typical values are measured at t amb =25 c and nominal v cc . r on(peak) on resistance (peak) v sw = gnd to v cc i sw = 4 ma; v cc = 1.65 v to 1.95 v - - 130 w i sw = 8 ma; v cc = 2.3 v to 2.7 v - - 55 w i sw = 12 ma; v cc = 2.7 v - - 35 w i sw = 24 ma; v cc = 3 v to 3.6 v - - 25 w i sw = 32 ma; v cc = 4.5 v to 5.5 v - - 20 w table 9: resistance r on continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); see test circuit figure 7 . symbol parameter conditions min typ max unit r on = v sw / i sw fig 7. test circuit for measuring switch on resistance i sw v sw 001aad392 s a e b0 b1 v cc gnd switch switch 1 1 2 2 v ih v il s v il v il e v sw v il or v ih v il
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 10 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer (1) v cc = 1.8 v (2) v cc = 2.5 v (3) v cc = 2.7 v (4) v cc = 3.3 v (5) v cc = 5.0 v (6) t amb =25 c fig 8. typical switch on resistance as a function of input voltage v sw (v) 05 4 23 1 001aad406 20 10 30 40 r on ( w ) 0 (1) (3) (4) (5) (2)
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 11 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer (1) t amb = 125 c (2) t amb =85 c (3) t amb =25 c (4) t amb = - 40 c (1) t amb = 125 c (2) t amb =85 c (3) t amb =25 c (4) t amb = - 40 c a. v cc = 1.8 v b. v cc = 2.5 v (1) t amb = 125 c (2) t amb =85 c (3) t amb =25 c (4) t amb = - 40 c (1) t amb = 125 c (2) t amb =85 c (3) t amb =25 c (4) t amb = - 40 c c. v cc = 2.7 v d. v cc = 3.3 v fig 9. switch on resistance as a function of switch voltage v sw (v) 05 4 23 1 001aad410 40 20 60 80 r on ( w ) 0 (1) (2) (3) (4) v sw (v) 05 4 23 1 001aad407 8 4 12 16 r on ( w ) 0 (1) (2) (3) (4) v sw (v) 05 4 23 1 001aad408 8 4 12 16 r on ( w ) 0 (1) (2) (3) (4) v sw (v) 05 4 23 1 001aad409 8 4 12 16 r on ( w ) 0 (1) (2) (3) (4)
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 12 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer 12. dynamic characteristics table 10: dynamic characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); test circuit figure 12 . symbol parameter conditions min typ max unit t amb = - 40 c to +85 c [1] t phl high-to-low propagation delay see figure 10 a to bn or bn to a v cc = 1.65 v to 1.95 v - - 2 ns v cc = 2.3 v to 2.7 v - - 1.2 ns v cc = 2.7 v - - 1.0 ns v cc = 3 v to 3.6 v - - 0.8 ns v cc = 4.5 v to 5.5 v - - 0.6 ns t plh low-to-high propagation delay see figure 10 a to bn or bn to a v cc = 1.65 v to 1.95 v - - 2 ns v cc = 2.3 v to 2.7 v - - 1.2 ns v cc = 2.7 v - - 1.0 ns v cc = 3 v to 3.6 v - - 0.8 ns v cc = 4.5 v to 5.5 v - - 0.6 ns t on turn-on time see figure 11 s to a or bn v cc = 1.65 v to 1.95 v 2.6 6.7 10.3 ns v cc = 2.3 v to 2.7 v 1.9 4.1 6.4 ns v cc = 2.7 v 1.9 4.0 5.5 ns v cc = 3 v to 3.6 v 1.8 3.4 5.0 ns v cc = 4.5 v to 5.5 v 1.3 2.6 3.8 ns e to a or bn v cc = 1.65 v to 1.95 v 1.9 4.0 7.3 ns v cc = 2.3 v to 2.7 v 1.4 2.5 4.4 ns v cc = 2.7 v 1.1 2.6 3.9 ns v cc = 3 v to 3.6 v 1.2 2.2 3.8 ns v cc = 4.5 v to 5.5 v 1.0 1.7 2.6 ns t off turn-off time see figure 11 s to a or bn v cc = 1.65 v to 1.95 v 2.1 6.8 10.0 ns v cc = 2.3 v to 2.7 v 1.4 3.7 6.1 ns v cc = 2.7 v 1.4 4.9 6.2 ns v cc = 3 v to 3.6 v 1.1 4.0 5.4 ns v cc = 4.5 v to 5.5 v 1.0 2.9 3.8 ns e to a or bn v cc = 1.65 v to 1.95 v 2.3 5.6 8.6 ns v cc = 2.3 v to 2.7 v 1.2 3.2 4.8 ns v cc = 2.7 v 1.4 4.0 5.2 ns v cc = 3 v to 3.6 v 2.0 3.7 5.0 ns v cc = 4.5 v to 5.5 v 1.3 2.9 3.8 ns
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 13 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer [1] typical values are measured at t amb =25 c and nominal v cc . t amb = - 40 c to +125 c t phl high-to-low propagation delay see figure 10 a to bn or bn to a v cc = 1.65 v to 1.95 v - - 2.5 ns v cc = 2.3 v to 2.7 v - - 1.5 ns v cc = 2.7 v - - 1.25 ns v cc = 3 v to 3.6 v - - 1.0 ns v cc = 4.5 v to 5.5 v - - 0.8 ns t plh low-to-high propagation delay see figure 10 a to bn or bn to a v cc = 1.65 v to 1.95 v - - 2.5 ns v cc = 2.3 v to 2.7 v - - 1.5 ns v cc = 2.7 v - - 1.25 ns v cc = 3 v to 3.6 v - - 1.0 ns v cc = 4.5 v to 5.5 v - - 0.8 ns t on turn-on time see figure 11 s to a or bn v cc = 1.65 v to 1.95 v 2.6 - 12.9 ns v cc = 2.3 v to 2.7 v 1.9 - 8.0 ns v cc = 2.7 v 1.8 - 7.0 ns v cc = 3 v to 3.6 v 1.8 - 6.3 ns v cc = 4.5 v to 5.5 v 1.3 4.8 ns e to a or bn v cc = 1.65 v to 1.95 v 1.9 - 9.2 ns v cc = 2.3 v to 2.7 v 1.4 - 5.5 ns v cc = 2.7 v 1.1 - 4.9 ns v cc = 3 v to 3.6 v 1.2 - 4.8 ns v cc = 4.5 v to 5.5 v 1.0 - 3.3 ns t off turn-off time see figure 11 s to a or bn v cc = 1.65 v to 1.95 v 2.1 - 12.5 ns v cc = 2.3 v to 2.7 v 1.4 - 7.7 ns v cc = 2.7 v 1.4 - 7.8 ns v cc = 3 v to 3.6 v 1.1 - 6.8 ns v cc = 4.5 v to 5.5 v 1.0 4.8 ns e to a or bn v cc = 1.65 v to 1.95 v 2.3 - 11.0 ns v cc = 2.3 v to 2.7 v 1.2 - 6.0 ns v cc = 2.7 v 1.4 - 6.5 ns v cc = 3 v to 3.6 v 2.0 - 6.3 ns v cc = 4.5 v to 5.5 v 1.3 - 4.8 ns table 10: dynamic characteristics continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v); test circuit figure 12 . symbol parameter conditions min typ max unit
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 14 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer 13. waveforms measurement points are given in t ab le 11 . logic levels: v ol and v oh are typical output voltage drop that occur with the output load. fig 10. input (bn or a) to output (a or bn) propagation delays measurement points are given in t ab le 11 . logic levels: v ol and v oh are typical output voltage drop that occur with the output load. fig 11. turn-on and turn-off times table 11: measurement points supply voltage input output v cc v m v m v x v y 1.65 v to 2.7 v 0.5v cc 0.5v cc v ol + 0.15 v v oh - 0.15 v 2.7 v to 5.5 v 0.5v cc 0.5v cc v ol + 0.3 v v oh - 0.3 v t plh t phl v m v m v m v m gnd v i v oh v ol bn or a input a or bn output 001aac361 v m v i gnd v cc v ol v oh gnd s, e input output low to off off to low output high to off off to high v m 001aad393 v m t on t off t on v x v y switch disabled switch enabled switch enabled a, bn a, bn t off
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 15 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer 14. additional dynamic characteristics test data is given in t ab le 12 . de?nitions test circuit: r t = termination resistance (should be equal to output impedance z o of the pulse generator). c l = load capacitance (including jig and probe capacitance). r l = load resistance. v ext = external voltage for measuring switching times. fig 12. load circuitry for switching times table 12: test data supply voltage input load v ext v cc v i t r , t f c l r l t plh , t phl t on , t off high to off off to high low to off off to low 1.65 v to 1.95 v v cc 2.0 ns 30 pf 1 k w open gnd 2 v cc 2.3 v to 2.7 v v cc 2.0 ns 30 pf 500 w open gnd 2 v cc 2.7 v v cc 2.5 ns 50 pf 500 w open gnd 2 v cc 3 v to 3.6 v v cc 2.5 ns 50 pf 500 w open gnd 2 v cc 4.5 v to 5.5 v v cc 2.5 ns 50 pf 500 w open gnd 2 v cc v ext v cc v i v o mna616 dut c l r t r l r l pulse generator table 13: additional dynamic characteristics at recommended operating conditions; typical values measured at t amb =25 c. symbol parameter conditions min typ max unit thd total harmonic distortion f i = 600 hz to 20 khz; r l = 600 w ; c l =50pf; v i = 0.5 v (p-p); see figure 13 v cc = 1.65 v - 0.260 - % v cc = 2.3 v - 0.078 - % v cc = 3.0 v - 0.078 - % v cc = 4.5 v - 0.078 - % f (-3db) - 3 db frequency response r l =50 w ; c l = 5 pf; see figure 14 [1] v cc = 1.65 v - 200 - mhz v cc = 2.3 v - 300 - mhz v cc = 3.0 v - 300 - mhz v cc = 4.5 v - 300 - mhz
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 16 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer [1] adjust f i voltage to obtain 0 dbm level at output. increase f i frequency until db meter reads - 3db. [2] adjust f i voltage to obtain 0 dbm level at input. [3] de?nition: q inj = d v o c l . guaranteed by design. a off(ft) off-state feed-through attenuation r l =50 w ; c l = 5 pf; f i = 10 mhz; see figure 15 [2] v cc = 1.65 v - - 42 - db v cc = 2.3 v - - 42 - db v cc = 3.0 v - - 40 - db v cc = 4.5 v - - 40 - db v ct(sw-sw) crosstalk between switches r l =50 w ; c l = 5 pf; f i = 10 mhz; see figure 16 v cc = 1.65 v - - 68 - dbv v cc = 2.3 v - - 70 - dbv v cc = 3.0 v - - 70 - dbv v cc = 4.5 v - - 70 - dbv q inj charge injection c l = 0.1 nf; v gen =0v; r gen =0 w ; f i = 1 mhz; r l =1m w ; see figure 17 [3] v cc = 1.8 v - < 0.003 - pc v cc = 2.5 v - 0.004 - pc v cc = 3.3 v - 0.0045 - pc v cc = 4.5 v - 0.0045 - pc v cc = 5.5 v - 0.0045 - pc fig 13. test circuit for measuring total harmonic distortion table 13: additional dynamic characteristics continued at recommended operating conditions; typical values measured at t amb =25 c. symbol parameter conditions min typ max unit d 001aad394 600 w 10 m f 0.1 m f s a b0 b1 v cc 0.5v cc gnd c l r l switch switch 1 1 2 2 v ih v il s v il v il e f i v il or v ih e v il
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 17 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer fig 14. test circuit for measuring the frequency response when switch is in on-state fig 15. test circuit for measuring feed-through attenuation when switch is in off-state fig 16. test circuit for measuring crosstalk between switches db 001aad395 50 w 0.1 m f s a e b0 b1 v cc 0.5v cc gnd c l r l switch switch 1 1 2 2 v ih v il s v il v il e f i v il or v ih v il db 001aad396 50 w r l 0.1 m f s a e b0 b1 v cc 0.5v cc 0.5v cc gnd c l r l switch switch 1 1 2 2 v ih v il s v ih v ih e f i v il or v ih v ih db 001aad397 50 w 0.1 m f s a e b0 b1 v cc 0.5v cc gnd c l r l 0.5v cc r l v ih v il s 20log10(v b1 /v i ) 20log10(v b0 /v i ) test condition v il v il e f i v il or v ih v il
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 18 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer d v o = output voltage variation r gen = generator resistance v gen = generator voltage fig 17. test circuit for measuring charge injection 001aad398 s a b0 b1 r l c l v cc gnd r gen v gen switch 1 2 logic input (s) v o e v il 001aac478 d v o off on off logic input v o (s)
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 19 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer 15. package outline fig 18. package outline sot765-1 (vssop8) unit a 1 a max. a 2 a 3 b p l h e l p wy v ce d (1) e (2) z (1) q references outline version european projection issue date iec jedec jeita mm 0.15 0.00 0.85 0.60 0.27 0.17 0.23 0.08 2.1 1.9 2.4 2.2 0.5 3.2 3.0 0.4 0.1 8 0 0.13 0.1 0.2 0.4 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic or metal protrusions of 0.25 mm maximum per side are not included. 0.40 0.15 q 0.21 0.19 sot765-1 mo-187 02-06-07 w m b p d z e 0.12 14 8 5 q a 2 a 1 q l p (a 3 ) detail x a l h e e c v m a x a y 2.5 5 mm 0 scale vssop8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm sot765-1 1 pin 1 index
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 20 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer fig 19. package outline sot833-1 (xson8) terminal 1 index area references outline version european projection issue date iec jedec jeita sot833-1 - - - mo-252 - - - sot833-1 04-07-22 04-11-09 dimensions (mm are the original dimensions) xson8: plastic extremely thin small outline package; no leads; 8 terminals; body 1 x 1.95 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 e 1 0 1 2 mm scale notes 1. including plating thickness. 2. can be visible in some manufacturing processes. unit mm 0.25 0.17 2.0 1.9 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.5 0.6 a (1) max 0.5 0.04 1 8 2 7 3 6 4 5 8 (2) 4 (2) a
74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 21 of 23 philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer 16. abbreviations 17. revision history table 14: abbreviations acronym description cmos complementary metal oxide semiconductor ttl transistor transistor logic hbm human body model esd electrostatic discharge mm machine model cdm charged device model dut device under test table 15: revision history document id release date data sheet status change notice doc. number supersedes 74LVC1G53_1 20060110 product data sheet - - -
philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer 74LVC1G53_1 ? koninklijke philips electronics n.v. 2006. all rights reserved. product data sheet rev. 01 10 january 2006 22 of 23 18. data sheet status [1] please consult the most recently issued data sheet before initiating or completing a design. [2] the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the l atest information is available on the internet at url http://www.semiconductors.philips.com. [3] for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. 19. de?nitions short-form speci?cation the data in a short-form speci?cation is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values de?nition limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. 20. disclaimers life support these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change noti?cation (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise speci?ed. 21. trademarks notice all referenced brands, product names, service names and trademarks are the property of their respective owners. 22. contact information for additional information, please visit: http://www.semiconductors.philips.com for sales of?ce addresses, send an email to: sales.addresses@www.semiconductors.philips.com level data sheet status [1] product status [2] [3] de?nition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn).
? koninklijke philips electronics n.v. 2006 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. date of release: 10 january 2006 document number: 74LVC1G53_1 published in the netherlands philips semiconductors 74LVC1G53 2-channel analog multiplexer/demultiplexer 23. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 quick reference data . . . . . . . . . . . . . . . . . . . . . 2 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6 functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 7 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 7.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 7.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 8 functional description . . . . . . . . . . . . . . . . . . . 4 8.1 function table . . . . . . . . . . . . . . . . . . . . . . . . . . 4 9 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 10 recommended operating conditions. . . . . . . . 5 11 static characteristics. . . . . . . . . . . . . . . . . . . . . 6 12 dynamic characteristics . . . . . . . . . . . . . . . . . 12 13 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 14 additional dynamic characteristics . . . . . . . . 15 15 package outline . . . . . . . . . . . . . . . . . . . . . . . . 19 16 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 21 17 revision history . . . . . . . . . . . . . . . . . . . . . . . . 21 18 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 22 19 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 20 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 21 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 22 contact information . . . . . . . . . . . . . . . . . . . . 22


▲Up To Search▲   

 
Price & Availability of 74LVC1G53

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X