Part Number Hot Search : 
DRDC3105 CAM09121 SK503 02205 TDA5736M 74LS27M IRFF320 SMP18FP
Product Description
Full Text Search
 

To Download 74HC4060PW-Q100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74hc4060-q100; 74hct4060-q100 are high-speed si-gate cmos devices that comply with jedec standard no. 7a. they are pin compatible with low-power schottky ttl (lsttl). the 74hc4060-q100; 74hct4060-q100 are 14-stage ripple-carry counter/dividers and oscillators with three o scillator terminals (rs, rtc and ct c), ten buffered outputs (q3 to q9 and q11 to q13) and an ov erriding asynchronous master reset (mr). the oscillator configuration allows design of either rc or crystal oscillator circuits. the oscillator may be replaced by an external clock signal at input rs. in this case keep the other oscillator pins (rtc and ctc) floating. the counter advances on the negative-going transition of rs. a high level on mr resets the counter (q3 to q9 and q11 to q13 = low), independent of other input conditions. in the hct version, the mr input is ttl compatible, but the rs input has cmos input switching levels and can be driven by a ttl output by using a pull-up resistor to v cc . this product has been qualified to the automotive electronics council (aec) standard q100 (grade 1) and is suitable for use in automotive applications. 2. features and benefits ? automotive product qualif ication in accordance with aec-q100 (grade 1) ? specified from ? 40 ? c to +85 ? c and from ? 40 ? c to +125 ? c ? all active components on chip ? rc or crystal oscillator configuration ? esd protection: ? mil-std-883, method 3015 exceeds 2000 v ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-a exceeds 200 v (c = 200 pf, r = 0 ? ) ? multiple package options 3. applications ? control counters ? timers ? frequency dividers ? time-delay circuits 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator rev. 1 ? 2 august 2012 product data sheet
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 2 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator 4. ordering information 5. functional diagram table 1. ordering information type number package temperature range name description version 74hc4060d-q100 ? 40 ? c to +125 ? c so16 plastic small outl ine package; 16 leads; body width 3.9 mm sot109-1 74hct4060d-q100 74HC4060PW-Q100 ? 40 ? c to +125 ? c tssop16 plastic thin shrink sm all outline package; 16 leads; body width 4.4 mm sot403-1 74hc4060bq-q100 ? 40 ? c to +125 ? c dhvqfn16 plastic dual in-line compatible thermal-enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 ? 3.5 ? 0.85 mm sot763-1 74hct4060bq-q100 fig 1. logic symbol q3 q11 q4 q9 q5 q8 rs mr q6 q7 rtc 001aai467 7 5 4 6 14 10 15 13 11 1 q12 2 q13 3 ctc 9 12 fig 2. iec logic symbol 3 ctr14 (b) 11 9 ct = 0 001aai468 7 5 4 6 14 15 13 1 2 11 13 3 and ct + 12 3 ctr14 (a) 11 9 ct = 0 7 5 4 6 14 15 13 1 2 11 13 3 !g ct + 12 10 9 rcx rx cx
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 3 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator fig 3. functional diagram 001aai113 9 10 q3 7 mr cp rs rtc ctc mr 11 12 14-stage binary counter q4 5 q5 4 q6 6 q7 14 q8 13 q9 15 q11 1 q12 2 q13 3 fig 4. logic diagram 001aai114 ctc rtc cp mr q rs mr q13 q11 q9 q3 ff 1 cp mr q ff 4 cp mr q ff 10 cp mr q ff 12 cp mr q ff 14
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 4 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator 6. pinning information 6.1 pinning 6.2 pin description (1) the die substrate is attached to this pad using conductive die attach mate rial. it cannot be used as supply pin or input. fig 5. pin configuration so16 and tsso p16 fig 6. pin configuration dhvqfn16 
  
        
              
        
 
  
       
           !   
     
   " # $%   &' table 2. pin description symbol pin description q11 to q13 1, 2, 3 counter output q3 to q9 7, 5, 4, 6, 14, 13, 15 counter output gnd 8 ground (0 v) ctc 9 external capacitor connection rtc 10 external resistor connection rs 11 clock input /oscillator pin mr 12 master reset input (active high) v cc 16 supply voltage
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 5 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator 7. functional description 8. limiting values fig 7. timing diagram 001aai117 rs mr q3 q4 q5 q6 q7 q8 q9 q11 q12 q13 1248163264128256512 1024 2048 4096 8192 16384 table 3. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +7 v i ik input clamping current v i < ? 0.5 v or v i >v cc +0.5 v [1] - ? 20 ma i ok output clamping current v o < ? 0.5 v or v o >v cc +0.5v [1] - ? 20 ma i o output current ? 0.5 v < v o < v cc +0.5v - ? 25 ma i cc supply current - 50 ma i gnd ground current ? 50 - ma t stg storage temperature ? 65 +150 ?c
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 6 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] p tot derates linearly with 8 mw/k above 70 ? c. [3] p tot derates linearly with 5.5 mw/k above 60 ? c. [4] p tot derates linearly with 4.5 mw/k above 60 ? c. 9. recommended operating conditions 10. static characteristics p tot total power dissipation t amb = ? 40 ? c to +125 ?c so16 package [2] - 500 mw tssop16 package [3] - 500 mw dhvqfn16 package [4] - 500 mw table 3. limiting values ?continued in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit table 4. recommended operating conditions voltages are referenced to gnd (ground = 0 v) symbol parameter conditions 74hc4060-q100 74hct4060-q100 unit min typ max min typ max v cc supply voltage 2.0 5.0 6.0 4.5 5.0 5.5 v v i input voltage 0 - v cc 0- v cc v v o output voltage 0 - v cc 0- v cc v t amb ambient temperature ? 40 - +125 ? 40 - +125 ?c ? t/ ? v input transition rise and fall rate v cc = 2.0 v - - 625 - - - ns/v v cc = 4.5 v - 1.67 139 - 1.67 139 ns/v v cc = 6.0 v--83---ns/v table 5. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions 25 ?c ? 40 ?c to +85 ? c ? 40 ? c to +125 ?c unit min typ max min max min max 74hc4060-q100 v ih high-level input voltage mr input v cc = 2.0 v 1.5 1.3 - 1.5 - 1.5 - v v cc = 4.5 v 3.15 2.4 - 3.15 - 3.15 - v v cc = 6.0 v 4.2 3.1 - 4.2 - 4.2 - v rs input v cc = 2.0 v 1.7 - - 1.7 - 1.7 - v v cc = 4.5 v 3.6 - - 3.6 - 3.6 - v v cc = 6.0 v 4.8 - - 4.8 - 4.8 - v
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 7 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator v il low-level input voltage mr input v cc = 2.0 v - 0.8 0.5 - 0.5 - 0.5 v v cc = 4.5 v - 2.1 1.35 - 1.35 - 1.35 v v cc = 6.0 v - 2.8 1.8 - 1.8 - 1.8 v rs input v cc = 2.0 v - - 0.3 - 0.3 - 0.3 v v cc = 4.5 v - - 0.9 - 0.9 - 0.9 v v cc = 6.0 v - - 1.2 - 1.2 - 1.2 v v oh high-level output voltage rtc output; rs = mr = gnd i o = ? 20 ? a; v cc = 2.0 v 1.9 2.0 - 1.9 - 1.9 - v i o = ? 20 ? a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v i o = ? 20 ? a; v cc = 6.0 v 5.9 6.0 - 5.9 - 5.9 - v i o = ? 2.6 ma; v cc = 4.5 v 3.98 - - 3.84 - 3.7 - v i o = ? 3.3 ma; v cc = 6.0 v 5.48 - - 5.34 - 5.2 - v rtc output; rs = mr = v cc i o = ? 20 ? a; v cc = 2.0 v 1.9 2.0 - 1.9 - 1.9 - v i o = ? 20 ? a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v i o = ? 20 ? a; v cc = 6.0 v 5.9 6.0 - 5.9 - 5.9 - v i o = ? 0.65 ma; v cc = 4.5 v 3.98 - - 3.84 - 3.7 - v i o = ? 0.85 ma; v cc = 6.0 v 5.48 - - 5.34 - 5.2 - v ctc output; rs = v ih ;mr=v il i o = ? 3.2 ma; v cc = 4.5 v 3.98 - - 3.84 - 3.7 - v i o = ? 4.2 ma; v cc = 6.0 v 5.48 - - 5.34 - 5.2 - v v i =v ih or v il ; except rtc output i o = ? 20 ? a; v cc = 2.0 v 1.9 2.0 - 1.9 - 1.9 - v i o = ? 20 ? a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v i o = ? 20 ? a; v cc = 6.0 v 5.9 6.0 - 5.9 - 5.9 - v v i =v ih or v il ; except rtc and ctc outputs i o = ? 4.0 ma; v cc = 4.5 v 3.98 - - 3.84 - 3.7 - v i o = ? 5.2 ma; v cc = 6.0 v 5.48 - - 5.34 - 5.2 - v table 5. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions 25 ?c ? 40 ?c to +85 ? c ? 40 ? c to +125 ?c unit min typ max min max min max
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 8 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator v ol low-level output voltage rtc output; rs = v cc ; mr = gnd i o =20 ? a; v cc = 2.0 v - 0 0.1 - 0.1 - 0.1 v i o =20 ? a; v cc = 4.5 v - 0 0.1 - 0.1 - 0.1 v i o =20 ? a; v cc = 6.0 v - 0 0.1 - 0.1 - 0.1 v i o =2.6ma; v cc = 4.5 v - - 0.26 - 0.33 - 0.4 v i o =3.3ma; v cc = 6.0 v - - 0.26 - 0.33 - 0.4 v ctc output; rs = v il ; mr = v ih i o =3.2ma; v cc = 4.5 v - - 0.26 - 0.33 - 0.4 v i o =4.2ma; v cc = 6.0 v - - 0.26 - 0.33 - 0.4 v v i =v ih or v il ; except rtc output i o =20 ? a; v cc = 2.0 v - 0 0.1 - 0.1 - 0.1 v i o =20 ? a; v cc = 4.5 v - 0 0.1 - 0.1 - 0.1 v i o =20 ? a; v cc = 6.0 v - 0 0.1 - 0.1 - 0.1 v v i =v ih or v il ; except rtc and ctc outputs i o =4.0ma; v cc = 4.5 v - - 0.26 - 0.33 - 0.4 v i o =5.2ma; v cc = 6.0 v - - 0.26 - 0.33 - 0.4 v i i input leakage current v i =v cc or gnd; v cc =6.0v - - ? 0.1 - ? 1.0 - ? 1.0 ? a i cc supply current v i =v cc or gnd; i o =0a; v cc =6.0v - - 8.0 - 80 - 160 ? a c i input capacitance -3.5- - - - - pf 74hct4060-q100 v ih high-level input voltage mr input; v cc = 4.5 v to 5.5 v [1] 2.0 - - 2.0 - 2.0 - v v il low-level input voltage mr input; v cc = 4.5 v to 5.5 v [1] - - 0.8 - 0.8 - 0.8 v table 5. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions 25 ?c ? 40 ?c to +85 ? c ? 40 ? c to +125 ?c unit min typ max min max min max
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 9 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator [1] for hct4060-q100, only input mr (pin 12) has ttl input switching levels. v oh high-level output voltage rtc output; rs = mr = v cc i o = ? 20 ? a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v i o = ? 0.65 ma; v cc = 4.5 v 3.98 - - 3.84 - 3.7 - v rtc output; rs = mr = gnd i o = ? 20 ? a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v i o = ? 2.6 ma; v cc = 4.5 v 3.98 - - 3.84 - 3.7 - v ctc output; rs = v ih ; mr = v il i o = ? 3.2 ma; v cc = 4.5 v 3.98 - - 3.84 - 3.7 - v v i =v ih or v il ; except rtc output i o = ? 20 ? a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v v i =v ih or v il ; except rtc and ctc outputs i o = ? 4.0 ma; v cc = 4.5 v 3.98 - - 3.84 - 3.7 - v v ol low-level output voltage rtc output; rs = v cc ; mr = gnd i o =20 ? a; v cc = 4.5 v - 0 0.1 - 0.1 - 0.1 v i o =2.6ma; v cc = 4.5 v - - 0.26 - 0.33 - 0.4 v ctc output; rs = v il ; mr = v ih i o =3.2ma; v cc = 4.5 v - - 0.26 - 0.33 - 0.4 v v i =v ih or v il ; except rtc output i o =20 ? a; v cc = 4.5 v - 0 0.1 - 0.1 - 0.1 v v i =v ih or v il ; except rtc and ctc outputs i o =4.0ma; v cc = 4.5 v - - 0.26 - 0.33 - 0.4 v i i input leakage current v i =v cc or gnd; v cc =5.5v - - ? 0.1 - ? 1.0 - ? 1.0 ? a i cc supply current v i =v cc or gnd; v cc =5.5v; i o =0a - - 8.0 - 80 - 160 ? a ? i cc additional supply current per input pin; v i =v cc ? 2.1 v; other inputs at v cc or gnd; v cc = 4.5 v to 5.5 v; i o =0a - 40 144 - 180 - 196 ? a c i input capacitance -3.5- - - - - pf table 5. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions 25 ?c ? 40 ?c to +85 ? c ? 40 ? c to +125 ?c unit min typ max min max min max
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 10 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator 11. dynamic characteristics table 6. dynamic characteristics gnd = 0 v; c l = 50 pf unless otherwise spec ified; for test circuit see figure 11 . symbol parameter conditions 25 ?c ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ max min max min max 74hc4060-q100 t pd propagation delay rs to q3; see figure 8 [1] v cc = 2.0 v - 99 300 - 375 - 450 ns v cc = 4.5 v - 36 60 - 75 - 90 ns v cc = 5.0 v; c l =15pf - 31 - - - - - ns v cc = 6.0 v - 29 51 - 64 - 77 ns qn to qn+1; see figure 9 [2] v cc = 2.0 v - 22 80 - 100 - 120 ns v cc = 4.5 v - 8 16 - 20 - 24 ns v cc = 5.0 v; c l =15pf - 6 - - - - - ns v cc = 6.0 v - 6 14 - 17 - 20 ns t phl high to low propagation delay mr to qn; see figure 10 v cc = 2.0 v - 55 175 - 220 - 265 ns v cc = 4.5 v - 20 35 - 44 - 53 ns v cc = 5.0 v; c l =15pf - 17 - - - - - ns v cc = 6.0 v - 16 30 - 37 - 45 ns t t transition time qn; see figure 8 [3] v cc = 2.0 v - 19 75 - 95 - 110 ns v cc = 4.5 v - 7 15 - 19 - 22 ns v cc = 6.0 v - 6 13 - 16 - 19 ns t w pulse width rs (high or low); see figure 8 v cc = 2.0 v 80 17 - 100 - 120 - ns v cc = 4.5 v 16 6 - 20 - 24 - ns v cc = 6.0 v 14 5 - 17 - 20 - ns mr (high); see figure 10 v cc = 2.0 v 80 25 - 100 - 120 - ns v cc = 4.5 v 16 9 - 20 - 24 - ns v cc = 6.0 v 14 7 - 17 - 20 - ns t rec recovery time mr to rs; see figure 10 v cc = 2.0 v 100 28 - 125 - 150 - ns v cc = 4.5 v 20 10 - 25 - 30 - ns v cc = 6.0 v 17 8 - 21 - 26 - ns
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 11 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator f max maximum frequency rs; see figure 8 v cc = 2.0 v 6 26 - 4.8 - 4 - mhz v cc = 4.5 v 30 80 - 24 - 20 - mhz v cc = 5.0 v; c l =15pf - 87 - - - - - mhz v cc = 6.0 v 35 95 - 28 - 24 - mhz c pd power dissipation capacitance v i = gnd to v cc ; v cc =5v; f i =1mhz [4] -40- - - - -pf 74hct4060-q100 t pd propagation delay rs to q3; see figure 8 [1] v cc = 4.5 v - 33 66 - 83 - 99 ns v cc = 5.0 v; c l =15pf - 31 - - - - - ns qn to qn+1; see figure 9 [2] v cc = 4.5 v - 8 16 - 20 - 24 ns v cc = 5.0 v; c l =15pf - 6 - - - - - ns t phl high to low propagation delay mr to qn; see figure 10 v cc = 4.5 v - 21 44 - 55 - 66 ns v cc = 5.0 v; c l =15pf - 18 - - - - - ns t t transition time qn; see figure 8 [3] v cc = 4.5 v - 7 15 - 19 - 22 ns t w pulse width rs (high or low); see figure 8 v cc = 4.5 v 16 6 - 20 - 24 - ns mr (high); see figure 10 v cc = 4.5 v 16 6 - 20 - 24 - ns t rec recovery time mr to rs; see figure 10 v cc = 4.5 v 26 13 - 33 - 39 - ns f max maximum frequency rs; see figure 8 v cc = 4.5 v 30 80 - 24 - 20 - mhz v cc = 5.0 v; c l =15pf - 88 - - - - - mhz table 6. dynamic characteristics ?continued gnd = 0 v; c l = 50 pf unless otherwise spec ified; for test circuit see figure 11 . symbol parameter conditions 25 ?c ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ max min max min max
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 12 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator [1] t pd is the same as t phl and t plh . [2] qn+1 is the next qn output. [3] t t is the same as t thl and t tlh . [4] c pd is used to determine the dynamic power dissipation (p d in ? w): p d =c pd ? v cc 2 ? f i ? n+ ? (c l ? v cc 2 ? f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l ? v cc 2 ? f o ) = sum of outputs. 12. waveforms c pd power dissipation capacitance v i = gnd to v cc ? 1.5 v; v cc =5v; f i =1mhz [4] -40- - - - -pf table 6. dynamic characteristics ?continued gnd = 0 v; c l = 50 pf unless otherwise spec ified; for test circuit see figure 11 . symbol parameter conditions 25 ?c ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ max min max min max measurement points are given in table 7 . v ol and v oh are typical voltage output levels that occur with the output load. fig 8. waveforms showing the clock (rs) to output (q3) propagation delays, the clo ck pulse width, the output transition times and the maximum clock frequency 001aai118 rs input 1/f max t w t thl t tlh t phl t plh v oh v i gnd v ol v m v m 10 % 90 % 90 % 10 % q3 output
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 13 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator measurement points are given in table 7 . v ol and v oh are typical voltage output levels that occur with the output load. fig 9. waveforms showing the output qn to output qn+1 propagation delays 001aai120 qn output t plh t phl v oh v oh v ol v ol v m v m qn+1 output measurement points are given in table 7 . v ol and v oh are typical voltage output levels that occur with the output load. fig 10. waveforms showing the master reset (mr) pulse width, the master reset to output (qn) propagation delays and the master reset to clock (rs) recovery time 001aai119 rs input mr input t phl t rec v oh v i gnd v i v ol v m v m t w v m gnd qn output table 7. measurement points type input output v m v m 74hc4060-q100 0.5 ? v cc 0.5 ? v cc 74hct4060-q100 1.3 v 1.3 v
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 14 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator test data is given in table 8 . definitions test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator. c l = load capacitance including jig and probe capacitance. fig 11. test circuit for measuring switching times 001aah768 t w t w t r t r t f v m v i negative pulse gnd v i positive pulse gnd 10 % 90 % 90 % 10 % v m v m v m t f v cc dut r t v i v o c l g table 8. test data type input load v i t r , t f c l 74hc4060-q100 v cc 6 ns 15 pf, 50 pf 74hct4060-q100 3 v 6 ns 15 pf, 50 pf
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 15 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator 13. rc oscillator 13.1 timing component limitations the oscillator frequency is mainly determined by r t c t , provided r2 ? 2r t and r2c2 << r t c t . the function of r2 is to minimize the influence of the forward voltage across the input protection diodes on the frequency. the stray capacitance c2 should be kept as small as possible. in consideration of accuracy, c t must be larger than the inherent stray capacitance. r t must be larger than the on resistance in series with it, which typically is 280 ? at v cc = 2.0 v, 130 ? at v cc = 4.5 v and 100 ? at v cc = 6.0 v. the recommended values for these components to maintain agreement with the typical oscillation formula are: c t > 50 pf, up to any practical value and 10 k ?   
 f osc 1 2.5 r t ? c t ? ------------------------------ =
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 16 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator g fs = ? i o / ? v i at v o is constant; mr = low. see also figure 15 . fig 13. external component connection for a crystal oscillator fig 14. test set-up for measuring forward transconductance  &("#) *'  +  + + ,  -   .-     
  
 001aai123 560 k t amb = 25 ? c. (1) maximum. (2) typical. (3) minimum. fig 15. typical forward transconductance as function of the supply voltage 001aai124 v cc (v) 06 4 2 6 10 14 g fs (ma/v) 2 (1) (2) (3)
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 17 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator v cc = 2.0 v to 6.0 v; t amb = 25 ? c. for r t curve: c t = 1 nf; r2 = 2 ? r t . v cc = 2.0 v to 6.0 v; t amb = 25 ? c. for c t curve: r t = 100 k ? ; r2 = 200 k ? . fig 16. rc oscillator frequency as a function of r t fig 17. rc oscillator frequency as a function of c t 001aai125 r t () 10 3 10 6 10 5 10 4 10 2 10 3 10 4 10 5 f osc (hz) 10 r t 001aai127 c t (f) 10 ?4 10 ?1 10 ?2 10 ?3 10 2 10 3 10 4 10 5 f osc (hz) 10 c t
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 18 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator 14. package outline fig 18. package outline sot109-1 (so16) x w m a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 8 9 1 16 y pin 1 index unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 10.0 9.8 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot109-1 99-12-27 03-02-19 076e07 ms-012 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.39 0.38 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.020 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 0 2.5 5 mm scale so16: plastic small outline package; 16 leads; body width 3.9 mm sot109-1
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 19 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator fig 19. package outline sot403-1 (tssop16) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.40 0.06 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot403-1 mo-153 99-12-27 03-02-18 w m b p d z e 0.25 18 16 9 a a 1 a 2 l p q detail x l (a ) 3 h e e c v m a x a y 0 2.5 5 mm scale tssop16: plastic thin shrink small outline package; 16 leads; body width 4.4 mm sot403-1 a max. 1.1 pin 1 index
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 20 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator fig 20. package outline sot763-1 (dhvqfn16) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 3.6 3.4 d h 2.15 1.85 y 1 2.6 2.4 1.15 0.85 e 1 2.5 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot763-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot763-1 dhvqfn16: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 16 terminals; body 2.5 x 3.5 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 27 15 10 9 8 1 16 x d e c b a terminal 1 index area ac c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1) 02-10-17 03-01-27
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 21 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator 15. abbreviations 16. revision history table 9. abbreviations acronym description cmos complementary metal-oxide semiconductor dut device under test esd electrostatic discharge hbm human body model mm machine model ttl transistor-transistor logic mil military table 10. revision history document id release date data sheet status change notice supersedes 74hc_hct4060_q100 v.1 20120802 product data sheet - -
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 22 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator 17. legal information 17.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 17.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 17.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qualified for use in automotive applications. unless otherwise agreed in writing, the product is not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74hc_hct4060_q100 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved . product data sheet rev. 1 ? 2 august 2012 23 of 24 nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any licens e under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 17.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 18. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74hc4060-q100; 74hct4060-q100 14-stage binary ripple counter with oscillator ? nxp b.v. 2012. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 2 august 2012 document identifier: 74hc_hct4060_q100 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 19. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 4 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 7 functional description . . . . . . . . . . . . . . . . . . . 5 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 9 recommended operating conditions. . . . . . . . 6 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 6 11 dynamic characteristics . . . . . . . . . . . . . . . . . 10 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 13 rc oscillator. . . . . . . . . . . . . . . . . . . . . . . . . . . 15 13.1 timing component limitations . . . . . . . . . . . . . 15 13.2 typical crystal oscillator ci rcuit . . . . . . . . . . . . 15 14 package outline . . . . . . . . . . . . . . . . . . . . . . . . 18 15 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 21 16 revision history . . . . . . . . . . . . . . . . . . . . . . . . 21 17 legal information. . . . . . . . . . . . . . . . . . . . . . . 22 17.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 22 17.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 17.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 17.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 23 18 contact information. . . . . . . . . . . . . . . . . . . . . 23 19 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24


▲Up To Search▲   

 
Price & Availability of 74HC4060PW-Q100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X