Part Number Hot Search : 
HFFXXX LB184709 LM351 2SK801 BTA06 BXL4004 2N038B 25552
Product Description
Full Text Search
 

To Download 74AUP1T97GW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74aup1t97 provides low-power, low-voltage con?gurable logic gate functions. the output state is determined by eight patterns of 3-bit input. the user can choose the logic functions mux, and, or, nand, nor, inverter and buffer. all inputs can be connected to v cc or gnd. this device ensures a very low static and dynamic power consumption across the entire v cc range from 2.3 v to 3.6 v. the 74aup1t97 is designed for logic-level translation applications with input switching levels that accept 1.8 v low-voltage cmos signals, while operating from either a single 2.5 v or 3.3 v supply voltage. the wide supply voltage range ensures normal operation as battery voltage drops from 3.6 v to 2.3 v. this device is fully speci?ed for partial power-down applications using i off . the i off circuitry disables the output, preventing the damaging back?ow current through the device when it is powered down. schmitt trigger inputs make the circuit tolerant to slower input rise and fall times across the entire v cc range. 2. features n wide supply voltage range from 2.3 v to 3.6 v n high noise immunity n esd protection: u hbm jesd22-a114e class 3a exceeds 5000 v u mm jesd22-a115-a exceeds 200 v u cdm jesd22-c101c exceeds 1000 v n low static power consumption; i cc = 1.5 m a (maximum) n latch-up performance exceeds 100 ma per jesd 78 class ii n inputs accept voltages up to 3.6 v n low noise overshoot and undershoot < 10 % of v cc n i off circuitry provides partial power-down mode operation n multiple package options n speci?ed from - 40 cto+85 c and - 40 c to +125 c 74aup1t97 low-power con?gurable gate with voltage-level translator rev. 01 25 october 2007 product data sheet
74aup1t97_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 october 2007 2 of 17 nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator 3. ordering information 4. marking 5. functional diagram table 1. ordering information type number package temperature range name description version 74AUP1T97GW - 40 c to +125 c sc-88 plastic surface-mounted package; 6 leads sot363 74aup1t97gm - 40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1.45 0.5 mm sot886 74aup1t97gf - 40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1 0.5 mm sot891 table 2. marking type number marking code 74AUP1T97GW 59 74aup1t97gm 59 74aup1t97gf 59 fig 1. logic symbol 001aad998 a y 4 b c 3 1 6
74aup1t97_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 october 2007 3 of 17 nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator 6. pinning information 6.1 pinning 6.2 pin description 7. functional description [1] h = high voltage level; l = low voltage level. fig 2. pin con?guration sot363 (sc-88) fig 3. pin con?guration sot886 (xson6) fig 4. pin con?guration sot891 (xson6) 74aup1t97 bc gnd ay 001aag500 1 2 3 6 v cc 5 4 74aup1t97 gnd 001aag501 b a v cc c y transparent top view 2 3 1 5 4 6 74aup1t97 gnd 001aag502 b a v cc c y transparent top view 2 3 1 5 4 6 table 3. pin description symbol pin description b 1 data input gnd 2 ground (0 v) a 3 data input y 4 data output v cc 5 supply voltage c 6 data input table 4. function table [1] input output c b a y llll llhl lhlh l hhh hlll hl hh hhl l hhhh
74aup1t97_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 october 2007 4 of 17 nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator 7.1 logic con?gurations table 5. function selection table logic function figure 2-input mux see figure 5 2-input and see figure 6 2-input or with one input inverted see figure 7 2-input nand with one input inverted see figure 7 2-input and with one input inverted see figure 8 2-input nor with one input inverted see figure 8 2-input or see figure 9 inverter see figure 10 buffer see figure 11 fig 5. 2-input mux fig 6. 2-input and gate 001aae002 1 2 3 6 5 4y v cc c b a b a c y 001aae003 1 2 3 6 5 4y y v cc c a a c fig 7. 2-input nand gate with input a inverted or 2-input or gate with input c inverted fig 8. 2-input nor gate with input b inverted or 2-input and gate with input c inverted 001aae004 1 2 3 6 5 4y y v cc c a c a y c a 001aae005 1 2 3 6 5 4y y v cc c b c b y c b fig 9. 2-input or gate fig 10. inverter 001aae006 1 2 3 6 5 4y y v cc c b b c 001aae007 1 2 3 6 5 4y y c v cc c
74aup1t97_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 october 2007 5 of 17 nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator 8. limiting values [1] the minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] for sc-88 package: above 87.5 c the value of p tot derates linearly with 4.0 mw/k. for xson6 packages: above 45 c the value of p tot derates linearly with 2.4 mw/k. 9. recommended operating conditions fig 11. buffer 001aae008 1 2 3 6 5 4y y b b v cc table 6. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +4.6 v i ik input clamping current v i <0v - 50 - ma v i input voltage [1] - 0.5 +4.6 v i ok output clamping current v o >v cc or v o <0v - 50 - ma v o output voltage active mode and power-down mode [1] - 0.5 +4.6 v i o output current v o =0 vtov cc - 20 ma i cc supply current - 50 ma i gnd ground current - 50 - ma t stg storage temperature - 65 +150 c p tot total power dissipation t amb = - 40 c to +125 c [2] - 250 mw table 7. recommended operating conditions symbol parameter conditions min max unit v cc supply voltage 2.3 3.6 v v i input voltage 0 3.6 v v o output voltage active mode 0 v cc v power-down mode; v cc = 0 v 0 3.6 v t amb ambient temperature - 40 +125 c
74aup1t97_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 october 2007 6 of 17 nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator 10. static characteristics table 8. static characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb = 25 c v t+ positive-going threshold voltage v cc = 2.3 v to 2.7 v 0.60 - 1.10 v v cc = 3.0 v to 3.6 v 0.75 - 1.16 v v t - negative-going threshold voltage v cc = 2.3 v to 2.7 v 0.35 - 0.60 v v cc = 3.0 v to 3.6 v 0.50 - 0.85 v v h hysteresis voltage (v h = v t+ - v t - ) v cc = 2.3 v to 2.7 v 0.23 - 0.60 v v cc = 3.0 v to 3.6 v 0.25 - 0.56 v v oh high-level output voltage v i = v ih or v il i o = - 20 m a; v cc = 2.3 v to 3.6 v v cc - 0.1 - - v i o = - 2.3 ma; v cc = 2.3 v 2.05 - - v i o = - 3.1 ma; v cc = 2.3 v 1.9 - - v i o = - 2.7 ma; v cc = 3.0 v 2.72 - - v i o = - 4.0 ma; v cc = 3.0 v 2.6 - - v v ol low-level output voltage v i = v ih or v il i o = 20 m a; v cc = 2.3 v to 3.6 v - - 0.10 v i o = 2.3 ma; v cc = 2.3 v - - 0.31 v i o = 3.1 ma; v cc = 2.3 v - - 0.44 v i o = 2.7 ma; v cc = 3.0 v - - 0.31 v i o = 4.0 ma; v cc = 3.0 v - - 0.44 v i i input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - 0.1 m a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - 0.1 m a d i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v to 0.2 v -- 0.2 m a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 2.3 v to 3.6 v - - 1.2 m a c i input capacitance v cc = 0 v to 3.6 v; v i = gnd or v cc - 0.8 - pf c o output capacitance v o = gnd; v cc = 0 v - 1.7 - pf t amb = - 40 c to +85 c v t+ positive-going threshold voltage v cc = 2.3 v to 2.7 v 0.60 - 1.10 v v cc = 3.0 v to 3.6 v 0.75 - 1.19 v v t - negative-going threshold voltage v cc = 2.3 v to 2.7 v 0.35 - 0.60 v v cc = 3.0 v to 3.6 v 0.50 - 0.85 v v h hysteresis voltage (v h = v t+ - v t - ) v cc = 2.3 v to 2.7 v 0.10 - 0.60 v v cc = 3.0 v to 3.6 v 0.15 - 0.56 v
74aup1t97_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 october 2007 7 of 17 nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator v oh high-level output voltage v i = v ih or v il i o = - 20 m a; v cc = 2.3 v to 3.6 v v cc - 0.1 - - v i o = - 2.3 ma; v cc = 2.3 v 1.97 - - v i o = - 3.1 ma; v cc = 2.3 v 1.85 - - v i o = - 2.7 ma; v cc = 3.0 v 2.67 - - v i o = - 4.0 ma; v cc = 3.0 v 2.55 - - v v ol low-level output voltage v i = v ih or v il i o = 20 m a; v cc = 2.3 v to 3.6 v - - 0.1 v i o = 2.3 ma; v cc = 2.3 v - - 0.33 v i o = 3.1 ma; v cc = 2.3 v - - 0.45 v i o = 2.7 ma; v cc = 3.0 v - - 0.33 v i o = 4.0 ma; v cc = 3.0 v - - 0.45 v i i input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - 0.5 m a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - 0.5 m a d i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v to 0.2 v -- 0.5 m a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 2.3 v to 3.6 v - - 1.5 m a d i cc additional supply current v cc = 2.3 v to 2.7 v; i o = 0 a [1] --4 m a v cc = 3.0 v to 3.6 v; i o = 0 a [2] --12 m a t amb = - 40 c to +125 c v t+ positive-going threshold voltage v cc = 2.3 v to 2.7 v 0.60 - 1.10 v v cc = 3.0 v to 3.6 v 0.75 - 1.19 v v t - negative-going threshold voltage v cc = 2.3 v to 2.7 v 0.33 - 0.64 v v cc = 3.0 v to 3.6 v 0.46 - 0.85 v v h hysteresis voltage (v h = v t+ - v t - ) v cc = 2.3 v to 2.7 v 0.10 - 0.60 v v cc = 3.0 v to 3.6 v 0.15 - 0.56 v v oh high-level output voltage v i = v ih or v il i o = - 20 m a; v cc = 2.3 v to 3.6 v v cc - 0.11 - - v i o = - 2.3 ma; v cc = 2.3 v 1.77 - - v i o = - 3.1 ma; v cc = 2.3 v 1.67 - - v i o = - 2.7 ma; v cc = 3.0 v 2.40 - - v i o = - 4.0 ma; v cc = 3.0 v 2.30 - - v v ol low-level output voltage v i = v ih or v il i o = 20 m a; v cc = 2.3 v to 3.6 v - - 0.11 v i o = 2.3 ma; v cc = 2.3 v - - 0.36 v i o = 3.1 ma; v cc = 2.3 v - - 0.50 v i o = 2.7 ma; v cc = 3.0 v - - 0.36 v i o = 4.0 ma; v cc = 3.0 v - - 0.50 v i i input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - 0.75 m a table 8. static characteristics continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
74aup1t97_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 october 2007 8 of 17 nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator [1] one input at 0.3 v or 1.1 v, other input at v cc or gnd. [2] one input at 0.45 v or 1.2 v, other input at v cc or gnd. 11. dynamic characteristics i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - 0.75 m a d i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v to 0.2 v -- 0.75 m a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 2.3 v to 3.6 v - - 3.5 m a d i cc additional supply current v cc = 2.3 v to 2.7 v; i o = 0 a [1] --7 m a v cc = 3.0 v to 3.6 v; i o = 0 a [2] --22 m a table 8. static characteristics continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit table 9. dynamic characteristics voltages are referenced to gnd (groun d = 0 v); for test circuit see figure 13 . symbol parameter conditions 25 c - 40 c to +125 c unit min typ [1] max min max (85 c) max (125 c) v cc = 2.3 v to 2.7 v; v i = 1.65 v to 1.95 v t pd propagation delay a, b, c to y; see figure 12 [2] c l = 5 pf 2.2 3.5 5.5 0.5 6.8 7.5 ns c l = 10 pf 2.6 4.1 6.3 1.0 7.9 8.7 ns c l = 15 pf 2.9 4.6 6.9 1.0 8.7 9.6 ns c l = 30 pf 3.7 5.8 8.4 1.5 10.8 11.9 ns v cc = 2.3 v to 2.7 v; v i = 2.3 v to 2.7 v t pd propagation delay a, b, c to y; see figure 12 [2] c l = 5 pf 1.8 3.4 5.5 0.5 6.0 6.6 ns c l = 10 pf 2.2 4.0 6.2 1.0 7.1 7.9 ns c l = 15 pf 2.5 4.4 6.8 1.0 7.9 8.7 ns c l = 30 pf 3.2 5.6 8.3 1.5 10.0 11.0 ns v cc = 2.3 v to 2.7 v; v i = 3.0 v to 3.6 v t pd propagation delay a, b, c to y; see figure 12 [2] c l = 5 pf 1.4 3.1 5.0 0.5 5.5 6.1 ns c l = 10 pf 1.8 3.7 5.7 1.0 6.5 7.2 ns c l = 15 pf 2.2 4.2 6.3 1.0 7.4 8.2 ns c l = 30 pf 2.9 5.3 7.9 1.5 9.5 10.5 ns v cc = 3.0 v to 3.6 v; v i = 1.65 v to 1.95 v t pd propagation delay a, b, c to y; see figure 12 [2] c l = 5 pf 2.1 2.9 3.9 0.5 8.0 8.8 ns c l = 10 pf 2.5 3.4 4.6 1.0 8.5 9.4 ns c l = 15 pf 2.9 3.9 5.2 1.0 9.1 10.1 ns c l = 30 pf 3.6 5.0 6.7 1.5 9.8 10.8 ns
74aup1t97_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 october 2007 9 of 17 nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator [1] all typical values are measured at nominal v cc . [2] t pd is the same as t plh and t phl [3] c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i n+ s (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; s (c l v cc 2 f o ) = sum of the outputs. v cc = 3.0 v to 3.6 v; v i = 2.3 v to 2.7 v t pd propagation delay a, b, c to y; see figure 12 [2] c l = 5 pf 1.7 2.8 4.2 0.5 5.3 5.9 ns c l = 10 pf 2.1 3.4 5.0 1.0 6.1 6.8 ns c l = 15 pf 2.4 3.8 5.6 1.0 6.8 7.5 ns c l = 30 pf 3.2 5.0 7.1 1.5 8.5 9.4 ns v cc = 3.0 v to 3.6 v; v i = 3.0 v to 3.6 v t pd propagation delay a, b, c to y; see figure 12 [2] c l = 5 pf 1.4 2.7 4.2 0.5 4.7 5.2 ns c l = 10 pf 1.8 3.3 5.0 1.0 5.7 6.3 ns c l = 15 pf 2.1 3.8 5.6 1.0 6.2 6.9 ns c l = 30 pf 2.9 4.9 7.1 1.5 7.8 8.6 ns t amb = 25 c c pd power dissipation capacitance f i = 1 mhz; v i = gnd to v cc [3] v cc = 2.3 v to 2.7 v - 3.6 - - - - pf v cc = 3.0 v to 3.6 v - 4.3 - - - - pf table 9. dynamic characteristics continued voltages are referenced to gnd (groun d = 0 v); for test circuit see figure 13 . symbol parameter conditions 25 c - 40 c to +125 c unit min typ [1] max min max (85 c) max (125 c)
74aup1t97_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 october 2007 10 of 17 nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator 12. waveforms measurement points are given in t ab le 10 . v ol and v oh are typical output voltage drop that occur with the output load. fig 12. input a, b and c to output y propagation delay times. y output a, b, c input y output gnd v i v oh v oh v ol v ol v m v m v m v m v m v m t plh t plh t phl t phl 001aab593 table 10. measurement points supply voltage output input v cc v m v m v i t r = t f 2.3 v to 3.6 v 0.5v cc 0.5v i 1.65 v to 3.6 v 3.0 ns
74aup1t97_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 october 2007 11 of 17 nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator [1] for measuring enable and disable times r l =5k w , for measuring propagation delays, setup and hold times and pulse width r l =1m w . test data is given in t ab le 11 . de?nitions for test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to the output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. fig 13. load circuitry for switching times 001aac521 dut r t v i v o v ext v cc r l 5 k w c l g table 11. test data supply voltage load v ext v cc c l r l [1] t plh , t phl t pzh , t phz t pzl , t plz 2.3 v to 3.6 v 5 pf, 10 pf, 15 pf and 30 pf 5 k w or 1 m w open gnd 2 v cc
74aup1t97_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 october 2007 12 of 17 nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator 13. package outline fig 14. package outline sot363 (sc-88) references outline version european projection issue date iec jedec jeita sot363 sc-88 wb m b p d e 1 e pin 1 index a a 1 l p q detail x h e e v m a a b y 0 1 2 mm scale c x 13 2 4 5 6 plastic surface-mounted package; 6 leads sot363 unit a 1 max b p cd e e 1 h e l p qy w v mm 0.1 0.30 0.20 2.2 1.8 0.25 0.10 1.35 1.15 0.65 e 1.3 2.2 2.0 0.2 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 0.25 0.15 a 1.1 0.8 04-11-08 06-03-16
74aup1t97_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 october 2007 13 of 17 nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator fig 15. package outline sot886 (xson6) terminal 1 index area references outline version european projection issue date iec jedec jeita sot886 mo-252 sot886 04-07-15 04-07-22 dimensions (mm are the original dimensions) xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale notes 1. including plating thickness. 2. can be visible in some manufacturing processes. unit mm 0.25 0.17 1.5 1.4 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.5 0.6 a (1) max 0.5 0.04 1 6 2 5 3 4 6 (2) 4 (2) a
74aup1t97_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 october 2007 14 of 17 nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator fig 16. package outline sot891 (xson6) terminal 1 index area references outline version european projection issue date iec jedec jeita sot891 sot891 05-04-06 07-05-15 xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale dimensions (mm are the original dimensions) unit mm 0.20 0.12 1.05 0.95 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.35 0.55 a max 0.5 0.04 1 6 2 5 3 4 a 6 (1) 4 (1) note 1. can be visible in some manufacturing processes.
74aup1t97_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 october 2007 15 of 17 nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator 14. abbreviations 15. revision history table 12. abbreviations acronym description cdm charged device model cmos complementary metal oxide semiconductor dut device under test esd electrostatic discharge hbm human body model mm machine model ttl transistor-transistor logic table 13. revision history document id release date data sheet status change notice supersedes 74aup1t97_1 20071025 product data sheet - -
74aup1t97_1 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 01 25 october 2007 16 of 17 nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator 16. legal information 16.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 16.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 16.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of a nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. 16.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 17. contact information for additional information, please visit: http://www .nxp.com for sales of?ce addresses, send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
nxp semiconductors 74aup1t97 low-power con?gurable gate with voltage-level translator ? nxp b.v. 2007. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 25 october 2007 document identifier: 74aup1t97_1 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 functional description . . . . . . . . . . . . . . . . . . . 3 7.1 logic con?gurations . . . . . . . . . . . . . . . . . . . . . 4 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 9 recommended operating conditions. . . . . . . . 5 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 6 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 8 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . 12 14 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 15 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 15 16 legal information. . . . . . . . . . . . . . . . . . . . . . . 16 16.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 16 16.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 16.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 16.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 17 contact information. . . . . . . . . . . . . . . . . . . . . 16 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17


▲Up To Search▲   

 
Price & Availability of 74AUP1T97GW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X