Part Number Hot Search : 
C2881 C100LVE SF25I 22Z1E PE430608 SF25I HD74AC AS431AR
Product Description
Full Text Search
 

To Download 74AUP1G04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74AUP1G04 document number: ds35147 rev. 1- 2 1 of 11 www.diodes.com august 2012 ? diodes incorporated 74AUP1G04 single inverter gate description the advanced ultra low power (aup) cmos logic family is designed for low power and extended battery life in portable applications. the 74AUP1G04 is a single inverter gate with a standard push-pull output designed for operation over a power supply range of 0.8v to 3.6v. the device is fully s pecified for partial power down applications using i off . the i off circuitry disables the output preventing damaging current backflow when the device is powered down. the gate performs the positive boolean function: ay = features ? advanced ultra low power (aup) cmos ? supply voltage range from 0.8v to 3.6v ? 4 ma output drive at 3.0v ? low static power consumption ? i cc < 0.9a ? low dynamic power consumption ? c pd = 6.1pf (typical at 3.6v) ? schmitt trigger action at all i nputs make the circuit tolerant for slower input rise and fall time. the hysteresis is typically 250mv at v cc = 3.0v ? i off supports partial-power-down mode operation ? esd protection exceeds jesd 22 ? 2000-v human body model (a114-a) ? exceeds 1000-v charged device model (c101c) ? latch-up exceeds 100ma per jesd 78, class ii ? range of package options sot353, dfn1410, and dfn1010 ? leadless packages per jesd30e ? dfn1010 denoted as x2-dfn1010-6 ? dfn1014 denoted as x2-dfn1014-6 ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) pin assignments applications ? suited for battery and low power needs ? wide array of products such as: ? tablets, e-readers ? cell phones, personal navigation / gps ? mp3 players ,cameras, video recorders ? pcs ultrabooks, notebooks, netbooks, ? computer peripherals, hard drives, cd/dvd rom ? tv, dvd, dvr, set top box notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. click here for ordering information, located at the end of datasheet
74AUP1G04 document number: ds35147 rev. 1- 2 2 of 11 www.diodes.com august 2012 ? diodes incorporated 74AUP1G04 pin descriptions pin name function nc no connection a data input gnd ground y data output v cc supply voltage logic diagram function table inputs output a y h l l h 2 4 y a
74AUP1G04 document number: ds35147 rev. 1- 2 3 of 11 www.diodes.com august 2012 ? diodes incorporated 74AUP1G04 absolute maximum ratings (note 4) (@t a = +25c, unless otherwise specified.) symbol parameter rating unit esd hbm human body model esd protection 2 kv esd cdm charged device model esd protection 1 kv v cc supply voltage range -0.5 to +4.6 v v i input voltage range -0.5 to +4.6 v v o voltage applied to output in high or low state -0.5 to v cc +0.5 v i ik input clamp current v i <0 50 ma i ok output clamp current (v o < 0 ) 50 ma i o continuous output current (v o = 0 to v cc ) 20 ma i cc continuous current through v cc 50 ma i gnd continuous current through gnd -50 ma t j operating junction temperature -40 to +150 c t stg storage temperature -65 to +150 c note: 4. stresses beyond the absolute maximum may result in immediate failure or reduced reliability. these are stress val ues and device operation should be within recommend values. recommended operating conditions (note 5) (@t a = +25c, unless otherwise specified.) symbol parameter min max unit v cc operating voltage 0.8 3.6 v v i input voltage 0 3.6 v v o output voltage 0 v cc v i oh high-level output current v cc = 0.8 v -20 a v cc = 1.1 v -1.1 ma v cc = 1.4 v -1.7 v cc = 1.65 v -1.9 v cc = 2.3 v -3.1 v cc = 3.0 v -4 i ol low-level output current v cc = 0.8 v 20 ua v cc = 1.1 v 1.1 ma v cc = 1.4 v 1.7 v cc = 1.65 v 1.9 v cc = 2.3 v 3.1 v cc = 3.0 v 4 t/ v input transition rise or fall rate v cc = 0.8 v to 3.6 v 200 ns/v t a operating free-air temperature -40 +125 c note: 5. unused inputs should be held at v cc or ground.
74AUP1G04 document number: ds35147 rev. 1- 2 4 of 11 www.diodes.com august 2012 ? diodes incorporated 74AUP1G04 electrical characteristics symbol parameter test conditions v cc t a = +25c t a = -40c to +85c unit min max min max v ih high-level input voltage 0.8v to 1.65v 0.80 x v cc 0.80 x v cc v 1.65v to 1.95v 0.65 x v cc 0.65 x v cc 2.3v to 2.7v 1.6 1.6 3.0v to 3.6v 2.0 2.0 v il low-level input voltage 0.8v to 1.65v 0.30 x v cc 0.30 x v cc v 1.65v to 1.95v 0.35 x v cc 0.35 x v cc 2.3v to 2.7v 0.7 0.7 3.0v to 3.6v 0.9 0.9 v oh high-level output voltage i oh = -20 a 0.8v to 3.6v v cc ? 0.1 v cc ? 0.1 v i oh = -1.1ma 1.1v 0.75 x v cc 0.7 x v cc i oh = -1.7ma 1.4v 1.11 1.03 i oh = -1.9ma 1.65v 1.32 1.3 i oh = -2.3ma 2.3v 2.05 1.97 i oh = -3.1ma 1.9 1.85 i oh = -2.7ma 3v 2.72 2.67 i oh = -4ma 2.6 2.55 v ol high-level input voltage i ol = 20 a 0.8v to 3.6v 0.1 0.1 v i ol = 1.1ma 1.1v 0.3 x v cc 0.3 x v cc i ol = 1.7ma 1.4v 0.31 0.37 i ol = 1.9ma 1.65v 0.31 0.35 i ol = 2.3ma 2.3v 0.31 0.33 i ol = 3.1ma 0.44 0.45 i ol = 2.7ma 3v 0.31 0.33 i ol = 4ma 0.44 0.45 i i input current a or b input v i = gnd to 3.6v 0v to 3.6v 0.1 0.5 a i off power down leakage current v i or v o = 0v to 3.6v 0 0.2 0.6 a i off delta power down leakage current v i or v o = 0v to 3.6v 0v to 0.2v 0.2 0.6 a i cc supply current v i = gnd or v cc i o = 0 0.8v to 3.6v 0.5 0.9 a i cc additional supply current input at v cc -0.6 3.3v 40 50 a
74AUP1G04 document number: ds35147 rev. 1- 2 5 of 11 www.diodes.com august 2012 ? diodes incorporated 74AUP1G04 electrical characteristics (cont.) symbol parameter test conditions v cc t a = -40c to +125c unit min max v ih high-level input voltage 0.8v to 1.65v 0.80 x v cc v 1.65v to 1.95v 0.70 x v cc 2.3v to 2.7v 1.6 3.0v to 3.6v 2.0 v il low-level input voltage 0.8v to 1.65v 0.25 x v cc v 1.65v to 1.95v 0.30 x v cc 2.3v to 2.7v 0.7 3.0v to 3.6v 0.9 v oh high level output voltage i oh = -20 a 0.8v to 3.6v v cc ? 0.11 v i oh = -1.1ma 1.1v 0.6 x v cc i oh = -1.7ma 1.4v 0.93 i oh = -1.9ma 1.65v 1.17 i oh = -2.3ma 2.3v 1.77 i oh = -3.1ma 1.67 i oh = -2.7ma 3v 2.40 i oh = -4ma 2.30 v ol high-level input voltage i ol = 20 a 0.8v to 3.6v 0.11 v i ol = 1.1ma 1.1v 0.33 x v cc i ol = 1.7ma 1.4v 0.41 i ol = 1.9ma 1.65v 0.39 i ol = 2.3ma 2.3v 0.36 i ol = 3.1ma 0.50 i ol = 2.7ma 3v 0.36 i ol = 4ma 0.50 i i input current a or b input v i = gnd to 3.6v 0v to 3.6v 0.75 a i off power down leakage current v i or v o = 0v to 3.6v 0v 3.5 a i off delta power down leakage current v i or v o = 0v to 3.6v 0v to 0.2v 2.5 a i cc supply current v i = gnd or v cc , i o = 0 0.8v to 3.6v 3.0 a i cc additional supply current input at v cc -0.6v other inputs at v cc or gnd 3.3v 75 a
74AUP1G04 document number: ds35147 rev. 1- 2 6 of 11 www.diodes.com august 2012 ? diodes incorporated 74AUP1G04 switching characteristics c l = 5pf see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd a or b y 0.8v 16.0 ns 1.2v 0.1v 2.4 5.0 10.3 2.1 14.1 2.1 14.1 1.5v 0.1v 1.8 3.6 6.4 1.6 7.4 1.6 8.2 1.8v 0.15v 1.5 2.9 5.0 1.4 5.9 1.4 6.5 2.5v 0.2v 1.2 2.4 3.9 1.1 4.5 1.1 5.0 3.3v 0.3v 1.1 2.1 3.2 1.1 3.9 1.1 4.3 c l = 10pf see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd a or b y 0.8v 19.8 ns 1.2v 0.1v 2.8 5.9 12.2 2.6 17.0 2.6 17.0 1.5v 0.1v 2.3 4.2 7.5 2.1 8.7 2.1 9.6 1.8v 0.15v 2.0 3.5 5.9 1.8 7.0 1.8 7.7 2.5v 0.2v 1.7 2.9 4.6 1.5 5.4 1.5 6.0 3.3v 0.3v 1.4 2.7 3.8 1.4 4.5 1.4 5.0 c l = 15pf see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd a or b y 0.8v 23.3 ns 1.2v 0.1v 3.2 8.0 14.0 3.0 26.0 3.0 26.0 1.5v 0.1v 2.6 7.5 9.0 2.4 10.0 2.4 11.0 1.8v 0.15v 2.3 5.2 6.7 2.1 8.0 2.1 8.8 2.5v 0.2v 2.1 3.1 5.1 1.8 6.1 1.8 6.8 3.3v 0.3v 1.8 3.1 4.2 1.8 5.0 1.8 5.5 c l = 30pf see figure 1 parameter from input to output v cc t a = +25c t a = -40c to +85c t a = -40c to +125c unit min typ max min max min max t pd a or b y 0.8v 33.6 ns 1.2v 0.1v 4.4 13.0 18.0 4.0 27.0 4.0 27.0 1.5v 0.1v 3.6 6.3 12.0 3.2 13.8 3.2 14.2 1.8v 0.15v 3.2 5.3 9.0 2.9 10.5 2.9 11.6 2.5v 0.2v 2.9 4.5 6.5 2.6 7.6 2.6 8.4 3.3v 0.3v 2.1 4.2 5.4 2.1 6.2 2.1 6.9
74AUP1G04 document number: ds35147 rev. 1- 2 7 of 11 www.diodes.com august 2012 ? diodes incorporated 74AUP1G04 operating and package characteristics (@t a = +25c, unless otherwise specified.) parameter test conditions v cc typ unit c pd power dissipation capacitance f = 1mhz no load 0.8v 6.5 pf 1.2v 0.1v 6.3 1.5v 0.1v 6.3 1.8v 0.15v 6.2 2.5v 0.2v 6.2 3.3v 0.3v 6.1 c i input capacitance v i = v cc or gnd 0v or 3.3v 1.5 pf ja thermal resistance junction-to-ambient sot353 (note 6) 371 c/w x2-dfn1410-6 430 x2-dfn1010-6 445 jc thermal resistance junction-to-case sot353 (note 6 143 c/w x2-dfn1410-6 190 x2-dfn1010-6 250 note: 6. test condition for sot353, dfn1410, and dfn1010 devices mounted on fr-4 substrate pc board, 2oz copper, with mini mum recommended pad layout. parameter measurement information v cc inputs v m c l v i t r /t f 0.8v v cc 3ns v cc /2 5, 10, 15, 30pf 1.2v0.1v v cc 3ns v cc /2 5, 10, 15, 30pf 1.5v0.1v v cc 3ns v cc /2 5, 10, 15, 30pf 1.8v0.15v v cc 3ns v cc /2 5, 10, 15, 30pf 2.5v0.2v v cc 3ns v cc /2 5, 10, 15, 30pf 3.3v0.3v v cc 3ns v cc /2 5, 10, 15, 30pf voltage waveform pulse duration voltage waveform propagation delay times inverting and non inverting outputs figure 1. load circuit and voltage waveforms notes: a. includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate 10 mhz. c. inputs are measured separatel y one transition per measurement. d. t plh and t phl are the same as t pd.
74AUP1G04 document number: ds35147 rev. 1- 2 8 of 11 www.diodes.com august 2012 ? diodes incorporated 74AUP1G04 ordering information 74aup1g 04 xx -7 : function package 7 : tape & reel packing 04 : 1-input inverter -gate se logic device 74 : logic prefix aup : 0.8 v to 3.6 v logic family 1g : one gate sot353 : x2-dfn1410-6 x2-dfn1010-6 : fz4 fw4 part number package code packaging 7? tape and reel quantity part number suffix 74AUP1G04se-7 se sot353 3000/tape & reel -7 74AUP1G04fz4-7 fz4 x2-dfn1410-6 5000/tape & reel -7 74AUP1G04fw4-7 fw4 x2-dfn1010-6 5000/tape & reel -7 marking information (1) sot353 1 2 3 5 7 4 xx y w x xx : identification code w : week : a~z : 1~26 week; x : a~z : internal code (top view) y : year 0~9 a~z : 27~52 week; z represents 52 and 53 week part number package identification code 74AUP1G04se sot353 xk (2) x2-dfn1410-6 and x2-dfn1010-6 y : year : 0~9 (top view) x : a~z : internal code y w x xx xx : identification code w : week : a~z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week part number package identification code 74AUP1G04fz4 x2-dfn1410-6 xk 74AUP1G04fw4 x2-dfn1010-6 xk
74AUP1G04 document number: ds35147 rev. 1- 2 9 of 11 www.diodes.com august 2012 ? diodes incorporated 74AUP1G04 package outline dimensions (all dimensions in mm.) please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. (1) sot353 (2) x2-dfn1410-6 sot353 dim min max typ a 0.10 0.30 0.25 b 1.15 1.35 1.30 c 2.00 2.20 2.10 d 0.65 typ f 0.40 0.45 0.425 h 1.80 2.20 2.15 j 0 0.10 0.05 k 0.90 1.00 1.00 l 0.25 0.40 0.30 m 0.10 0.22 0.11 0 8 - all dimensions in mm x2-dfn1410-6 dim min max typ a ?? 0.40 0.39 a1 0.00 0.05 0.02 a3 ?? ?? 0.13 b 0.15 0.25 0.20 d 1.35 1.45 1.40 e 0.95 1.05 1.00 e ?? ?? 0.50 l 0.25 0.35 0.30 z ?? ?? 0.10 z1 0.045 0.105 0.075 all dimensions in mm a m j l d b c h k f d e e l(6x) a a3 (pin #1 id) seating plane z(4x) a1 b(6x) z1(4x)
74AUP1G04 document number: ds35147 rev. 1- 2 10 of 11 www.diodes.com august 2012 ? diodes incorporated 74AUP1G04 package outline dimensions (cont.) (all dimensions in mm.) please see ap02002 at http://www.diodes.com/ datasheets/ap02002.pdf for latest version. (3) x2-dfn1010-6 suggested pad layout please see ap02001 at http://www.diodes.com/ datasheets/ap02001.pdf for the latest version (1) sot353 (2) x2-dfn1410-6 x2-dfn1010-6 dim min max typ a ?? 0.40 0.39 a1 0.00 0.05 0.02 a3 ?? ?? 0.13 b 0.14 0.20 0.17 b1 0.05 0.15 0.10 d 0.95 1.05 1.00 e 0.95 1.05 1.00 e ?? ?? 0.35 l 0.35 0.45 0.40 k 0.15 ?? ?? z ?? ?? 0.065 all dimensions in mm dimensions value (in mm) z 2.5 g 1.3 x 0.42 y 0.6 c1 1.9 c2 0.65 dimensions value (in mm) c 0.500 g 0.250 x 0.250 x1 1.250 y 0.525 y1 1.250 a a1 a3 d e z(4x) b(6x) e l(6x) k (pin #1 id) b1 x z y c1 c2 c2 g 1 x1 y1 y(6x) x(6x) g(4x) c
74AUP1G04 document number: ds35147 rev. 1- 2 11 of 11 www.diodes.com august 2012 ? diodes incorporated 74AUP1G04 suggested pad layout (cont.) please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. (3) x2-dfn1010-6 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com dimensions value (in mm) c 0.350 g 0.150 x 0.200 x1 0.900 y 0.550 y1 1.250 1 y1 x1 x(6x) y (6x) g(4x) c


▲Up To Search▲   

 
Price & Availability of 74AUP1G04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X