Part Number Hot Search : 
RB751 MAX16903 AD9642 PXAG37 MAX96 IC16C773 74C926 09H57AD
Product Description
Full Text Search
 

To Download 74712-1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/15/2010 please check www.molex.com for latest part information part number: 0747121001 status: active overview: ganged_rf description: 6.25mm (.246") pitch ganged rf header, vertical, 6 circuits documents: drawing (pdf) product specification ps-74854-001 (pdf) packaging specification (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e107635 general product family backplane connectors series 74712 application backplane comments ports numbered 2, 5, and 8 loaded component type pcb header overview ganged_rf product name ganged rf style n/a physical circuits (loaded) 6 circuits (maximum) 6 circuits detail 6 color - resin black, natural durability (mating cycles max) 500 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part none material - metal copper material - resin high temperature thermoplastic, polyester number of columns 3 number of pairs n/a number of rows 2 orientation vertical pcb retention none pcb thickness recommended (in) 0.125 in pcb thickness recommended (mm) 3.20 mm packaging type tray pitch - mating interface (in) 0.246 in pitch - mating interface (mm) 6.25 mm polarized to pcb yes surface mount compatible (smc) yes temperature range - operating -40c to +85c termination interface: style through hole - compliant pin electrical current - maximum per contact 1a data rate 3.0 gbps voltage - maximum 50v ac material info series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 74712 series mates with 74642 ganged rf receptacle
reference - drawing numbers packaging specification pk-74712-101 product specification ps-74854-001 sales drawing sd-74712-003 this document was generated on 05/15/2010 please check www.molex.com for latest part information






▲Up To Search▲   

 
Price & Availability of 74712-1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X