Part Number Hot Search : 
LC899 10250 ESD24V 2500T X230CPP OP27FP SNC31205 AD836807
Product Description
Full Text Search
 

To Download 2SK3607-01MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 to-220f item symbol ratings unit drain-source voltage v ds 200 v dsx *5 170 continuous drain current i d 18 pulsed drain current i d(puls] 72 gate-source voltage v gs 30 non-repetitive avalanche current i as *2 18 maximum avalanche energy e as *1 125.5 maximum drain-source dv/dt dv ds /dt *4 20 peak diode recovery dv/dt dv/dt *3 5 max. power dissipation p d ta=25 c 2.16 tc=25 c 37 operating and storage t ch +150 temperature range t stg isolation voltage v iso *6 2 electrical characteristics (t c =25c unless otherwise specified) thermalcharacteristics 2SK3607-01MR fuji power mosfet n-channel silicon power mosfet features high speed switching low on-resistance no secondary breadown low driving power avalanche-proof applications switching regulators ups (uninterruptible power supply) dc-dc converters maximum ratings and characteristic absolute maximum ratings (tc=25c unless otherwise specified) item symbol test conditions zero gate voltage drain current i dss v ds =200v v gs =0v v ds =160v v gs =0v v gs =30v i d =6.5a v gs =10v i d =6.5a v ds =25v v cc =48v i d =6.5a v gs =10v r gs =10 ? min. typ. max. units v v a na m ? s pf nc a v s c ns min. typ. max. units thermal resistance r th(ch-c) channel to case r th(ch-a) channel to ambient 3.378 58.0 c/w c/w symbol v (br)dss v gs(th) i gss r ds(on) g fs c iss c oss c rss td (on) t r td (off) t f q g q gs q gd i av v sd t rr q rr item drain-source breakdown voltaget gate threshold voltage gate-source leakage current drain-source on-state resistance forward transcondutance input capacitance output capacitance reverse transfer capacitance turn-on time t on turn-off time t off total gate charge gate-source charge gate-drain charge avalanche capability diode forward on-voltage reverse recovery time reverse recovery charge test conditions i d = 250 a v gs =0v i d = 250 a v ds =v gs t ch =25c t ch =125c v ds =0v v ds =75v v gs =0v f=1mhz v cc =100v i d =13a v gs =10v l=620 h t ch =25c i f =13a v gs =0v t ch =25c i f =13a v gs =0v -di/dt=100a/s t ch =25c v v a a v a mj kv/s kv/s w c c kvrms 200 3.0 5.0 25 250 10 100 131 170 5.5 11 770 1155 110 165 5 7.5 12 18 2.6 3.9 22 33 6.1 9.2 21 31.5 812 5 7.5 18 1.10 1.65 0.15 0.88 -55 to +150 outline drawings (mm) equivalent circuit schematic gate(g) source(s) drain(d) super f ap-g series *3 i f -i d , -di/dt=50a/s, vcc bv dss , tch 150c = < = < = < *4 v ds 200v < = www.fujielectric.co.jp/denshi/scd *5 v gs =-30v *6 t=60sec f=60hz 200304 *1 l=620h, vcc=48v,tch=25c, see to avalanche energy graph *2 tch 150c = <
2 characteristics 2SK3607-01MR fuji power mosfet id=f(vgs):80s pulse test, vds=25v,tch=25c id=f(vds):80s pulse test,tch=25c gfs=f(id):80s pulse test, vds=25v,tch=25c rds(on)=f(id):80s pulse test, tch=25c 024681012 0 5 10 15 20 25 30 35 40 20v 7.0v 10v 8v 6.5v 7.5v 6.0v id [a] vds [v] typical output characteristics vgs=5.5v 012345678910 0.1 1 10 100 id[a] vgs[v] typical transfer characteristic 0.1 1 10 100 0.1 1 10 100 gfs [s] id [a] typical transconductance 0 5 10 15 20 25 30 35 40 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 7.0v 6.5v rds(on) [ ? ] id [a] typical drain-source on-state resistance 10v 20v 8v 7.5v 6.0v vgs= 5.5v 0 25 50 75 100 125 150 0 5 10 15 20 25 30 35 40 45 50 allowable power dissipation pd=f(tc) pd [w] tc [ c] 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 i as =11a i as =7a i as =18a eas [mj] starting tch [ c] maximum avalanche energy vs. starting tch e(as)=f(starting tch):vcc=48v
3 2SK3607-01MR fuji power mosfet vgs=f(qg):id=13a, tch=25c if=f(vsd):80s pulse test,tch=25c t=f(id):vcc=48v, vgs=10v, rg=10 ? -50 -25 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 450 500 rds(on) [ m ? ] tch [ c] typ. max. drain-source on-state resistance rds(on)=f(tch):id=6.5a,vgs=10v -50 -25 0 25 50 75 100 125 150 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 max. min. gate threshold voltage vs. tch vgs(th)=f(tch):vds=vgs,id=250 a vgs(th) [v] tch [ c] 0 10203040 0 2 4 6 8 10 12 14 qg [nc] typical gate charge characteristics vgs [v] vcc= 100v 10 -1 10 0 10 1 10 2 10 -3 10 -2 10 -1 10 0 c [nf] vds [v] typical capacitance c=f(vds):vgs=0v,f=1mhz crss coss ciss 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 0.1 1 10 100 if [a] vsd [v] typical forward characteristics of reverse diode 10 -1 10 0 10 1 10 2 10 0 10 1 10 2 10 3 typical switching characteristics vs. id td(on) tr tf td(off) t [ns] id [a]
4 2SK3607-01MR fuji power mosfet http://www.fujielectric.co.jp/denshi/scd/ 10 -8 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -2 10 -1 10 0 10 1 10 2 single pulse maximum avalanche current pulsewidth i av =f(t av ):starting tch=25 c,vcc=48v avalanche current i av [a] t av [sec] 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 -3 10 -2 10 -1 10 0 10 1 maximum transient thermal impedance zth(ch-c)=f(t):d=0 zth(ch-c) [c/w] t [sec]


▲Up To Search▲   

 
Price & Availability of 2SK3607-01MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X