Part Number Hot Search : 
FJN3302R 39513 W1250 KTA1042L RM200 RM200 MAX2424 NTD30
Product Description
Full Text Search
 

To Download 2SK3539 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon mosfets (small signal) 1 publication date: january 2004 sjf00035bed 2SK3539 silicon n-channel mosfet for switching features ? high-speed switching ? wide frequency band ? gate protection diode built-in absolute maximum ratings t a = 25 c unit: mm 1: gate 2: source 3: drain eiaj: sc-70 smini3-g1 package electrical characteristics t a = 25 c 3 c parameter symbol conditions min typ max unit drain-source surrender voltage v dss i d = 10 a, v gs = 0 50 v drain-source cutoff current i dss v ds = 50 v, v gs = 0 1.0 a gate-source cutoff current i gss v gs = 7 v, v ds = 0 5.0 a gate threshold voltage v th i d = 1.0 a, v ds = 3 v 0.9 1.2 1.5 v drain-source on resistance r ds(on) i d = 10 ma, v gs = 2.5 v 8 15 ? i d = 10 ma, v gs = 4.0 v 6 12 forward trancfer admitance ? y fs ? i d = 10 ma, v ds = 3 v, f = 1 khz 20 60 ms short-circuit forward transfer c iss v ds = 3 v, v gs = 0, f = 1 mhz 12 pf capacitance (common source) short-circuit output capacitance (common source) c oss 7pf reverse transfer capacitance (common source) c rss 3pf turn-on time * t on v dd = 3 v, v gs = 0 v to 3 v, r l = 470 ? 200 ns turn-off time * t off v dd = 3 v, v gs = 3 v to 0 v, r l = 470 ? 200 ns note) 1. measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * :t on , t off test circuit marking symbol: 5f v out v dd = 3 v v gs = 3.0 v 50 ? 470 ? 100 f v in 90% 10% 10% 90% v out t on t off 2.1 0.1 1.3 0.1 0.3 +0.1 ?0.0 2.0 0.2 1.25 0.10 (0.425) 1 3 2 (0.65) (0.65) 0.2 0.1 0.9 0.1 0 to 0.1 0.9 +0.2 ?0.1 0.15 +0.10 ?0.05 5? 10? parameter symbol rating unit drain-source voltage v ds 50 v gate-source voltage (drain open) v gso 7v drain current i d 100 ma peak drain current i dp 200 ma power dissipation p d 150 mw channel temperature t ch 150 c storage temperature t stg ? 55 to + 150 c
2SK3539 2 sjf00035bed ? y fs ? ? v gs r ds(on) ? v gs v in ? i o p d ? t a i d ? v ds i d ? v gs ambient temperature t a ( c) power dissipation p d (mw) 160 120 80 40 0 40 80 160 120 0 drain-source voltage v ds (v) drain current i d (ma) 60 40 20 0 48 0 t a = 25 c v gs = 2.0 v 1.9 v 1.8 v 1.7 v 1.6 v 1.5 v gate-source voltage v gs (v) drain current i d (ma) 250 200 150 100 50 0 123 0 v ds = 3 v t a = ? 25 c 25 c 75 c gate-source voltage v gs (v) 0.16 0.12 0.08 0.04 0 0.5 1.0 1.5 2.0 2.5 3.0 0 forward trancfer admitance ? ? = 3 v f = 1 mhz t a = 25 c gate-source voltage v gs (v) drain-source on resistance r ds(on) ( ? ) 60 50 40 30 20 10 0 246 0 t a = 75 c i d = 10 ma 25 c ? 25 c output current i o ( ma ) input voltage v in (v) 10 ? 1 1 1 10 10 10 2 10 3 v o = 5 v t c = 25 c
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep


▲Up To Search▲   

 
Price & Availability of 2SK3539

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X