Part Number Hot Search : 
5TUZ47C AK4309 VO618A D740N CRH0805 AP161502 00TTS 6N548
Product Description
Full Text Search
 

To Download 2SK3031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type ic www.kexin.com.cn 1 mosfet smd type 2.3 0.60 +0.1 -0.1 6.50 +0.15 -0.15 1.50 +0.15 -0.15 0.80 +0.1 -0.1 4.60 +0.15 -0.15 0.50 +0.15 -0.15 9.70 +0.2 -0.2 5.30 +0.2 -0.2 2.30 +0.1 -0.1 0.50 +0.8 -0.7 5.55 +0.15 -0.15 2.65 +0.25 -0.1 1.50 +0.28 -0.1 0.127 max 3 .8 0 to-252 unit: mm 1gate 2drain 3source silicon n-channel power f-mosfet 2SK3031 features avalanche energy capacity guaranteed high-speed switching low on-resistance no secondary breakdown low-voltage drive high electrostatic breakdown voltage absolute maximum ratings ta = 25 parameter symbol rating unit drain to source voltage v dss 100 v gate to source voltage v gss 20 v i d 15 a i dp * 30 a power dissipation t c =25 20 w t a =25 1w channel temperature t ch 150 storage temperature t stg -55to+150 *pw 10 s,duty cycle 1% drain current p d electrical characteristics ta = 25 parameter symbol testconditons min typ max unit drain to source breakdown voltage v dss i d =1ma,v gs =0 100 v drain cut-off current i dss v ds =80v,v gs =0 10 a gate leakage current i gss v gs = 20v,v ds =0 10 a gate threshold voltage v gs(th) v ds =10v,i d =1ma 1 2.5 v forward transfer admittance y fs v ds =10v,i d =8a 4 7.5 s v gs =10v,i d =8a 90 135 m v gs =4v,i d =8a 100 160 m input capacitance c iss 300 pf output capacitance c oss 190 pf reverse transfer capacitance c rss 30 pf turn-on delay time t on 20 ns rise time t r 85 ns turn-off delay time t off 1440 ns fall time tf 330 ns v ds =10v,v gs =0,f=1mhz i d =8a,v gs(on) =10v,r l =3.75 ,v dd =30v drain to source on-state resistance r ds(on)


▲Up To Search▲   

 
Price & Availability of 2SK3031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X