Part Number Hot Search : 
TPCS8210 20035 MX7820TQ M050B C4426COA M050B 2SK3586 DTV64
Product Description
Full Text Search
 

To Download 2SC3930 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC3930 0.03a , 30v npn silicon epitaxial planar transistor elektronische bauelemente 08-mar-2011 rev. a page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. top view a l c b d g h j f k e 1 2 3 1 2 3 ? ? base ? ? emitte r collector ? ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free feature for high-frequency amplification complementary to 2sa1532 optimum for rf amplification of fm/am radios high transition frequency f t classification of h fe package information package mpq leadersize sot-323 3k 7? inch absolute maximum ratings ( t a = 25 c unless otherwise specified) parameter symbol ratings unit collector to base voltage v cbo 30 v collector to emitter voltage v ceo 20 v emitter to base voltage v ebo 5 v collector current ? continuous i c 30 ma collector power dissipation p c 150 mw junction, storage temperature t j , t stg 150, -55~150 electrical characteristics ( t a = 25 c unless otherwise specified) parameter symbol min. typ. max. unit testing condition collector-base breakdown voltage v (br)cbo 30 - - v i c =100 a, i e =0 collector-emitter breakdown voltage v (br)ceo 20 - - v i c =100 a, i b =0 emitter-base breakdown voltage v (br)ebo 5 - - v i e =100 a, i c =0 collector cut-off current i cbo - - 0.1 ? a v cb =10v, i e =0 emitter cut-off current i ebo - - 0.1 ? a v eb =5v, i c =0 dc current gain h fe 70 - 220 v ce =10v, i c =1ma transition frequency f t 150 - - mhz v ce =10v, i e =1ma, f=200mhz common emitter reverse transfer capacitance c re - - 1.5 pf v cb =10v, i c =1ma, f=10.7mhz noise figure nf - - 4 db v cb =10v, i c =1ma, f=5mhz reverse transfer impedance z rb - - 50 ? v cb =10v, i c =1ma, f=2mhz product-rank 2SC3930-vb 2SC3930-vc range 70~140 110~220 sot-323 ref. millimete r ref. millimete r min. max. min. max. a 1.80 2.20 g 0.100 ref. b 1.80 2.45 h 0.525 ref. c 1.15 1.35 j 0.08 0.25 d 0.80 1.10 k - - e 1.20 1.40 l 0.650 typ. f 0.20 0.40
2SC3930 0.03a , 30v npn silicon epitaxial planar transistor elektronische bauelemente 08-mar-2011 rev. a page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves
2SC3930 0.03a , 30v npn silicon epitaxial planar transistor elektronische bauelemente 08-mar-2011 rev. a page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of 2SC3930

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X