Part Number Hot Search : 
C114Y 0F88M 08K87R ST32E MC44145 RPS1A6 MAX9951 SD758
Product Description
Full Text Search
 

To Download 2SB1607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB1607 d escription with to-220f package large collector current i c low collector saturation voltage. complement to type 2sd2469 applications for power switching applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -130 v v ceo collector-emitter voltage open base -80 v v ebo emitter-base voltage open collector -7 v i c collector current -7 a i cm collector current-peak -15 a t c =25 40 p c collector dissipation t a =25 2 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220f) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SB1607 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-10ma ; i b =0 -80 v v cesat collector-emitter saturation voltage i c =-5a ; i b =-0.25a -0.5 v v besat base-emitter saturation voltage i c =-5a ; i b =-0.25a -1.5 v i cbo collector cut-off current v cb =-100v;i e =0 -10 a i ebo emitter cut-off current v eb =-5v;i c =0 -50 a h fe-1 dc current gain i c =-0.1a ; v ce =-2v 45 h fe-2 dc current gain i c =-3a ; v ce =-2v 90 260 f t transition frequency i c =-0.5a ; v ce =-10v;f=10mhz 30 mhz switching times t on turn-on time 0.5 s t stg storage time 1.5 s t f fall time i c =-3a; i b1 =-i b2 =-0.3a 0.1 s  h fe-2 classifications q p 90-180 130-260
savantic semiconductor product specification 3 silicon pnp power transistors 2SB1607 package outline fig.2 outline dimensions
savantic semiconductor product specification 4 silicon pnp power transistors 2SB1607


▲Up To Search▲   

 
Price & Availability of 2SB1607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X