Part Number Hot Search : 
ST2301A 125303U0 STE800P PIC33 10A01 DM74LS09 H100J Z85C30
Product Description
Full Text Search
 

To Download 2SA1303 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SA1303 d escription with to-3pn package complement to type 2sc3284 applications audio and general purpose pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta= ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -150 v v ceo collector-emitter voltage open base -150 v v ebo emitter-base voltage open collector -5 v i c collector current -14 a i b base current -3 a p c collector power dissipation t c =25 125 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pn) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SA1303 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-25ma ;i b =0 -150 v v cesat collector-emitter saturation voltage i c =-5a ;i b =-0.5a -2.0 v i cbo collector cut-off current v cb =-150v ;i e =0 -100 a i ebo emitter cut-off current v eb =-5v; i c =0 -100 a h fe dc current gain i c =-5a ; v ce =-4v 50 180 c ob output capacitance i e =0 ; v cb =-10v;f=1mhz 400 pf f t transition frequency i c =-2a ; v ce =-12v 50 mhz switching times t on turn on time 0.25 s t s storage time 0.85 s t f fall time i c =-5a;r l =12 ? i b1 =-i b2 =-0.5a v cc =-60v 0.20 s  h fe classifications o p y 50-100 70-140 90-180
savantic semiconductor product specification 3 silicon pnp power transistors 2SA1303 package outline fig.2 outline dimensions (unindicated tolerance:0.1mm)
savantic semiconductor product specification 4 silicon pnp power transistors 2SA1303


▲Up To Search▲   

 
Price & Availability of 2SA1303

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X