sot-89-3l 1. base 2. collector 3. emitter transistor(pnp) features z complementary to 2sc2883 z small flat package z audio frequency amp lifier application maximum ratings (t a =25 unless otherwise noted) electrical characteristics (t a =25 unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c = -1ma,i e =0 -35 v collector-emitter breakdown voltage v (br)ceo i c =-10ma,i b =0 -30 v emitter-base breakdown voltage v (br)ebo i e =-1ma,i c =0 -5 v collector cut-off current i cbo v cb =-30v,i e =0 -100 na emitter cut-off current i ebo v eb =-5v,i c =0 -100 na dc current gain h fe v ce =-2v, i c =-500ma 100 320 collector-emitter saturation voltage v ce(sat) i c =-1.5a,i b =-30ma -2 v base-emitter voltage v be v ce =-2v, i c =-500ma -1 v collector output capacitance c ob v cb =-10v,i e =0, f=1mhz 50 pf transition frequency f t v ce =-2v,i c = -500ma 120 mhz classification of h fe rank o y range 100 C 200 160 C 320 marking ho1 hy1 symbol parameter value unit v cbo collector-base voltage -30 v v ceo collector-emitter voltage -30 v v ebo emitter-base voltage -5 v i c collector current -1.5 a p c collector power dissipation 500 mw r ja thermal resistance from junction to ambient 250 / w t j junction temperature 150 t stg storage temperature -55~+150 1 date:2011/05 www.htsemi.com semiconductor jinyu 2sa1 203
|