Part Number Hot Search : 
SAA7186 MAX452 RTL8201C PE39437 URR80 BL6503E RFF122 10P6F
Product Description
Full Text Search
 

To Download 2N7002DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  any changing of specification will not be informed individual h t t p : / / w w w . s e c o s g m b h . c o m e l e k t r o n i s c h e b a u e l e m e n t e ma ximum r a t ing s r ating s ymbol v alue unit drain?source v oltage v dss 60 vdc drain?gate v oltage (r gs = 1.0 m w ) v dgr 60 vdc gate?source v oltage ? continuous v gs ? + 1 5 0 5 5 ~ 2 0 vdc t he r ma l c ha r a c t e r is t ic s c harac teris tic s ymbol max unit t otal device dissipation fr?5 board (note 3.) t a = 25 c derate above 25 c p d 150 1.8 mw mw/ c thermal resistance, junction to ambient r j a q 625 c/w junction and storage t emperature t j , t stg c 1 . t h e power dissipation of the package may result in a lower continuous drain current. 2. pulse t est: pulse width 300 s, duty cycle 2.0%. 3. fr?5 = 1.0 x 0.75 x 0.062 in. 4. alumina = 0.4 x 0.3 x 0.025 in 99.5% alumina. s 1 d 1 d 2 s 2 g 1 g 2 ma r k ing dia g r a m k72 0 1 - j a n - 2 0 0 6 r e v . b p a g e 1 o f 3  small signal mosfet 115 mamps, 60volts, r ds(on) =7.5 2N7002DW 
  n?channel sot?363 s o t - 3 6 3 d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r s ) . 0 1 4 ( 0 . 3 5 ) . 0 0 6 ( 0 . 1 5 ) . 0 8 7 ( 2 . 2 0 ) . 0 7 9 ( 2 . 0 0 ) . 0 5 5 ( 1 . 4 0 ) . 0 4 7 ( 1 . 2 0 ) . 0 2 6 t y p ( 0 . 6 5 t y p ) . 0 9 6 ( 2 . 4 5 ) . 0 8 5 ( 2 . 1 5 ) . 0 2 1 r e f ( 0 . 5 2 5 ) r e f . 0 1 8 ( 0 . 4 6 ) . 0 1 0 ( 0 . 2 6 ) . 0 0 6 ( 0 . 1 5 ) . 0 0 3 ( 0 . 0 8 ) . 0 5 3 ( 1 . 3 5 ) . 0 4 5 ( 1 . 1 5 ) . 0 4 3 ( 1 . 1 0 ) . 0 3 5 ( 0 . 9 0 ) . 0 3 9 ( 1 . 0 0 ) . 0 3 5 ( 0 . 9 0 ) . 0 0 4 ( 0 . 1 0 ) . 0 0 0 ( 0 . 0 0 ) 8 o o 0 rohs compliant product Q Q
any changing of specification will not be informed individual http://www.secosgmbh.com elektronische bauelemente  small signal mosfet 115 mamps, 60volts, rds(on)=7.5 2N7002DW electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics drain?source breakdown voltage (v gs = 0, i d = 10 adc) v (br)dss 60 ? ? vdc zero gate voltage drain current t j = 25 c (v gs = 0, v ds = 60 vdc) t j = 125 c i dss ? ? ? ? 1.0 500 adc gate?body leakage current, forward (v gs = 20 vdc) i gssf ? ? 10 nadc gate?body leakage current, reverse (v gs = ?  20 vdc) i gssr ? ? ?10 nadc on characteristics (note 2.) gate threshold voltage (v ds = v gs , i d = 250 adc) v gs(th) 1.0 ? 2.0 vdc on?state drain current (v ds 2.0 v ds(on) , v gs = 10 vdc) i d(on) 0.5 1 ? a static drain?source on?state resistance (v gs = 10 v, id = 500 madc) tc = 25c (v gs = 5.0 vdc, id = 50 madc) tc = 25c r ds(on) ? ? ? ? 13.5 7.5 ohms forward transconductance (v ds = 10 v, i d = 200 madc) g fs 80 ? ? ms dynamic characteristics input capacitance (v ds = 25 vdc, v gs = 0, f = 1.0 mhz) c iss ? ? 50 pf output capacitance (v ds = 25 vdc, v gs = 0, f = 1.0 mhz) c oss ? ? 25 pf reverse transfer capacitance (v ds = 25 vdc, v gs = 0, f = 1.0 mhz) c rss ? ? 5.0 pf switching characteristics (note 2.) turn?on delay time (v dd = 30 vdc, i d  200 madc, t d(on) ? ? 20 ns turn?off delay time (v dd 25 vdc , i d  500 madc , r g = 25 ?, r l = 150 ?, v gen = 10 v) t d(off) ? ? 20 ns 01 -jan-2006 rev. b page 2 of 3
any changing of specification will not be informed individual http://www.secosgmbh.com elektronische bauelemente  small signal mosfet 115 mamps, 60volts, r ds(on) =7.5 2N7002DW typical electrical characteristics 0 0.2 0.4 0.6 0.8 1 . 0 01 2 3 4 5 v = 10v gs 9.0v 8.0v 7.0v 6.5v 6.0v 5.0v 4.5v 4.0v 3.5v 3.0v 2.5v 2.0/1.0v 5.5v 5.0v v , drain-source voltage (v) ds fi g . 1 on-re g ion characteristics i , drain-source current (a) d 0 1 2 3 4 5 00.2 r,n o rmalized ds(on) drain-source on-resistance i , drain current (a) d fig. 2 on-resistance vs drain current v=5.0v gs t=25 c j v = 10v gs 6 7 0.4 0.6 0.8 1.0 0 0.5 1.0 1.5 2.0 -55 -30 -5 20 45 70 95 120 145 r,n o rmalized ds(on) drain-source on-resistance t , junction temperature ( c) j fig. 3 on-resistance vs junction temperature v gs = 10v, i = d 0.5a v = 5.0v, i = 0.05a gs d 0 v , gate to source voltage (v) gs fig. 4 on-resistance vs. gate-source voltage i = 50ma d 1 2 3 4 5 6 0 2 4 6 8 1012141618 r,n o rmalized ds(on) drain-source on-resistance i = 500ma d 01 -j a n-200 6 rev. b page 3 of 3


▲Up To Search▲   

 
Price & Availability of 2N7002DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X