Part Number Hot Search : 
P3100 61FS3 SC1631CS 166TQC TLRP4400 SDB5100D LT1120C NTE5403
Product Description
Full Text Search
 

To Download 1SV245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type www.kexin.com.cn 1 diodes unit: mm sod-323 1.7 +0.1 -0.1 2.6 +0.1 -0.1 1.3 +0.1 -0.1 0.1 +0.05 -0.02 0.475 0.375 0.3 +0.05 -0.05 0.85 +0.05 -0.05 1.0max silicon epitaxial planar diode 1SV245 features high capacitance ratio:c2v/c25v = 5.7(typ.) low series resistance:rs = 1.2 (typ.) excellent c-v characteristics,and small tracking error. absolute maximum ratings ta = 25 parameter symbol value unit reverse voltage v r 30 v peak reverse voltage v rm 35(r l =10k ) v junction temperature t j 125 storage temperature range t stg -55to+125 electrical characteristics ta = 25 parameter symbol conditions min typ max unit reverse voltage v r i r =1 a 30 v reverse current i r v r = 28 v 10 na c 2v f=1mhz;v r = 2 v 3.31 4.55 c 25v f=1mhz;v r = 25 v 0.61 0.77 capacitance ratio c 2v /c 25v 55.76.5 series resistance r s v r = 1v, f = 470 mhz 1.2 2.0 note : unites are compounded in one package and are mathed to 6.0% c(max.)-c(min.) c(min.) (v r =2~25v) capacitance pf 0.06 marking marking t3


▲Up To Search▲   

 
Price & Availability of 1SV245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X