Part Number Hot Search : 
RC6302 145N8 CDD120 M54460L 03N03LA TSL25 B2567 5KP28A
Product Description
Full Text Search
 

To Download 1N4004-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pa ra m et er sy m bo l un it maximum repetitive peak reverse v oltage maximum rms v oltage maximum dc blocking v oltage maximum a verage forward rectified current o 0.375"(9.5mm) lead length @t a =55 c peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward v oltage @1.0a maximum dc reverse current at rated operating t emperature range storage ttemperature range o t a =25 c dc blocking voltage per element t ypical junction capacitance (note 1) t ypical thermal resistance (note 2) 50 35 50 v rrm v rms v dc i (a v) i fsm v f i r c j r ja t j t stg 1.0 30 5.0 50 15 60 -55 ~ +150 -55 ~ +150 v v v a a v p f o c o c a o c/w notes: 1. measured at 1.0mhz and applied reverse v oltage of 4.0v dc. 2 2. thermal resistance from junction to terminal 6.0mm copper pads to each terminal. v oltage: 50 to 1000 v current: 1.0 a rohs device d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 4 1 features -low cost construction. -fast forward voltage drop. -low reverse leakage. -high forward surge current capability . o -high soldering temperature guarantee: 260 c/10 seconds, 0.375(9.5mm) lead length at 5lbs(2.3kg) tension. mechanical data -case: transfer molded plastic, do-41 -epoxy: ul 94v -0 rate flame retardant -polarity: indicated by cathode band -lead: plated axial lead, solderable per mil-std- 202e, method 208c -mounting position: any -w eight: 0.012ounce, 0.33 grams 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 1n4001-g thru. 1n4007-g page 1 qw -bg013 general purpose silicon rectifiers rev :a comchip t echnology co., l td. 0 . 2 0 5 ( 5 . 2 0 ) 1 . 0 ( 2 5 . 4 0 ) m i n . 0. 10 7( 2. 70 ) 0.0 34 (0 .90 ) 0.0 28 (0 .70 ) 0. 08 0( 2. 00 ) 0 . 1 6 0 ( 4 . 2 0 ) 1 . 0 ( 2 5 . 4 0 ) m i n . 1.1 30 -g 4001 1n -g 4002 1n -g 4003 1n -g 4004 1n -g 4005 1n -g 4006 1n -g 4007 1n o t a =100 c maximum full load reverse current,full cycle average 0.375(9.5mm)lead length at t l =75 c o i r(a v) a electrical characteristics (at t a=25c unless otherwise noted) ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load derate current by 20%.
page 2 qw -bg013 general purpose silicon rectifiers rev :a comchip t echnology co., l td. rating and characteristic curves ( 1n4001 ) -g thru. 4007-g 1n fig.2 maximum. non-repetitive peak forward surge current 0 f s m , p e a k f o r w a r d s u r g e c u r r e n t ( a ) number of cycles at 60hz 1 fig.1 t ypical forward current derating curve i ( a v ) , a v e r a g e f o r w a r d c u r r e n t ( a ) o t a , ambient t emperature ( c) 0 2 5 7 5 1 7 5 fig.3 t ypical instantaneous forward characteristics 0 . 0 1 i f , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) v f , instantaneous forward v oltage (v) 1 . 0 0 . 6 1 . 0 1 . 4 0 0 . 6 1 . 0 1 . 6 2 . 0 1 0 0 1 5 3 5 1 . 2 0 . 1 fig.4 t ypical reverse characteristics 0 . 0 1 i r , i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) percent of peak reverse v oltage (%) 1 . 0 1 0 0 . 1 1 0 0 1 2 5 0 . 4 0 . 8 0 . 8 1 . 8 fig.5 t ypical junction capacitance 1 0 c j , c a p a c i t a n c e ( p f ) v r , reverse v oltage (v) 1 0 0 0 . 1 1 0 1 0 0 1 0 5 0 1 5 0 0 . 2 1 0 5 1 0 2 5 3 0 1 . 2 0 4 0 8 0 1 0 0 1 4 0 2 0 1 2 0 6 0 1 single phase half wave, 60hz resistive or inductive load 2 0 8.3ms, single half sine-wave, jedec method. t j =t jmax 1 0 o t j =100 c t j =25 o c f=1mhz o t j =25 c 2 0 5 0 2 5 pulse width=300 s. 1% duty cycle o t j =25 c


▲Up To Search▲   

 
Price & Availability of 1N4004-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X