this document was generated on 04/14/2010 please check www.molex.com for latest part information part number: 0192030379 status: active description: krimptite? quick disconnect, female steel 900 degree f/383 degree c, 10-12 awg, tab 6.35mm (.250") documents: drawing (pdf) rohs certificate of compliance (pdf) general product family quick disconnects series 19203 crimp quality equipment yes product name krimptite? type quick disconnect physical barrel type closed gender male glow-wire compliant no insulation nylon (pa) lock to mating part none material - metal steel material - plating mating nickel orientation straight packaging type bag tab thickness 0.80mm (.031") tab width 7.70mm (.303") temperature range - operating -65c to +105c wire size awg 10, 12 electrical voltage - maximum n/a material info reference - drawing numbers sales drawing sd-19203-025 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 19203 series this document was generated on 04/14/2010 please check www.molex.com for latest part information
|