Part Number Hot Search : 
5TRPBF A321ERW MIC25 RD39MW 2N7002Z 90N15 23016P 1N304
Product Description
Full Text Search
 

To Download 0465531000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/20/2009 please check www.molex.com for latest part information part number: 0465531000 status: active description: 1.20mm (.047") x 2.00mm (.079") pitch hd mezz? receptacle, 104 circuits, 18.00mm (.708") unmated height, 11 rows,selectively filled, tin (sn)/lead (pb) solder documents: 3d model product specification ps-45802-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb receptacles series 46553 application board-to-board comments 1.20mm (.047") pitch pin-to-pin and 2.00mm (.079") pitch row-to-row product name mezzanine physical circuits (loaded) 104 circuits (maximum) 104 color - resin black durability (mating cycles max) 100 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 11 orientation vertical pc tail length (in) 0.000 in pc tail length (mm) 0.00 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.000 in pcb thickness recommended (mm) 0.00 mm packaging type tray pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to mating part yes polarized to pcb yes robotic placement vacuum pick-up tape stackable no surface mount compatible (smc) yes temperature range - operating -55c to +105c termination interface: style surface mount electrical current - maximum 2a series image - reference only eu rohs china rohs not rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. search parts in this series 46553 series
grounding to pcb no voltage - maximum 250v ac solder process data duration at max. process temperature (seconds) 20 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 2 process temperature max. c 260 replacement rohs compliant part number 0465531200 material info reference - drawing numbers product specification ps-45802-001 sales drawing sd-46553-001 this document was generated on 11/20/2009 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 0465531000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X