Part Number Hot Search : 
2SA2188 S24C25 07A01 KBPC2514 GBJ35D ICL7652B 12S05 NTE336
Product Description
Full Text Search
 

To Download ZVN2110A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n-channel enhancement mode vertical dmos fet issue 2 C ma r ch 94 features * 100 volt v ds *r ds(on) = 4w absolut e maximum ratings. p arameter symbol value unit drain-so u rce volta ge v ds 100 v continuo us drain curre nt at t amb =25c i d 320 ma pu l sed drai n cu r rent i dm 6a gate s ource voltage v gs 20 v power dissipation at t amb =25c p tot 700 mw oper a ting and storage temperatu r e range t j :t stg -5 5 to +1 50 c e lectrical characteristic s ( at t amb = 25 c unless othe rwise stat e d). p arameter s ymbolmin. max. unitcon ditions. drain-so u rce b reakdown volta ge bv dss 100 v i d =1ma , v gs =0v gat e -source thre shold volta ge v gs (th) 0.8 2.4 v i d=1m a , v ds = v gs gate -body le akage i gss 20 na v gs = 20v, v ds =0v ze ro gate voltage dr ain cur r ent i dss 1 100 ma ma v ds =10 0v , v gs =0 v ds =80 v, v gs =0v, t=12 5c (2) on-stat e drai n cu rrent(1) i d (on) 1.5 a v ds =25 v, v gs =10v st atic drain-sou rce on-state r esistance (1) r ds(on) 4 w v gs =10 v,i d =1a fo r ward t r ansconducta nce (1)(2) g fs 250 ms v ds =25 v,i d =1a inp ut capacita n ce (2) c iss 75 pf common so urce o utput cap a citance (2) c oss 25 pf v ds =25 v , v gs =0v , f=1m hz rever se transfer cap a citance (2) c rss 8pf turn-on del a y time (2)(3) t d(on) 7ns v dd ?25 v, i d =1a r ise time (2 ) (3) t r 8ns turn-o f f delay time (2)(3) t d( off) 13 ns fall time ( 2)(3) t f 13 ns (1 ) measure d under p ulsed conditions . width= 300 ms . du ty cycle 2% (2 ) sample test (3) switching times measured with 50 source impedance and <5ns rise time on a pulse generator w e-line to92 comp ati ble ZVN2110A d g s typic a l ch ar a cteri s tics output c har acteri sti cs v ds - drain source voltage (v ol t s) t ra n sfer char acte rist i cs 246810 020406080100 saturatio n c haracteristics v ds- drain source voltage (volts) vol ta g e s a turation c har a cteri s tics v gs- gate source volta ge (vol t s) v gs- gate so ur ce voltage (v ol t s) v ds - drain source voltage (v ol t s) 0246810 2.8 2.4 1.6 0.4 0 0.8 2.0 1.2 i d( o n ) -on-state drain current (amps) v ds= 10v 0 10 6 2 4 8 0246810 i d= 1a 500ma 100ma i d( o n ) -on-state drain current (amps) i d( o n ) -on-state drain current (amps) norm alised r ds(on) and v g s(th) v temp erature t j -junction temperature (c) normalised r d s(o n ) a nd v g s(th) -40 -20 0 204060 80 120 100 140160 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.6 0.8 drai n - s o u rce r e s i s ta n c e r ds( o n ) ga te t h res h o l d v o l t a g e v g s( th ) i d= 1 a v gs = 10v i d= 1ma v gs = v ds 180 0 0.8 0.4 1.2 2.0 1.6 8v 9v 7v 5v 4v 6v 3v 5v 4v 8v 6v 9v 7v v gs= 0 0.8 0.4 1.2 2.0 1.6 on-res i stance v gate-sour ce vo lt age v gs- gat e so ur ce voltage ( vo lts) rds(on)-drain source resistance ( w ) 1 10 100 500ma i d = 1a 100ma 1 10 5 v gs= 10v 3v 10v v ds= 25v ZVN2110A 3-365
n-channel enhancement mode vertical dmos fet issue 2 C march 94 features * 100 volt v ds *r ds(on) = 4 w absolute maximum ratings. parameter symbol value unit drain-source voltage v ds 100 v continuous drain current at t amb =25c i d 320 ma pulsed drain current i dm 6a gate source voltage v gs 20 v power dissipation at t amb =25c p tot 700 mw operating and storage temperature range t j :t stg -55 to +150 c electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. max. unit conditions. drain-source breakdown voltage bv dss 100 v i d =1ma, v gs =0v gate-source threshold voltage v gs(th) 0.8 2.4 v id=1ma, v ds = v gs gate-body leakage i gss 20 na v gs = 20v, v ds =0v zero gate voltage drain current i dss 1 100 m a m a v ds =100v, v gs =0 v ds =80v, v gs =0v, t=125c (2) on-state drain current(1) i d(on) 1.5 a v ds =25v, v gs =10v static drain-source on-state resistance (1) r ds(on) 4 w v gs =10v,i d =1a forward transconductance (1)(2) g fs 250 ms v ds =25v,i d =1a input capacitance (2) c iss 75 pf common source output capacitance (2) c oss 25 pf v ds =25 v, v gs =0v, f=1mhz reverse transfer capacitance (2) c rss 8pf turn-on delay time (2)(3) t d(on) 7ns v dd ? 25v, i d =1a rise time (2)(3) t r 8ns turn-off delay time (2)(3) t d(off) 13 ns fall time (2)(3) t f 13 ns (1) measured under pulsed conditions. width=300 m s. duty cycle 2% (2) sample test. ( 3 ) s wi tc hin g t im es m easu r ed wi t h 50 w sou r ce im peda n ce a n d < 5 n s ri se t im e o n a pu l se ge n e r ato r e-line to92 compatible ZVN2110A 3-364 d g s typical characteristics output characteristics v ds - drain source voltage (volts) transfer characteristics 2 46810 020 406080100 saturation characteristics v ds- drain source voltage (volts) voltage saturation characteristics v gs- gate source voltage (volts) v gs- gate source voltage (volts) v ds - drain source voltage (volts) 02 46810 2.8 2.4 1.6 0.4 0 0.8 2.0 1.2 i d( o n ) -on-state drain current (amps) v ds= 10v 0 10 6 2 4 8 02 46810 i d= 1a 500ma 100ma i d( o n ) -on-state drain current (amps) i d( o n ) -on-state drain current (amps) normalised r ds(on) and v gs(th) v temperature t j -junction temperature (c) normalised r d s(o n ) a nd v g s(th) -40 -20 0 20 40 60 80 120 100 140 160 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.6 0.8 drai n - s o u rce r e s i s ta n c e r ds( o n ) ga te t h res h o l d v o l t a g e v g s( th ) i d= 1 a v gs= 10v i d= 1ma v gs= v ds 180 0 0.8 0.4 1.2 2.0 1.6 8v 9v 7v 5v 4v 6v 3v 5v 4v 8v 6v 9v 7v v gs= 0 0.8 0.4 1.2 2.0 1.6 on-resistance v gate-source voltage v gs- gate source voltage (volts) rds(on)-drain source resistance ( w ) 1 10 100 500ma i d = 1a 100ma 1 10 5 v gs= 10v 3v 10v v ds= 25v ZVN2110A 3-365
typical characteristics transconductance v drain current i d(on) - drain current (amps ) g fs -t r ans c o n ducta n c e ( m s) g fs -t r ans c o n ducta n c e ( m s) q-charge (nc) transconductance v gate-source voltage v gs -gate source voltage (volts) v gs - gate so ur ce v o l t age (v olts) gate charge v gate-source voltage 0 10 8 6 2 0 4 12 14 16 v ds = 20v i d= 1a 50v 80v 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 0 0.2 0.4 0.6 0.8 1.0 v ds= 25v 0 100 200 400 300 500 02 46810 v ds= 25v 0 300 200 100 400 500 v ds -drain source voltage (volts) capacitance v drain-source voltage c-capacita n ce ( p f ) c oss c iss c rss 0 10 20 30 40 50 60 40 20 80 100 ZVN2110A 3-366


▲Up To Search▲   

 
Price & Availability of ZVN2110A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X