Part Number Hot Search : 
TIC22 GZ223 PBSS4 GZ223 HM304 OMT253 H60N60 AR912
Product Description
Full Text Search
 

To Download UF1000FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 stad-mar.12.2004 data sheet features ? plastic package has underwriters laboratory flammability classification 94v-o utilizing flame retardant epoxy molding compound.  exceeds environmental standards of mil-s-19500/228  low power loss, high efficiency.  low forwrd voltge, high current ca pability  high surge capacity.  ultra fast recovery time, high voltage.  both normal and pb free product are available : normal : 80~95% sn, 5~20% pb pb free: 98.5% sn above UF1000FCT~uf1008fct ultrafast recovery rectifiers notes: 1. measured at 1 mhz and applied reverse voltage of 4.0 vdc. 2. reverse recovery test conditions: i f =.5a, i r =1a, irr=.25a. 3. thermal resistance from junction to case. 4. both bonding and chip structure are available. ito-220ab unit : inch (mm) .189(4.8) .406(10.3) .130(3.3) .114(2.9) .071(1.8) .055(1.4) .035(0.9) .011(0.3) (2.55) (2.55) positive ct ac ac .1 .1 .032(.8) .112(2.85) .272(6.9) .606(15.4) .543(13.8) .161(4.1)max .134(3.4) .165(4.2) .381(9.7) .114(2.9) .098(2.5) .055(1.4) .039(1.0) max .100(2.55) .248(6.3) .583(14.8) .512(13.0) .118(3.0) mechancal data case: ito-220ab full molded plastic package terminals: lead solderable per mil-std-202, method 208 polarity: as marked. standard packaging: any weight: 0.08 ounces, 2.24grams. maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% voltage 50 to 800 volts 10.0 amperes current r e t e m a r a pl o b m y st c f 0 0 0 1 f ut c f 1 0 0 1 f ut c f 2 0 0 1 f ut c f 3 0 0 1 f ut c f 4 0 0 1 f ut c f 6 0 0 1 f ut c f 8 0 0 1 f us t i n u e g a t l o v e s r e v e r k a e p t n e r r u c e r m u m i x a mv rrm 0 50 0 10 0 20 0 30 0 40 0 60 0 8v e g a t l o v s m r m u m i x a mv rm s 5 30 70 4 10 1 20 8 20 2 40 6 5v e g a t l o v g n i k c o l b c d m u m i x a mv dc 0 50 0 10 0 20 0 30 0 40 0 60 0 8v t t a t n e r r u c d r a w r o f e g a r e v a m u m i x a mc0 0 1 = o ci av 0 1a - e n i s f l a h e l g n i s s m 3 . 8 : t n e r r u c e g r u s d r a w r o f k a e p ) d o h t e m c e d e j ( d a o l d e t a r n o d e s o p m i r e p u s e v a w i fsm 5 2 1a a 0 . 5 t a e g a t l o v d r a w r o f m u m i x a mv f 0 . 10 3 . 10 7 . 1v t t n e r r u c e s r e v e r c d m u m i x a m a 5 2 = o c t e g a t l o v g n i k c o l b c d d e t a r t a a 5 2 1 = o c i r 0 1 0 0 5 a u ) 1 e t o n ( e c n a t i c a p a c n o i t c n u j l a c i p y tc j 0 80 5f p ) 2 e t o n ( e m i t y r e v o c e r e s r e v e r m u m i x a mt rr 0 50 0 1s n c n a t s i s e r l a m r e h t l a c i p y t) 3 e t o n ( er c j2 o w / c e g n a r e r u t a r e p m e t e g a r o t s d n a n o i t c n u j g n i t a r e p ot j t , stg 0 5 1 + o t 0 5 - o c
page . 2 stad-mar.12.2004 fig.3 forward characteristics fig.1 forward current derating curve fig.2 typical junction capacitances fig.5 peak forward surge current fig.4 typical reverse characteristics forward voltage, volts reverse voltage, volts no. of cycles at 60hz percent of rated peak reverse voltage,% case temperature, c o instantaneous forward current, amperes average forward current, amperes junction capacitance, pf forward surge current,amperes instantaneous reverse current,ua rating and characteristic curves 0 50 100 150 12.5 10.0 7.5 5.0 2.5 0 1 2 5 10 20 50 100 200 160 120 80 240 40 0 200 500 t =25c j o 1000 100 1.0 20 40 60 80 100 120 t=25 c j o t=125 c j o 140 0.1 10 1 10 100 25 50 75 100 125 150 175 0.8 1.0 1.0 10 100 1.2 1.4 1.6 1.8 50-200v 300-400v t=25c j o 600-800v


▲Up To Search▲   

 
Price & Availability of UF1000FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X