Part Number Hot Search : 
1N5254 3EH15 SPX29 4N600T Z5232 SDA8000 EPF8072G D8237A
Product Description
Full Text Search
 

To Download TFR804 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: TFR804 .do c version 2 . 0 31.05 .2005 vi telefilter resonator specification tfr 804 1/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m measurement condition ambient tempera t ure: 25 c input po w e r level: 0 dbm terminating imp edance: input: 50 ? output: 50 ? ch ara c teristic s remark: the minimum of the attenua tion a min is defined a s the i n ser t ion loss a e . the centr e freque ncy f c is the ari t hme t ic mean v a lue of the upper and low e r frequen cie s at th e 3 db fil t er attenu ati on lev e l rela tiv e to the in ser t ion loss a e . d a t a ty p. v a lue tolerance / limit inserti on l o ss a e 5 , 3 d b 8 , 3 d b center freq uenc y (center fr equenc y bet w e en 3db p o ints) f c 804,5 mhz 250 khz phase at f c 1 5 2 load e d quali t y f actor q l 4 5 5 0 m i n . 3 0 0 0 unloa d ed qua lity factor q u 9 8 0 0 m i n . 6 3 0 0 a g ei ng of f c m a x . -40/+10 p p m equi v a le nt circ uit ele m en ts motional capacit ance c 1 0 , 2 7 f f - motional inductance l 1 1 4 4 u h - motional resistance r 1 7 5 ? - input / output ca pacitance c 0 1 , 6 p f - inpu t p o w e r le v e l max . 0 d b m permissibl e dc v o lta g e max . 0 v opera t in g te mp erature - + 25 c opera b le t e m p e r ature ran g e otr - - 45 c . .. + 85 c storage te mper ature ra nge - - 45 c . .. + 85 c frequ e nc y i n v e rsion t e m p erat u r e - 0 , 0 3 5 p p m / k 2 - tem p erat ure co efficie n t of freq uenc y tc f ** ca. 25 c max. 10 c **) ? f(h z ) = t c f (pp m /k) x (t-t 0 ) x f to (mhz ) . ge ne ra te d: ch eck ed / a p p r o v ed : vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: TFR804 .do c version 2 . 0 31.05 .2005 vi telefilter resonator specification tfr 804 2/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m f ilter ch aract eristic 802 802. 5 803 803. 5 804 804. 5 805 805. 5 806 806. 5 807 -5 0 -4 5 -4 0 -3 5 -3 0 -2 5 -2 0 -1 5 -1 0 -5 0 f r eq uency i n m h z m a gni tude i n db 804. 35 804. 4 804. 45 804. 5 804. 55 804. 6 804. 65 100 110 120 130 140 150 160 170 180 190 200 f r eq uency i n m h z angl e i n cons truc tion a nd pi n c o n n e c t ion (all dimensions in mm) 7 5 13 1, 8 ma x . 2,5 4 0, 1 1, 1 1, 1 1 2 0 0, 6 4 5 -0 , 1 0 + 0 , 15 13 5 7 d a t e c ode date code: y e ar + w eek t 2005 u 2006 v 2007 ... 1 gr ound 2 input 3 input r f ret u rn 4 gr ound 5 gr ound 6 outpu t 7 outpu t rf r e turn 8 gr ound 804 r t23 50 oh m t est circu i t equi v a le nt circ uit l1 l 2 2 6 3 1, 4, 5, 8 7 r1 l 1 c1 _ c0 c 0 _ vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: TFR804 .do c version 2 . 0 31.05 .2005 vi telefilter resonator specification tfr 804 3/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m stability characteristics after the follo w i n g tests the filter shall meet the w h ole specificat ion: 1. shock: 500g, 1 ms, half sine w a ve, 3 sho cks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g r e specti vely , 1 oct a ve per min, 10 c y cles pe r plan, 3 plans; din iec 68 t2 - 6 3. change o f temperatu r e: -55 c t o 125 c / 30 min. each / 1 0 c y cles din iec 68 p a rt 2 ? 14 test n 4. resistance to solder heat ( r e f low ) : reflo w possible: tw ice ma x.; for tempe r ature conditions refer to the attac hed "air reflo w tempe r at ure conditions" o n page 4; packin g tape & reel: iec 286 ? 3, w i th exeption of valu e for n an d minimum bending ra dius; tape t y p e ii, emb o ssed carrier tap e w i th t op cover t ape on the u pper side; max. pieces of filters peer reel: 3000 reel of empt y co mponents at star t: min. 300 mm reel of empt y co mponents at star t including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao p u l l o ff d i r e c t i o n pi n m a r k e r t yp d a te c o d e ko t tape (all d i mensi o ns i n mm) w : 12,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/- 0 e : 1,75 0,1 f : 5,50 0,0 5 g(min) : 0,75 p2 : 2,00 0,0 5 p1 : 8,00 0,1 d1(min) : 1,50 a o : 5,30 0,1 bo : 5,30 0,1 ct : 9,5 0,1 a c n w 1 w 2 r eel (a l l d i men s io n s in mm) a : 330 w 1 : 12,4 +2/-0 w 2 (max ) : 18,4 n(min) : 50 c : 13,0 +0,5/- 0,2 the minimum be nding radius is 45 mm. vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: TFR804 .do c version 2 . 0 31.05 .2005 vi telefilter resonator specification tfr 804 4/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m a i r re flo w te mpe r a t ure c onditions con d iti ons expos ure average ramp -u p rate ( 30c t o 2 17c) less than 3c/second > 100c bet w een 30 0 and 600 seconds > 150c bet w een 24 0 and 500 seconds > 217c bet w een 3 0 and 150 seconds peak temperatu r e max. 260 c time w i thin 5c of actual peak temperatu r e bet w een 10 and 30 seconds cool-do w n rate ( p eak to 50c) less than 6c/second time from 30 c t o peak temperat ure no greate r than 3 00 seconds chip -m oun t air reflo w profile temper ature / c max. 260 c 217c time / s max. 300 s 10 ... 30 s 30 ... 150 s vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.
filename: TFR804 .do c version 2 . 0 31.05 .2005 vi telefilter resonator specification tfr 804 5/5 tele fil t er gm b h potsdamer str a ?e 18 d 14 513 telt ow / germa n y tel: (+4 9 ) 33 28 4784-0 / fax: (+ 49) 3328 4784- 3 0 e-mail: tft@ te le fil t er. c o m histor y version reaso n o f cha n ges name date 1.0 - gene ration of de velopment specif ication martens 23.11.2004 2.0 - gene ration of filter specification steiner 31.05.2005 vi telefilter reserves the right to make chang es to the produc t(s) and/or inform ation contained herein w i tho u t notice. no liab il ity is assumed as a re sult of their use or application. no rights under an y patent accompa n y the sale of an y such product(s ) or infor mation.


▲Up To Search▲   

 
Price & Availability of TFR804

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X