Part Number Hot Search : 
RF217206 9V2040S FR105 81BPN 855780 TEF0511 B39A1 1C3Q25
Product Description
Full Text Search
 

To Download TDSL115010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 83121 for technical questions, contact: led@vishay.com www.vishay.com rev. 1.5, 25-jan-10 1 low current 7 mm seven segment display tdsl11.. vishay semiconductors description the tdsl11.0 series are 7 mm character seven segment low current led displays in a very compact package. the displays are designed fo r a viewing distance up to 3 m and available in high efficiency red. the grey package surface and the evenly lighted untinted segments provide an optimum on-off contrast. all displays are categorized in luminous intensity groups. that allows users to assemble displays with uniform appearence. typical applications include instruments, panel meters, point-of-sale terminals and household equipment. features ? low power consumption ? suitable for dc and multiplex operation ? evenly lighted segments ? grey package surface ? untinted segments ? luminous intensity categorized ? wide viewing angle ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec applications ?panel meters ? test- and measure- equipment ? point-of-sale terminals ? control units product group and package data ? product group: display ? package: 7 mm ? product series: low current ? angle of half intensity: 50 note (1) t amb = 25 c, unless otherwise specified 19235 parts table part color luminous intensity at 2 ma circuitry tdsl1150 red i v = 260 cd (typ.) common anode tdsl1160 red i v = 260 cd (typ.) common cathode absolute maximum ratings (1) tdsl1150, tdsl1160 parameter test condition symbol value unit reverse voltage per segment v r 6v dc forward current per segment i f 15 ma peak forward current per segment i fm 45 ma surge forward current per segment t p 10 s (non repetitive) i fsm 106 ma power dissi pation t amb 45 c p v 320 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 85 c storage temperature range t stg - 40 to + 85 c soldering temperature t 3 s 2 mm below seating plane t sd 260 c thermal resistance led junction/ambient r thja 180 k/w
www.vishay.com for technical questions, contact: led@vishay.com document number: 83121 2 rev. 1.5, 25-jan-10 tdsl11.. vishay semiconductors low current 7 mm seven segment display notes (1) t amb = 25 c, unless otherwise specified (2) i vmin. and i v groups are mean values of all segments (a to g, d1 to d4), matching factor within segments is 0.5, excluding decimal points and colon. basic characteristics t amb = 25 c, unless otherwise specified fig. 1 - forward current vs. ambient temperature fig. 2 - rel. luminous intensit y vs. angular displacement optical and electrical characteristics (1) tdsl1150, tdsl1160, red parameter test condition pa rt symbol min. typ. max. unit luminous intensity per segment (2) (digit average) i f = 2 ma tdsl1150 i v 180 260 - cd tdsl1160 180 260 - i f = 5 ma tdsl1150 - 1000 - tdsl1160 - 1000 - i f = 20 ma, t p /t = 0.25 tdsl1150 - 1300 - tdsl1160 - 1300 - dominant wavelength i f = 2 ma tdsl1150, tdsl1160 d 612 - 625 nm peak wavelength i f = 2 ma p - 635 - nm angle of half intensity i f = 2 ma ? - 50- deg forward voltage per segment i f = 2 ma v f -1.82.4v i f = 20 ma v f -2.73 v reverse voltage per segment i f = 10 a v r 620- v junction capacitance v r = 0 v, f = 1 mhz c j -30-pf luminous intensity classification group light intensity (cd) standard min. max. e 180 360 f 280 560 g 450 900 h 700 1400 i 1100 2200 k 1800 3600 0 5 10 15 20 30 i f - forward current (ma) t amb - ambient temperature (c) 95 11484 25 0 20406080100 0.4 0.2 0 95 10082 0.6 0.9 0.8 0 30 10 20 40 50 60 70 80 0.7 1.0 i v rel - relative luminous intensity ? - angular displacement
document number: 83121 for technical questions, contact: led@vishay.com www.vishay.com rev. 1.5, 25-jan-10 3 tdsl11.. low current 7 mm seven segment display vishay semiconductors fig. 3 - forward current vs. forward voltage fig. 4 - rel. luminous intensity vs. ambient temperature fig. 5 - rel. lumin. intensit y vs. forw. current/duty cycle fig. 6 - relative luminous intensity vs. forward current fig. 7 - relative intensity vs. wavelength 0.1 1 10 100 v f - forward voltage (v) 95 10050 i f - forward current (ma) red t p /t = 0.001 t p = 10 s 5 4 3 2 0 1 0 95 10051 20 40 60 80 100 i v rel - relative luminous intensity i f = 2 ma 0 0.4 0.8 1.2 1.6 2.0 t amb - ambient temperature (c) red 10 20 50 100 200 0 0.4 0.8 1.2 1.6 2.4 95 10321 500 0.5 0.2 0.1 0.05 0.02 1 i f (ma) t p /t 2.0 i v rel - relative luminous intensity red 0.01 0.1 1 10 100 95 10061 i f - forward current (ma) i v rel - relative luminous intensity 100 10 1 0.1 red 590 610 630 650 670 0 0.2 0.4 0.6 0.8 1.2 690 95 10040 - wavelength (nm) 1.0 red i v rel - relative luminous intensity a f e g d c b dp 12345 10 9 8 7 6 96 11677 1e 2d 4c 6b 9g 10 f 7a 5dp 3a(c) 8a(c)
www.vishay.com for technical questions, contact: led@vishay.com document number: 83121 4 rev. 1.5, 25-jan-10 tdsl11.. vishay semiconductors low current 7 mm seven segment display package dimensions in millimeters 95 11342 drawing-no.: 6.544-5083.01-4 issue: 1; 21.11.95
vishay display-7 mm document number 83923 rev. 1.1, 08-mar-04 vishay semiconductors www.vishay.com 1 display-7 mm package dimensions in mm 95 11342
www.vishay.com 2 document number 83923 rev. 1.1, 08-mar-04 vishay display-7 mm vishay semiconductors ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423
vishay pin connections 7 mm document number 83992 rev. 1.1, 07-jul-04 vishay semiconductors www.vishay.com 1 pin connections 7 mm a f e g d c b dp 12345 10 9 8 7 6 96 11677 1e 2d 4c 6b 9g 10 f 7a 5dp 3 a(c) 8 a(c)
www.vishay.com 2 document number 83992 rev. 1.1, 07-jul-04 vishay pin connections 7 mm vishay semiconductors ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of TDSL115010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X