Part Number Hot Search : 
CR1612 74LVC652 M948B 10005 P921707 UPD17215 LT350 SD204
Product Description
Full Text Search
 

To Download SS34A-LFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ss32a-lfr thru ss310a-lfr page: 1 frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com 3a surface mount schottky barrier rectifiers ss32a-lfr thru ss310a-lfr features z for surface mounted applications z low profile package z built-in strain relief z easy pick and place z plastic material used carries underwriters laboratory classification 94 v-0 z extremely low vf z majority carrier conduction z high temperature soldering: 250c/10 seconds at terminals z rohs mechanical data z case: molded plastic, do- 214ac (sma), dimensions in inches and (millimeters z terminals: solder plated z polarity indicated by cathode band z weight 0.064 grams maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified single phase, half wave, 60 hz, resistive or inductive l oad. for capacitive load, derate current by 20% ratings symbol ss32a-lf r ss33a-lf r ss34a-lf r ss35a-lf r ss36a-lf r ss38a-lf r ss310a-lf r units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 80 100 v maximum rms voltage v rms 14 21 28 35 42 56 70 v maximum dc blocking voltage v dc 20 30 40 50 60 80 100 v maximum average forward rectified current see fig.1 i o 3.0 a maximum overload surge 8.3ms single half sine-wave i fsm 100 a typical junction capacitance (note 1) c j 300 pf typical thermal resistance (note 2) r jl 17 /w typical thermal resistance (note 2) r ja 55 /w storage temperature range t stg -55 to + 150 operating temperature range t op -55 to + 125 electrical characteristics (a t t a =25 c unless otherwise noted) characteristics symbol ss32a-lf r ss33a-lf r ss34a-lf r ss35a-lf r ss36a-lf r ss38a-lf r ss310a-lf r units maximum forward voltage at 3.0a and 25 v f 0.50 0.75 0.85 v maximum reverse current at 25 i r 1.0 ma marking ss32a ss33a ss34a ss35a ss36a ss38a ss310a note: 1. measured at 1.0 mhz and applied reverse voltage of 4.0 v 2. p.c.b. mounted 0.55?0.55 ?(1414 mm ) 0.013mm thick copper pad areas 3. sma package suffix ? a? , smb package suffix ?b?, smc no suffix .220(5.6) .192(4.9) .190(4.8) .157(4.0) .071(1.8) .035(0.9) .110(2.8) .090(2.3) .080(2.0) .100(2.6) .080(2.0) .065(1.65) .040(1.25) cathode .177(4.5) .071(1.8) .087(2.2) soldering pad
ss32a-lfr thru ss310a-lfr page: 2 ratings and characteristic curve ss32a-lfr thru ss310a-lfr fig. 3a - typical reverse characteristics 100 10 1.0 .10 .01 .001 instantaneous reverse current, milliamperes 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage, (%) t j =125 t j =75 t j =25 ss32a-lf ~ss34a-lf 100 10 1.0 .10 .01 .001 instantaneous reverse current, milliamperes 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage, (%) t j =150 t j = 75 pulse width=300us 1% duty cycle ss35a-lf ~ ss310a-lf ss32a-lf~ ss34a-lf fig. 1 - forward current derating curve 3.0 2.25 1.5 0.75 0 average forward current amperes 0 25 50 75 100 125 150 175 single phase half wave 60h z resistive or inductive load lead temperature, p.c.b mounted on 0.30.3?(8.08.0mm) copper pad areas ss35a-lf ~ss310a-lf


▲Up To Search▲   

 
Price & Availability of SS34A-LFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X