Part Number Hot Search : 
60506 200MW SCG102A 93A915 MCF54 EMW576P 05583 2SC57
Product Description
Full Text Search
 

To Download SMR1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smr1a - smr1m glass passivated junction fast recovery rectifier prv : 50 - 1000 volts io : 1.0 am pere features : * glass passivated junction chip * high current capability * high reliability * low reverse current * low forward voltage drop * pb free / rohs compliant mechanical data : * case: jedec sod-123fl, molded plastic over passivated chip * terminals: solder plated, solderable per mil-std-750, method 2026 * polarity: color band denotes cathode end * mounting position : any * weight: 0.02 gram (approximate) maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol smr1a smr1b smr1d SMR1G smr1j smr1k smr1m unit ra rb rd rg rj rk rm maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward current ta = 55 c i f(av) 1.0 a peak forward surge current, 8.3ms single half sine wave superimposed on rated load (jedec method) maximum peak forward voltage at i f = 1.0 a v f 1.3 v maximum dc reverse current ta = 25 c i r 5 a at rated dc blocking voltage ta = 100 c i r(h) 50 a maximum reverse recovery time (note 1) trr 150 250 500 ns typical junction capacitance (note 2) c j 50 pf junction temperature range t j - 65 to + 150 c storage temperature range t stg - 65 to + 150 c notes : ( 1 ) reverse recovery test conditions : i f = 0.5 a, i r = 1.0 a, irr = 0.25 a. ( 2 ) measured at 1.0 mhz and applied reverse voltage of 4.0 v dc page 1 of 2 rev. 01 : january 12, 2009 rating i fsm 35 a marking dimensions in millimeters sod-123fl 1.55(0.061) 1.95(0.077) 0.6(0.024) 1.0(0.039) 2.5(0.098) 2.9(0.114) 0.8(0.031) 1.2(0.047) 0.05(0.002) 0.25(0.010) 3.5(0.138) 3.9(0.154) 0.5(0.020) 1.1(0.043) max0.1(0.004) iatf 0060636 sgs th07/1033 tw00/17276em th97/10561qm
fig.1 - reverse recovery time characteristic and test circuit diagram + notes : 1. rise time = 7 ns max., input impedance = 1 megaohm, 22 pf. 2. rise time = 10 ns max., source impedance = 50 ohms. 3. all resistors = non-inductive types. fig.2 - derating curve current fig.3 - maximum non-repetitive peak forward surge current 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 ambient temperature, ( c) number of cycles at 60hz fig.4 - typical forward characteristics fig.5 - typical reverse characteristics 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 forward voltage, (v) page 2 of 2 rev. 01 : january 12, 2009 rating and characteristic curves ( smr1a - smr1m ) 60hz resistive or inductive 0.8 0.6 0.4 0.2 1.0 100 10 1.0 28 0 35 0 21 14 7 0.1 10 80 0.0 1 0.01 1.0 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) peak forward surge current, (a) average forward current, (a) forward current, (a) reverse current, (a) t j = 25 c t j = 100 c t j = 25 c pulse width = 300 s 2% duty cycle 8.3 ms single half sine wave ta = 50 c set time base for 50-100 ns/cm trr + 0.5 0 - 0.25 - 1.0 a 1 cm oscilloscope ( note 1 ) 1 50 10 d.u.t. 50 vdc (approx.) pulse generator ( note 2 ) iatf 0060636 sgs th07/1033 tw00/17276em th97/10561qm


▲Up To Search▲   

 
Price & Availability of SMR1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X