Part Number Hot Search : 
1100T R3002 A104ERU 0BEEVAE BFQ67F 73001 04504 APT15
Product Description
Full Text Search
 

To Download SBR1020011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente sbr10200 voltage 200 v 10.0 amp schottky barrier rectifiers 28-nov-2011 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ? ? ? ? ? ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? low forward voltage drop ? high current capability ? high reliability ? high surge current capability ? epitaxial construction mechanical data ? case: molded plastic ? epoxy: ul94v-0 rate flame retardant ? lead: lead solder able per mil-std-202 method 208 guaranteed ? polarity: as marked ? mounting position: any ? weight: 2.064 grams (approximate) maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. sing le phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 200 v working peak reverse voltage v rsm 200 v maximum dc blocking voltage v dc 200 v per leg 5 maximum average forward rectified current per device i f 10 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 120 a i f =5a, t a =25 c, per leg 0.92 maximum instantaneous forward voltage i f =5a, t a =125 c, per leg v f 0.8 v t a =25 c 0.02 maximum dc reverse current at rated dc blocking voltage 4 t a =125 c i r 5 ma typical junction capacitance 1 c j 250 pf typical thermal resistance 2 r ja 10 c / w typical thermal resistance 3 r jc 2 c / w voltage rate of chance (rated v r ) dv / dt 10000 v / s operating temperature range t j t j -50~150 c storage temperature range t stg t stg -65~175 c notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to ambient. 3. thermal resistance junction to case. 4. pulse test: 300 s pulse width, 1% duty cycle. to-220 a m p j k l l g f b n d e o c h millimete r millimete r ref. min. max. ref. min. max. a 14.22 16.51 j 0.7 1.78 b 9.65 10.67 k 0.38 1.02 c 12.50 14.75 l 2.39 2.69 d 3.56 4.90 m 2.50 3.43 e 0.51 1.45 n 3.10 4.09 f 2.03 2.92 o 8.38 9.65 g 0.31 0.76 p 0.89 1.45 h3.5 4.5
elektronische bauelemente sbr10200 voltage 200 v 10.0 amp schottky barrier rectifiers 28-nov-2011 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SBR1020011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X