Part Number Hot Search : 
MX7503JN MBR840D 1N5985 FU220N MP151 HL6503MG 16001 738BT3
Product Description
Full Text Search
 

To Download R6008FNJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10v drive nch mosfet R6008FNJ ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) fast reverse recovery time (t rr ) 2) low on-resistance. 3) fast switching speed. 4) gate-source voltage v gss garanteed to be 30v . 5) drive circuits can be simple. 6) parallel use is easy. ? application ? inner circuit switching ? packaging specifications package taping code tl basic ordering unit (pieces) 1000 R6008FNJ ? ? absolute maximum ratings (ta ? 25c) symbol limits unit drain-source voltage v dss 600 v gate-source voltage v gss ? 30 v continuous i d ? 8a pulsed i dp ? 32 a continuous i s 8a pulsed i sp 32 a avalanche current i as 4a avalanche energy e as 4.3 mj power dissipation (tc=25 )p d 50 w channel temperature t ch 150 ? c range of storage temperature t stg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 l P 500 ? h, v dd =50v, rg=25 ? , starting tch=25 *3 limited only by maximum temperature allowed. ? thermal resistance symbol limits unit channel to case r th (ch-c) 2.5 ? c / w type parameter source current (body diode) drain current parameter *1 *1 *3 *3 *2 *2 lpts 10.1 4.5 13.1 9.0 3.0 0.78 2.54 5.08 1.24 0.4 1.0 1.2 1.3 2.7 (1) (2) (3) (1) gate (2) drain (3) source ? 1 body diode (1) (3) (2) ?1 1/5 2011.10 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
R6008FNJ symbol min. typ. max. unit gate-source leakage i gss -- ? 100 na v gs = 30v, v ds =0v drain-source breakdown voltage v (br)dss 600 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss - - 100 ? av ds =600v, v gs =0v gate threshold voltage v gs (th) 2.0 - 4.0 v v ds =10v, i d =1ma forward transfer admittance l y fs l 2.5 5.0 - s i d =4a, v ds =10v input capacitance c iss - 580 - pf v ds =25v output capacitance c oss - 450 - pf v gs =0v reverse transfer capacitance c rss - 25 - pf f=1mhz turn-on delay time t d(on) - 20 - ns i d =4a, v dd 300v rise time t r - 25 - ns v gs =10v turn-off delay time t d(off) - 60 - ns r l =75 ? fall time t f - 30 - ns r g =10 ? total gate charge q g - 20 - nc i d =8a, gate-source charge q gs -5-ncv dd 300v gate-drain charge q gd - 10 - nc v gs =10v *pulsed ? body diode characteristics (source-drain) (ta = 25 ? c) symbol min. typ. max. unit forward voltage v sd - - 1.5 v i s =8a, v gs =0v reverse recovery time t rr -67-ns *pulsed ? electrical characteristics (ta = 25 ? c) parameter conditions ? parameter static drain-source on-state resistance r ds (on) i d =4a, v gs =10v - 0.73 0.95 i s =8a, di/dt=100a/ ? s conditions * * * * * * * * * * * 2/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R6008FNJ ? electrical characteristic curves 0 0.5 1 1.5 2 2.5 3 -50 0 50 100 150 v gs = 10 v pulsed i d = 4.0 a i d = 8.0 a 0 1 2 3 4 5 6 -50 0 50 100 150 v ds = 10 v i d = 1 ma 0.001 0.01 0.1 1 10 100 0.0 1.5 3.0 4.5 6.0 v ds = 10 v pulsed t a = 125 t a = 75 t a = 25 t a = - 25 fig. 4 typical transfer characteristics 0 0.5 1 1.5 2 0 5 10 15 i d = 4.0 a i d = 8.0 a t a = 25 pulsed fig. 7 static drain - source on - state resistance vs. gate source voltage 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds = 10 v pulsed t a = 125 t a = 75 t a = 25 t a = - 25 fig. 9 forward transfer admittance vs. drain current 0.01 0.1 1 10 100 0.1 1 10 100 1000 t a = 25 single pulse pw= 10 ms p w = 100 us p w = 1 ms operation in this area is limited by r ds(on) fig. 1 maximum safe operating area fig. 8 static drain - source on - state resistance vs. channel temperature fig. 5 gate threshold voltage vs. channel temperature drain current : i d (a) drain - source voltage: v ds (v) channel temperature: t ch ( ) gate - source voltage : v gs (v) drain current : i d (a) gate - source voltage : v gs (v) static drain - source on - state resistance : r ds(on) ( ) channel temperature: t ch ( ) static drain - source on - state resistance : r ds(on) ( ) drain current : i d (a) forward transfer admittance : |yfs| (s) drain current : i d (a) gate threshold voltage: v gs (th) (v) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 drain current : i d [a] drain - source voltage : v ds [v] fig. 2 typical output characteristics ( ) t a = 25 pulsed v gs = 10.0 v v gs = 6.0 v v gs = 7.0 v v gs = 5.0 v v gs = 4.5 v v gs = 8.0 v v gs = 6.5 v 0 1 2 3 4 5 6 7 8 0 1 2 3 4 5 6 7 8 9 10 drain current : i d [a] drain - source voltage : v ds [v] fig. 3 typical output characteristics ( ) v gs = 10.0 v v gs = 6.0 v v gs = 6.5 v v gs = 7.0 v v gs = 8.0 v v gs = 5.0 v v gs = 4.5 v t a = 25 pulsed 0.1 1 10 0.1 1 10 100 static drain - source on - state resistance r ds(on) [ ] drain current : i d [a] fig. 6 static drain - source on - state resistance vs. drain current v gs = 10 v pulsed t a = 125 t a = 75 t a = 25 t a = - 25 3/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R6008FNJ 0.0001 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 t a = 25 single pulse rth(ch - a) (t) = r(t) rth(ch - a) rth(ch - a) = 49.7 /w 10 100 1000 0.1 1 10 100 t a = 25 di / dt= 100 a / s v gs = 0 v pulsed fig. 13 reverse recovery time vs. source current 0.01 0.1 1 10 100 0 0.5 1 1.5 2 v gs = 0 v pulsed t a = 125 t a = 75 t a = 25 t a = - 25 fig. 10 source current vs. sourse - drain voltage 0 5 10 15 0 10 20 30 t a = 25 v dd = 300 v i d = 8.0 a r g = 10 pulsed fig. 12 dynamic input characteristics 1 10 100 1000 10000 0.01 0.1 1 10 100 1000 c iss c oss c rss t a = 25 f= 1 mhz v gs = 0 v fig. 11 typical capacitance vs. drain - source voltage 1 10 100 1000 10000 0.1 1 10 100 t a = 25 v dd = 300 v v gs = 10 v r g = 10 pulsed t r t d(on) t d(off) t f fig. 14 switching characteristics fig. 15 normalized transient thermal resistance vs. pulse width total gate charge : q g (nc) gate - source voltage : v gs (v) drain - source voltage : v ds (v) source - drain voltage : v sd (v) reverse drain current : i s (a) drain current : i d (a) pulse width : pw(s) normarized transient thermal resistance : r (t) source current : i s (a) capacitance : c (pf) reverse recovery time: t rr (ns) switching time : t (ns) 4/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
R6008FNJ ? measurement circuits f ig.1-1 switching time measurement circu it v gs r g v ds d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) f ig.2-1 gate charge measurement circuit v gs i g(const.) v d s d.u.t. i d r l v dd fig.2-2 gate charge waveform v g v gs charge q g q gs q gd fig.3-1 avalanche measurement circuit v gs r g v ds d.u.t. i as l v dd fig.3-2 avalanche waveform i as v dd v (br)dss i as 2 l e as = v (br)dss - v dd v (br)dss 1 2 5/5 2011.10 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of R6008FNJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X