Part Number Hot Search : 
FQP5N40 BU4230G S2N65 2587P890 RF3934SB SB160 SZN4961 4VHC1G
Product Description
Full Text Search
 

To Download PLR050212 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05245.r7 9/12 page 1 05245 plr0502 u l t r a l ow ca p acitance stee r ing diode/ t v s a rr ay d esc r i p tion the plr0502 is an ultra low capacitance (0.6pf) steering diode and tvs array combo. this device provides circuit protecton for interfaces and wireless bus applicatons and portable electronics. the plr0502 is ideally suited to protect usb data i/o ports against the efects of esd and eft. the plr0502 meets the requirements of iec 61000-4-2 (esd) and iec 61000-4-4 (eft). at higher operatng frequen - cies or faster edge rates, inserton loss and signal integrity are a major concern. the plr0502 ofers a ultra low capacitance and low leakage current in a sot-543 package. featu r es ? compatble with iec 61000-4-2 (esd): air - 15kv, contact - 8kv ? compatble with iec 61000-4-4 (eft): 40a - 5/50ns ? 200 wats peak pulse power per line (tp = 8/20s) ? esd protecton > 25 kilovolts ? low clamping voltage ? unidirectonal confguraton ? protects 2 i/o ports and power supply ? ultra low capacitance: 0.6pf ? rohs compliant ? reach compliant mechanica l cha r acte r istics ? molded jedec sot-543 package ? approximate weight: 3 milligrams ? lead-free pure-tin platng (annealed) ? solder refow temperature: pure-tin - sn, 100: 260-270c ? 8mm tape and reel per eia standard 481 ? flammability ratng ul 94v-0 a ppl ications ? ethernet - 10/100 base t ? firewire ? wireless communicatons ? usb interfaces p in con f igu r ation sot -543 p ackage gnd i/o ref i/o 1 3 4 2
only one name means protektion? www.protekdevices.com 05245.r7 9/12 page 2 05245 plr0502 ty p ica l de v ice cha r acte r istics m a x i m u m r atings @ 25c unless o therwise specifed p a r a m ete r sy mb o l v a l ue units operatng temperature t l -55 to 150 c storage temperature t stg -55 to 150 c peak pulse power (tp = 8/20s) - see figure 1 p pp 200 wats peak forward voltage - i f = 1a, 8/20s v f 1.5 volts e l ect r ica l cha r acte r istics p e r l ine @ 25c unless o therwise specifed p a r t nu mb e r de v ice m a r king r ated stand - o ff v o l tage v wm v o l ts m ini m u m br eakdown v o l tage @1 m a v (br) v o l ts m a x i m u m c l a mp ing v o l tage (fig. 2) ( n ote 2) @ i p = 1 a v c v ol ts m a x i m u m c l a mp ing v o l tage (fig. 2) ( n ote 2) @ 8/20 s v c @ i pp m a x i m u m l eakage cu rr ent @v w m i d a m a x i m u m ca p acitance ( per d ata line ) (f ig. 5) ( n ote 1) @0v, 1m h z c j( sd ) p f plr0502 b5 5.0 6.0 9.8 20.0v @ 10.0a 1 0.6 n ote 1. as shown in figure 5, ref 1 is connected to ground, ref 2 is connected to +v cc and input applies to v cc = 5v, v sign = 30mv, f = 1mhz. 2. measured across pin 1 to pin 4. f igu r e 1 p eak p u l se p owe r v s p u l se ti m e t d - pulse d uraton - s 200w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - w ats 10 100 1,000 10,000
only one name means protektion? www.protekdevices.com 05245.r7 9/12 page 3 05245 plr0502 ty p ica l de v ice cha r acte r istics peak pulse power 8/20s average power f igu r e 3 p owe r de r ating cu rv e t a - a mbient t emperature - c 0 25 50 75 100 125 150 0 20 40 60 80 100 % o f rated power test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) f igu r e 2 p u l se wa v e f o rm t - time - s 0 5 10 15 20 25 30 i pp - peak pulse c urrent - % of i pp 0 20 40 60 80 100 120 f igu r e 4 o v e r shoot & c l a mp ing v o l tage esd t est pulse - 5 kilovolt, 1/30ns ( w aveshape) 5 volts per division -20 -10 0 10 20 g ref1 +v cc v sign ref2 i/o f igu r e 5 in p ut ca p acitance ci r cuit
only one name means protektion? www.protekdevices.com 05245.r7 9/12 page 4 05245 plr0502 sot -543 p ackage in f o rm ation out l ine di m ensions di m m i ll i m ete r s inches m in m a x m in m a x a 1.50 1.70 0.059 0.067 b 1.10 1.30 0.043 0.051 c 0.50 0.60 0.020 0.024 d 0.17 0.27 0.007 0.011 g 0.50 bsc 0.020 bsc j 0.08 0.18 0.003 0.007 k 0.10 0.30 0.004 0.012 s 1.50 1.70 0.059 0.067 r 0.05 0.15 0.002 0.006 notes 1. controlling dimension: inches. 2. dimensioning and tolerances per ansi y14.5m, 1985. 3. dimensions are exclusive of mold fash and metal burrs. 4. do not connect center stub. p ad l ayout di m ensions di m m i ll i m ete r s inches no m ina l no m ina l a 1.02 0.040 b 1.20 0.048 c 0.30 0.012 d 0.51 0.020 notes 1. controlling dimension: inches. a b d g j c k s 1 b a d c r
only one name means protektion? www.protekdevices.com 05245.r7 9/12 page 5 05245 plr0502 ta p e and r ee l s p eci f ications ree l d ia. t a p e w idth a 0 b0 k 0 d e f w p0 p2 p tmax 178mm (7) 8mm 1.78 0.05 1.78 0.05 0.69 0.05 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10 0.25 n otes 1. dimensions are in millimeters. 2. surface mount product is taped and reeled in accordance with eia-481. 3. sufx - t7 = 7 reel - 3,000 pieces per 8mm tape. 4. marking on part - marking code (see page 2). package outline, pad layout and tape specifcatons per document number 06074.r3 3/11. o r de r ing in f o rm ation b ase p a r t nu mb e r l ead fr ee su ff i x ta p e su ff i x q ty /r ee l r ee l si z e tu b e q ty plr0502 -lf -t7 3,000 7 n/a this device is only available in a lead-free confguraton. t op cover tape k0 d p0 p2 10 pitches cumulatve t olerance on t ape. 0.2 a0 b0 p e f w user directon of feed pin 1 t
only one name means protektion? www.protekdevices.com 05245.r7 9/12 page 6 05245 plr0502 co mp any in f o rm ation copyright ? protek devices 2007 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. co mp any pr ofile in business more than 20 years, protek devices? is a privately-held company located in tempe, arizona, that ofers a product line of tran - sient voltage suppressors (tvs); avalanche breakdown diodes; steering diode tvs arrays and other surge suppressor component products. these tvs devices protect electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulses (nemp), inductve switching and emi / rfi. protek devices also ofers high performance interface and linear products that include analog switches; multplexers; led drivers; audio control ics; rf and related high frequency products. the analog devices work in a host of con - sumer; industrial; automotve and other applicatons. contact us c orporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by t elephone general: 602-431-8101 sales: & marketng: 602-414-5109 customer service: 602-414-5114 product technical support: 602-414-5107 by fax general: 602-431-2288 by e -mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com pro t ek d evices (a sia pacifc) pte. ltd. 8 ubi road 2, #06-19 zervex singapore - 408538 tel: +65-67488312 fax: +65-67488313 w eb www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of PLR050212

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X