Part Number Hot Search : 
MB05S 000MH 42225 CHIPV6 IM41TS MDTXXA 2SJ319 LRC10
Product Description
Full Text Search
 

To Download PGB101040211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.littelfuse.com ?2011 littelfuse pgb1 series speci?cations are subject to change without notice. 1 revised: march 8, 2011 pulseguard ? suppressors surface mount polymeric esd suppressors 3 2 1 pulseguard esd suppressors help protect sensitive electronic equipment against electrostatic discharge (esd). t hey supplement the on-chip protection of integrated circuitry and are best suited for low-voltage, high-speed applications where low capacitance is important. data ports utilizing such high-speed protocols as usb 2.0, ieee1394, hdmi and dvi can bene?t from this new technology. pulseguard suppressors use polymer composite materials to suppress fast-rising esd transients (as speci?ed in iec 61000-4-2), while adding virtually no capacitance to the circuit. description features applications t)%57)bsexbsf t -bqupq%ftlupq computer t/fuxpsl)bsexbsf t$pnqvufs1fsjqifsbmt t%jhjubm$bnfsb t&yufsobm4upsbhf t4fu5pq#py t"oufoob  t 3p)4dpnqmjbou mfbegsff and available halogen-free t6musbmpxdbqbdjubodf t-pxmfblbhfdvssfou t'btusftqpotfujnf t#jejsfdujpobm t 8juituboetnvmujqmf &4%tusjlft t $pnqbujcmfxjui qjdlboeqmbdfqspdfttft t "wbjmbcmfjo   5 000 and 1 0000 piece sffmt &*"34
equivalent circuits 2 1 0402 and 0603 devices sot23 device product characteristics part number lines protected component package available as halogen-free pgb1010402 1 0402 /p 1 pgb1010603 1 0603 yes pgb102s t 23 2 so t 23 yes electrical characteristics speci?cation pgb 1010402 pgb 1010603 pgb102st23 notes esd capability: iec 61000-4-2 contact discharge *&$"js%jtdibshf l7 l7 l7 l7 l7 l7 1fbl7pmubhf uzqjdbm
1000v 5 00v 5 00v measured per iec 61000-4-2 l7$poubdu%jtdibshf 2 clamping voltage (typical) 2 5 0v 1 5 0v 1 5 0v measured per iec 61000-4-2 l7$poubdu%jtdibshf 2 , at 2 5 nsec. 3bufe7pmubhf nbyjnvn
12vdc 24vdc 24vdc capacitance (typical) q' q' q' measured at 2 5 0 mhz 3ftqpotf5jnf <1ns <1ns <1ns -fblbhf$vssfou uzqjdbm
o" 7%$
o" 7%$
o" 7%$
&4%1vmtf8juituboe 100 pulses min 1000 pulses min 1000 pulses min some shifting in characteristics may occur when tested over multiple pulses at a very rapid rate /puft1(#qspevduopupggfsfebt)bmphfo'sff4ff1( #tfsjftqspevdujotufbe iuuqxxxmjuufmgvtfdpntfsjf t1(#iunm
 5ftujohqfsgpsnfepo-juufmgvtfuftutfuvqbtef tdsjcfejo5zqjdbm5ftu4fuvq4fdujpopoqbhfpguijtepdvnfo u pgb1 series halogen-free / lead-free
www.littelfuse.com ?2011 littelfuse pgb1 series speci?cations are subject to change without notice. 2 revised: march 8, 2011 pulseguard ? suppressors surface mount polymeric esd suppressors typical device capacitance 0.01 0.10 1.00 100 1,000 10,000 frequency (mhz) pgb1010402 pgb1010603 pgb102st23 capacitance (pf) typical esd response 0 200 400 600 800 1000 1200 -25 0 25 50 75 100 125 150 175 pgb1010603 pgb102st23 pgb1010402 time (ns) voltage (v) dimensions reflow solder wave solder 1.27 (0.050") 0.76 (0.030") 3.30 (0.130") 3.05 (0.120") 1.27 (0.050") 0.51 (0.020") 0.76 (0.030") 0.76 (0.030") 1.66 +/- 0.06 (0.066" +/- 0.003) 0.15 +/- 0.08 (0.006" +/- 0.003) 0.84 +/- 0.05 (0.033" +/- 0.002) 0.36 (0.014") 1.04 (0.041") ref 0.43 +/- 0.18 (0.017" +/- 0.007) 0402 device re?ow solder 2.24 +/- 0.18 (0.088" +/- 0.007") 1.27 (0.050") 1.02 (0.040") 2.03 (0.080") 0.51 (0.020") 0.64 (0.025") 2.29 (0.090") 2.54 (0.100") 1.02 (0.040") 1.02 (0.040") 0.15 +/- 0.08 (0.006 +/- 0.003") typ 0.81 (0.032") typ 1.09 (0.043") 1.91 (0.075") 0.91 (0.036") typ 3.00 +/- 0.20 (0.118" +/- 0.008") 0.69 +/- 0.10 (0.027" +/- 0.004) wave solder 1.27 (0.050") 1.27 (0.050") 2.29 (0.090") 0.64 (0.025") 1.02 (0.040") sot23 device 0.56 (0.022") recommended for re?ow soldering only 0.99 +/- 0.05 (0.039" +/- 0.002") 0.25 (0.010") 0.24 +/- 0.09 (0.009" +/- 0.004") 0.38 (0.015") .58 (0.023") 1.55 (0.061") 0.15 +/- 0.08 (0.006" +/- 0.003") 0.310 +/- 0.08 (0.012" +/- 0.003") 0.51 +/- 0.05 (0.020" +/- 0.002") re?ow solder 0603 device dimensions: mm (inch) part numbering system pgb1 01 0603 mr hf quantity & packaging code: mr = 1000 pieces, tape & reel wr = 3000 pieces, tape & reel nr = 5000 pieces, tape & reel kr = 10,000 pieces, tape & reel halogen free indicator: blank = standard lead free item hf = halogen free item* *note: pgb1 0402 product not available as halogen free item. see pgb2 0402 product instead, part number pgb2010402krhf (http://www.littelfuse.com/series/pgb2010402.html). lines protected: 01 = 1 line 02 = 2 lines device size code: 0402 = 0402 (1005)* 0603 = 0603 (1608) st23 = sot23 lead-free pulseguard ? esd suppressors dimensions: mm (inch) dimensions: mm (inch)
www.littelfuse.com ?2011 littelfuse pgb1 series speci?cations are subject to change without notice. 3 revised: march 8, 2011 pulseguard ? suppressors surface mount polymeric esd suppressors environmental speci?cations operating temperature -6 5 c to +12 5 c moisture resistance 0402 series: ?$ 3) ipvst 0603, s t 23: ?$ 3) ipvst thermal shock .*-45% .fuipe -6 5 c to 12 5 c, 30 min. cycle, 10 cycles vibration .*-45% .fuipe   to 55 to 10 hz, 1 min. cycle, 2 hrs each in x-y-z) chemical resistance .*-45% .fuipe solder leach resistance and terminal adhesion *1$&*"+45% physical speci?cations materials #pez(mbtt&qpyz 5fsnjobujpot$pqqfs/jdlfm5jo solderability .*-45% .fuipe soldering parameters 8bwftpmefs?$ tfdpoetnbyjnvn 3fnpxtpmefs?$ tfdpoetnbyjnvn design consideration because of the fast rise-time of the esd transient, proper qmbdfnfoupg1vmtf(vbsetvqqsfttpstbsfblfzeftjho consideration to achieving optimal esd suppression. t he devices should be placed on the circuit board as close to the source of the esd transient as possible. install pulseguard tvqqsfttpst dpoofdufegspntjhobmebubmjofuphspvoe
 directly behind the connector so that they are the ?rst board- level circuit component encountered by the esd transient. soldering parameters re?ow condition 1co'sffbttfncmz pre heat - temperature min (t s(min) ) 1 5 0c - temperature max (t s(max) ) 200c - time (min to max) (t s ) otfdpoet average ramp up rate (liquidus temp (t l ) to peak ?$tfdpoenby t s(max) to t l - ramp-up rate ?$tfdpoenby re?ow - temperature (t l ) (liquidus) ?$ - temperature (t l ) 60 C 1 5 0 seconds peak temperature (t p ) 260c time within 5 c of actual peak temperature (t p ) 10 C 30 seconds ramp-down rate ?$tfdpoenby time 2 5 c to peak temperature (t p ) njovuftnby #btfepo*1$+&%&$+45%
www.littelfuse.com ?2011 littelfuse pgb1 series speci?cations are subject to change without notice. 4 revised: march 8, 2011 pulseguard ? suppressors surface mount polymeric esd suppressors typical test setup agilent infiniium 1.5 ghz 8 gs/s 30db pasternak attenuator pe7025-30 tektronix low cap probe 6158 (20x tip) resistance test fixture quadtech 1865 resistance meter computer faraday cage esd pulse generator test board w/ dut esd test fixture tape and reel speci?cations description 0402 series (mm) 0603 series (mm) sot23 series (mm) c t $pwfsubqfuijdloftt 0.0 5 0.0 5 0.06 d d - drive hole diameter 1. 5 01. 5 01. 5 0 d s - drive hole spacing 4.00 4.00 4.00 p d 1pdlfuefqui 0.41  1.02 p h 1pdlfuifjhiu 1. 12  3.23 p s 1pdlfutqbdjoh 2.00 4.00 4.00 p w 1pdlfuxjeui 0.62 1.02 2.46 t t $bssjfsubqfuijdloftt 0.61 0.6 5  t w - carrier tape width    t w d s p h p d d d c t p s p w t t packaging part number quantity & packaging code quantity packaging option packaging speci?cation pgb1010402 ,3 10000 5bqf3ffm wsffm
&*"34 *&$ qbsu
pgb1010603 .3 1000 5bqf3ffm wsffm
&*"34 *&$ qbsu
pgb102s t 23 83 3000 5bqf3ffm wsffm
&*"34 *&$ qbsu
pgb1010603 /3 5 000 5bqf3ffm wsffm
&*"34 *&$ qbsu


▲Up To Search▲   

 
Price & Availability of PGB101040211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X