Part Number Hot Search : 
MSK5021 BAR6303W PRIMO5 MTN2310 LA73B SS2040FL D2024 D2024
Product Description
Full Text Search
 

To Download P1800ADL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r o h s telecom design guide ? ? 2006 littelfuse 3 - 83 www.littelfuse.com sidactor devices high surge current two-pin sidactor ? device this sidactor device is intended for very hostile environments such as catv (community antenna tv) systems and electronics c onnected to external antennas. * ?l? in part number indicates rohs compliance. for non-rohs compliant device, delete ?l? from part number. for surge ratings, see table below. general notes: ? all measurements are made at an ambient temperature of 25 c. i pp applies to -40 c through +85 c temperature range. ? i pp is a repetitive surge rating and is guaranteed for the life of the product. ? listed sidactor devices are bi-directional. all electr ical parameters and surge ratings apply to forward and reverse polarities. ? v drm is measured at i drm. ? v s is measured at 100 v/s. ? special voltage (v s and v drm ) and holding current (i h ) requirements are available upon request. * current waveform in s ** voltage waveform in s electrical parameters part number * v drm volts v s volts v t volts i drm amps i s mamps i t amps i h mamps p1400adl 120 160 3 5 800 2.2 50 P1800ADL 170 220 3 5 800 2.2 50 surge ratings in amps series i pp i tsm 50 / 60 hz di/dt 8x20 * 1.2x50 ** 10x1000 * 10x1000 ** amps amps amps amps/s d 1000 250 120 500 13
www.littelfuse.com 3 - 84 ? 2006 littelfuse ? telecom design guide high surge current two-pin sidactor? device note: off-state capacitance (c o ) is measured at 1 mhz with a 2 v bias. thermal considerations package symbol parameter value unit modified to-220 t j operating junction temperature range -40 to +150 c t s storage temperature range -65 to +150 c r ja thermal resistance: junction to ambient 60 c/w capacitance values part number pf min max p1400adl 140 200 P1800ADL 120 180 1 3 i h i t i s i drm v drm v t + v -v +i -i v s v-i characteristics 50 100 0 t r t d 0 peak value half value t ? time (s) i pp ? peak pulse current ? %i pp t r = rise time to peak value t d = decay time to half value waveform = t r x t d t r x t d pulse waveform -8 -40 -20 0 20 40 60 80 100 120 140 160 -6 -4 0 2 4 6 8 10 12 14 junction temperature (t j ) ? ?c percent of v s change ? % 25 ?c normalized v s change versus junction temperature 0.4 -40 -20 0 20 40 60 80 100 120 140 160 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 case temperature (t c ) ? ?c ratio of i h i h (t c = 25 ?c) 25 ?c normalized dc holding current versus case temperature


▲Up To Search▲   

 
Price & Availability of P1800ADL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X