Part Number Hot Search : 
LM738 KF7N60 XHXXX 1ZC16A MP2229 XXXXX 1ZC16A BS83B08
Product Description
Full Text Search
 

To Download NJM2561A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver.0.1 NJM2561A -1- low voltage video amplifier with lpf  general description  package outline the NJM2561A is a low voltage single video amplifier with low pass filter. the NJM2561A features low power and small package. it is suitable for any video application.  features  operating voltage 2.6 to 5.5v  6 th order lpf -33db at 19mhz typ.  6db amplifier  75 ? driver circuit  power save circuit  bipolar technology  package outline eson6 (1.6 x 1.6 x 0.4 mm )  pin configuration  block diagram NJM2561Akg1 1. vsag 2. gnd 3. power save 4. v+ 5. vout 6. vin 1 2 3 6 5 4 cla m p 75 ? dr iv er vin v + vout vsag power save gnd lpf 6db
NJM2561A - 2 -  absolute maximum ratings (ta=25 c) parameter symbol ratings unit supply voltage v + 7.0 v power dissipation p d tbd note1 mw operating temperature range topr -40 to +85 c storage temperature range tstg -40 to +125 c (note1) at on a board of eia/jedec specification. (101.5 x 114.5 x 1.6mm 2 layers, fr-4)     recommended opearating condition (ta=25 c) parameter symbol test condition min. typ. max. unit operating voltage vopr 2.6 3.0 5.5 v  electrical characteristics (v + =3.0v,r l =150 ? ,ta=25 c) parameter symbol test condition min. typ. max. unit operating current i cc no signal - 8.0 12.0 ma operating current at power save isave no signal, power save mode - 30 50 a maximum output voltage swing vom f=100khz, sine signal, thd=1% 2.2 2.5 - vp-p voltage gain gv vin=100khz, 1.0vp-p, sine signal 6.1 6.5 6.9 db gfy4.5m vin=4.5mhz/100khz, 1.0vp-p -0.6 -0.1 0.4 low pass filter characteristic gfy19m vin=19mhz/100khz, 1.0vp-p - -33 -23 db differential gain dg vin=1.0vp-p, 10step video signal - 0.5 - % differential phase dp vin=1.0vp-p, 10step video signal - 0.5 - deg s/n ratio snv vin=1.0vp-p, r l =75 ? 100% white video signal, f= 100khz to 6mhz - 65 - db 2nd. distortion hv vin=1.0vp-p, 3.58mhz, sine signal, r l =75 ? - -50 - db sw change voltage high level vthph active 1.8 - v + sw change voltage low level vthpl non-active 0 - 0.3 v  control terminal parameter status note h power save: off(active) l power save: on (mute) power save open power save: on (mute)
NJM2561A - 3 -  test circuit     application circuit (1) standard circuit (2) sag correction unused circuit 0.1f 10f input 75 ? 0.1f 33f 33f 75 ? 75 ? output vsag gnd power save v + vout vin 6 5 4 1 2 3 0.1f 10f input 75 ? 0.1f c2 c1 75 ? output vsag gnd power save v + vout vin 6 5 4 1 2 3 vsag gnd power save v + vout vin 0.1f 10f input 75 ? 0.1f 470f output + 75 ? 6 5 4 1 2 3
NJM2561A - 4 -     instructions and directions for use (1) standard circuit the sag correction circuit reduces output coupling capacitor values. however, this circuit may cause to sag deterioration, and lose synchronization by luminance fluctuation. checking the waveform containing a lot of low frequency components like a bounce waveform (worst condition waveform of sag). refer to figure 1 and figure 2. (2) sag correction unused circuit to stabilize the synchronized signal, we recommend this circuit. connect the coupling capacitor after connecting the vout pin and vsag pin. the recommended value is 470f or more. refer to figure 3 and figure 4. figure 1 figure 2 c1: 100f, c2: 22f c1: 100f, c2: 22f input signal: 1vp-p, white black waveform input signal: 1vp-p, black white waveform orange: vout pin waveform orange: vout pin waveform green: waveform after output capacitor green: waveform after output capacitor figure 3 figure 4 output coupling capacitor: 470f output coupling capacitor: 470f input signal: 1vp-p, white black waveform input signal: 1vp-p, black white waveform orange: vout pin waveform orange: vout pin waveform green: waveform after output capacitor green: waveform after output capacitor
NJM2561A - 5 - [caution] the specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. the application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.


▲Up To Search▲   

 
Price & Availability of NJM2561A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X