Part Number Hot Search : 
HDM3224 MM3141JR KMZ10 LT2079AI IC18F C5750X7R DM9101F 054S3
Product Description
Full Text Search
 

To Download MPS65007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2007 april, 2007 ? rev. 3 1 publication order number: mps650/d npn ? mps650, mps651; pnp ? mps750, mps751 mps651 and mps751 are preferred devices amplifier transistors features ? pb?free packages are available* maximum ratings rating symbol value unit collector ?emitter voltage mps650; mps750 mps651; mps751 v ce 40 60 vdc collector ?base voltage mps650; mps750 mps651; mps751 v cb 60 80 vdc emitter ?base voltage v eb 5.0 vdc collector current ? continuous i c 2.0 adc total power dissipation @ t a = 25 c derate above 25 c p d 625 5.0 mw mw/ c total power dissipation @ t c = 25 c derate above 25 c p d 1.5 12 w mw/ c operating and storage junction temperature range t j , t stg ?55 to +150 c thermal characteristics characteristic symbol max unit thermal resistance, junction?to?ambient v ce 200 c/w thermal resistance, junction?to?case v cb 83.3 c/w stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ordering information preferred devices are recommended choices for future use and best overall value. collector 3 2 base 1 emitter collector 3 2 base 1 emitter npn pnp 1 2 3 1 2 bent lead tape & reel ammo pack straight lead bulk pack 3 to?92 case 29 style 1 marking diagram mps xxx ayww   xxx = 650, 750, 651, or 751 a = assembly location y = year ww = work week  = pb?free package (note: microdot may be in either location)
npn ? mps650, mps651; pnp ? mps750, mps751 http://onsemi.com 2 electrical characteristics (t c = 25 c unless otherwise noted) characteristic symbol min max unit off characteristics collector ?emitter breakdown voltage (note 1) (i c = 10 madc, i b = 0) mps650, mps750 mps651, mps751 v (br)ceo 40 60 ? ? vdc collector ?base breakdown voltage (i c = 100  adc, i e = 0 ) mps650, mps750 mps651, mps751 v (br)cbo 60 80 ? ? vdc emitter ?base breakdown voltage (i c = 0, i e = 10  adc) v (br)ebo 5.0 ? vdc collector cutoff current (v cb = 60 vdc, i e = 0) mps650, mps750 (v cb = 80 vdc, i e = 0) mps651, mps751 i cbo ? ? 0.1 0.1  adc emitter cutoff current (v eb = 4.0 v, i c = 0) i ebo ? 0.1  adc on characteristics (note 1) dc current gain (i c = 50 ma, v ce = 2.0 v) (i c = 500 ma, v ce = 2.0 v) (i c = 1.0 a, v ce = 2.0 v) (i c = 2.0 a, v ce = 2.0 v) h fe 75 75 75 40 ? ? ? ? ? collector ?emitter saturation voltage (i c = 2.0 a, i b = 200 ma) (i c = 1.0 a, i b = 100 ma) v ce(sat) ? ? 0.5 0.3 vdc base?emitter on voltage (i c = 1.0 a, v ce = 2.0 v) v be(on) ? 1.0 vdc base ?emitter saturation voltage (i c = 1.0 a, i b = 100 ma) v be(sat) ? 1.2 vdc small?signal characteristics current ?gain ? bandwidth product (note 2) (i c = 50 madc, v ce = 5.0 vdc, f = 100 mhz) f t 75 ? mhz 1. pulse test: pulse width 300  s, duty cycle = 2.0%. 2. f t is defined as the frequency at which |h fe | extrapolates to unity. figure 1. mps650, mps651 typical dc current gain i c , collector current (ma) 10 h fe , dc current gain 300 0 v ce = 2.0 v t j = 125 c 25 c ?55 c npn i c , collector current (ma) ?10 ?20 ?50 ?100 ?200 ?500 h fe , dc current gain 250 0 pnp 30 60 90 120 150 180 210 240 270 20 50 100 200 500 1.0 a 2.0 a 4.0 a 25 50 75 100 125 200 175 150 225 ?1.0 a ?2.0 a ?4.0 a v ce = ?2.0 v t j = 125 c 25 c ?55 c figure 2. mps750, mps751 typical dc current gain
npn ? mps650, mps651; pnp ? mps750, mps751 http://onsemi.com 3 i c , collector current (ma) 50 v, voltage (volts) 2.0 0 v be(sat) @ i c /i b = 10 v be(on) @ v ce = 2.0 v v ce(sat) @ i c /i b = 10 figure 3. mps650, mps651 on voltages 1.8 1.6 1.4 1.2 1.0 0.4 0.8 0.6 0.2 100 200 500 1.0 a 2.0 a 4.0 a npn i c , collector current (ma) v, voltage (volts) 0 figure 4. mps750, mps751 on voltages ?50 ?2.0 ?1.8 ?1.6 ?1.4 ?1.2 ?1.0 ?0.4 ?0.8 ?0.6 ?0.2 ?100 ?200 ?500 ?1.0 a ?2.0 a ?4.0 a v be(sat) @ i c /i b = 10 v ce(sat) @ i c /i b = 10 pnp v be(on) @ v ce = 2.0 v figure 5. mps650, mps651 collector saturation region i b , base current (ma) 0.05 1.0 0 npn 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 v ce , collector?emitter voltage (volts) 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 500 t j = 25 c i c = 10 ma i c = 100 ma i c = 500 ma i c = 2.0 a ?10 ?4.0 ?2.0 ?1.0 ?0.5 ?0.2 ?0.1 ?0.02 ?0.01 ?1.0 ?2.0 ?5.0 ?10 ?20 ?50 ?100 100  s 1.0 ms t a = 25 c t c = 25 c mps75 0 mps75 1 wire limit thermal limit second breakdown limit ?0.05 v ce , collector?emitter voltage (volts) pnp i b , base current (ma) pnp figure 6. mps750, mps751 collector saturation region v ce , collector?emitter voltage (volts) t j = 25 c i c = ?10 ma i c = ?100 ma i c = ?500 ma i c = ?2.0 a ?0.05 ?1.0 0 ?0.1 ?0.2 ?0.3 ?0.4 ?0.5 ?0.6 ?0.7 ?0.8 ?0.9 ?0.1 ?0.2 ?0.5 ?1.0 ?2.0 ?5.0 ?10 ?20 ?50 ?100 ?200 ?500 10 4.0 2.0 1.0 0.5 0.2 0.1 0.05 0.02 0.01 i c , collector current 1.0 2.0 5.0 10 20 50 100 v ce , collector?emitter voltage (volts) figure 7. mps650, mps651 soa, safe operating area t a = 25 c 1.0 ms t c = 25 c 100  s mps65 0 mps65 1 wire limit thermal limit second breakdown limit figure 8. mps750, mps751 soa, safe operating area npn
npn ? mps650, mps651; pnp ? mps750, mps751 http://onsemi.com 4 ordering information device package shipping ? mps650 to?92 5000 units / bulk mps650g to?92 (pb?free) 5000 units / bulk mps650rlrag to?92 (pb?free) 2000 / tape & reel mps650zl1g to?92 (pb?free) 2000 / tape & ammunition mps651 to?92 5000 units / bulk mps651g to?92 (pb?free) 5000 units / bulk mps651rlrag to?92 (pb?free) 2000 / tape & reel mps651rlrm to?92 2000 / tape & ammunition mps651rlrmg to?92 (pb?free) 2000 / tape & ammunition mps750g to?92 (pb?free) 5000 units / bulk mps750rlrag to?92 (pb?free) 2000 / tape & reel mps750rlrp to?92 2000 / tape & ammunition mps750rlrpg to?92 (pb?free) 2000 / tape & ammunition mps751 to?92 5000 units / bulk mps751g to?92 (pb?free) 5000 units / bulk mps751rlra to?92 2000 / tape & reel mps751rlrag to?92 (pb?free) 2000 / tape & reel mps751rlrp to?92 2000 / tape & ammunition mps751rlrpg to?92 (pb?free) 2000 / tape & ammunition mps751zl1g to?92 (pb?free) 2000 / tape & ammunition ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
npn ? mps650, mps651; pnp ? mps750, mps751 http://onsemi.com 5 package dimensions to?92 (to?226) case 29?11 issue am notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. contour of package beyond dimension r is uncontrolled. 4. lead dimension is uncontrolled in p and beyond dimension k minimum. r a p j l b k g h section x?x c v d n n xx seating plane dim min max min max millimeters inches a 0.175 0.205 4.45 5.20 b 0.170 0.210 4.32 5.33 c 0.125 0.165 3.18 4.19 d 0.016 0.021 0.407 0.533 g 0.045 0.055 1.15 1.39 h 0.095 0.105 2.42 2.66 j 0.015 0.020 0.39 0.50 k 0.500 ??? 12.70 ??? l 0.250 ??? 6.35 ??? n 0.080 0.105 2.04 2.66 p ??? 0.100 ??? 2.54 r 0.115 ??? 2.93 ??? v 0.135 ??? 3.43 ??? 1 notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. contour of package beyond dimension r is uncontrolled. 4. lead dimension is uncontrolled in p and beyond dimension k minimum. r a p j b k g section x?x c v d n xx seating plane dim min max millimeters a 4.45 5.20 b 4.32 5.33 c 3.18 4.19 d 0.40 0.54 g 2.40 2.80 j 0.39 0.50 k 12.70 ??? n 2.04 2.66 p 1.50 4.00 r 2.93 ??? v 3.43 ??? 1 t straight lead bulk pack bent lead tape & reel ammo pack style 1: pin 1. emitter 2. base 3. collector on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, r epresentation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5773?3850 2n6515/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MPS65007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X