Part Number Hot Search : 
P16NB2 A2031 2N339 15KP17A A123J BZV55C33 133TQI 2SC1473A
Product Description
Full Text Search
 

To Download KBU605 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kbu601 - kbu607 symbol kbu 601 kbu 602 kbu 603 kbu 604 kbu 605 kbu 606 kbu 607 units v rrm 50 100 200 400 600 600 1000 v v rms 35 70 140 260 420 560 700 v v dc 50 100 200 400 600 600 1000 v i (av) a i fsm a i 2 ta 2 s v f v i r ua cj pf r ja r jc oc/w t j o c t stg o c dimension in inches and (millimeter) ? green compound with suffix ?g? on packing code & prefix ?g? on datecode. ? mounting torque : 5 in lbs max. maximum rms voltage maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number 8.6 3.1 -55 to +125 -55 to +150 ? typical ir less than 0.1ua rating of fusing ( t < 8.3ms ) 166 maximum dc reverse current @ ta=25 at rated dc blocking voltage @ ta=125 6.0 200 10.0 500 operating temperature range storage temperature range note 1 : measured at 1mhz and applied reverse bias of 4.0v dc. 2. unit case mounted on 2" x 3" x 0.25" al plate heat sink. ? high temperature soldering guaranteed: 260 / 10 seconds at 5 lbs., ( 2.3 kg ) tension ? high surge current capability typical thermal resistance (note 2) peak forward surge current, 8.3 ms single half sine - wave superimposed on rated load (jedec method ) ? terminal : p ure tin plated , lead free. leads solderable per mil-std-202 method 208 maximum dc blocking voltage maximum recurrent peak reverse voltage ? case : molded plastic body ? weight : 8.0 grams (0.3 ounce) ? ul recoganized file # e-326243 1.0 1.1 single phase 6.0 amps. bridge rectifiers ? high case dielectric strength ? plastic material has underwriters laboratory flammability classification 94v-0 kbu features ? ideal for printed circuit board mechanical data 240 typical junction capacitance per leg (note 1) maximum instantaneous forward voltage @ 4.0a @ 8.0a maximum average forward rectified curren t @ t a = 65 o c pb rohs compliance rohs compliance 1 of 2 version : d09
rating and sharacteristic curves (kbu601 - kbu607) fig 1 maximum derating curve for output current mounted on heat sink size with 2" x 3" x 0.25" al- plate 0 1 2 3 4 5 6 7 0 20 40 60 80 100 120 140 160 case temperature ( o c) average forward current (a) fig 3 typical reverse characteristics per leg ta=25 o c ta=125 o c 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 percent of rated peak reverse volatge (v) instantaneous reverse current (ua) fig 2 maximum forward surge current per leg 8.3ms single half sin-wave (jedec method) 0 25 50 75 100 125 150 175 200 1 10 100 number of cycles at 60 hz peak forward surge current (a) fig 4 typical forward characteristics per leg. 0.1 1 10 100 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 instantaneous forward voltage (v) instantaneous forward current (a) fig 5 typical junction capacitance 10 100 1000 0.1 1 10 100 reverse voltage (v) junction capacitance (pf) 2 of 2 version : d09


▲Up To Search▲   

 
Price & Availability of KBU605

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X