Part Number Hot Search : 
JANTX1 MAX695 JANTX1 BPC25 NTE104 YM74S MGRB2018 MAX17017
Product Description
Full Text Search
 

To Download KBU605 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 604 - kbu601 thru kbu607 single phase 6.0 amps. silicon bridge rectifiers voltage range 50 to 1000 volts current 6.0 amperes features ul recognized file # e-96005 high surge current capability ideal for printed circuit board reliable low cost construction technique results in inexpensive product high temperature soldering guaranteed: 260 / 10 seconds / 0.375? ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension weight: 8 grams kbu dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol kbu 601 kbu 602 kbu 603 kbu 604 kbu 605 kbu 606 kbu 607 units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum avera g e forward rectified current @t a = 65 o c i (av) 6.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 200 a maximum instantaneous forward voltage @ 6.0a v f 1.0 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =100 o c i r 10 500 ua ua typical thermal resistance (note 1) (note 2) r ja r jl 8.6 3.1 o c/w operating temperature range t j -55 to +125 o c storage temperature range t stg -55 to +150 o c note: 1. thermal resistance from junction to ambient with units in free air, p.c.b. mounted on 0.5 x 0.5? (12 x 12mm) copper pads, 0.375? (9.5mm) lead length. 2. thermal resistance from junction to case with units mounted on 2? x 3? x 0.25? al-plate
- 605 - ratings and characteristic curves (kbu601 thru kbu607) fig.4- typical reverse characteristics per bridge element instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 0.1 1.0 10 100 percent of rated peak reverse voltage. (%) tj=100 c 0 tj=25 c 0 fig.3- typical instantaneous forward characteristics per bridge element instantaneous for ward current . (a) .6 .7 .8 .9 1.0 1.1 1.3 1.2 0.1 0.2 0.4 1.0 4.0 10 40 20 100 instantaneous forward voltage. (v) tj=25 c pulse width-300 s 1% duty cycle 0 fig.2- maximum forward current derating curve average for ward current . (a) 0 50 100 150 0 2 4 6 element temperature. ( c) o mounted on 4x4 inch copper pc board 0.5"(12.7mm) lead length fig.1- maximum non-repetitive forward surge current per bridge element peak for ward surge current . (a) 10 2 5 1 50 20 100 175 100 125 75 25 50 150 200 number of cycles at 60hz 8.3ms single half sine wave tj=25 c 0


▲Up To Search▲   

 
Price & Availability of KBU605

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X