Part Number Hot Search : 
100M1 TI202F 1M16SF D25NE LTC23 100M1 LTC1751 TI202F
Product Description
Full Text Search
 

To Download IXGH12N60C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2002 ixys all rights reserved symbol test conditions maximum ratings v ces t j = 25 c to 150 c 600 v v cgr t j = 25 c to 150 c; r ge = 1 m ? 600 v v ges continuous 20 v v gem transient 30 v i c25 t c = 25 c24a i c90 t c = 90 c12a i cm t c = 25 c, 1 ms 48 a ssoa v ge = 15 v, t vj = 125 c, r g = 33 ? i cm = 24 a (rbsoa) clamped inductive load, l = 300 h @ 0.8 v ces p c t c = 25 c 100 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c m d mounting torque with screw m3 0.45/4 nm/lb.in. mounting torque with screw m3.5 0.55/5 nm/lb.in. weight 6g maximum lead temperature for soldering 300 c 1.6 mm (0.062 in.) from case for 10 s features ? very high frequency igbt ? new generation hdmos tm process ? international standard package jedec to-247 ? high peak current handling capability applications ? pfc circuit ? ac motor speed control ? dc servo and robot drives ? switch-mode and resonant-mode power supplies ? high power audio amplifiers advantages ? fast switching speed ? high power density 98503b (2/02) symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv ces i c = 250 a, v ge = 0 v 600 v v ge(th) i c = 250 a, v ge = v ge 2.5 5.0 v i ces v ce = 0.8 v ces t j = 25 c 200 a v ge = 0 v t j = 125 c 1.5 ma i ges v ce = 0 v, v ge = 20 v 100 na v ce(sat) i c = i ce90 , v ge = 15 v 2.1 2.7 v g = gate, c = collector, e = emitter, tab = collector to-247 c (tab) g c e hiperfast tm igbt lightspeed tm series v ces = 600 v i c25 = 24 a v ce(sat) = 2.7 v t fi(typ) = 55 ns ixgh 12n60c
ixys reserves the right to change limits, test conditions, and dimensions. ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs i c = i c90 ; v ce = 10 v, 5 11 s pulse test, t 300 s, duty cycle 2 % c ies 860 pf c oes v ce = 25 v, v ge = 0 v, f = 1 mhz 64 pf c res 15 pf q g 32 nc q ge i c = i c90 , v ge = 15 v, v ce = 0.5 v ces 10 nc q gc 10 nc t d(on) 20 ns t ri 20 ns t d(off) 60 ns t fi 55 ns e off 0.09 mj t d(on) 20 ns t ri 20 ns e on 0.15 mj t d(off) 85 180 ns t fi 85 180 ns e off 0.27 0.60 mj r thjc 1.25 k/w r thck 0.25 k/w inductive load, t j = 25 c i c = i c90 , v ge = 15 v, l = 300 h v ce = 0.8 v ces , r g = r off = 18 ? remarks: switching times may increase for v ce (clamp) > 0.8 v ces , higher t j or increased r g inductive load, t j = 125 c i c = i c90 , v ge = 15 v, l = 300 h v ce = 0.8 v ces , r g = r off = 18 ? remarks: switching times may increase for v ce (clamp) > 0.8 v ces , higher t j or increased r g ixgh 12n60c to-247 ad (ixgh) outline dim. millimeter inches min. max. min. max. a 19.81 20.32 0.780 0.800 b 20.80 21.46 0.819 0.845 c 15.75 16.26 0.610 0.640 d 3.55 3.65 0.140 0.144 e 4.32 5.49 0.170 0.216 f5.4 6.2 0.212 0.244 g 1.65 2.13 0.065 0.084 h - 4.5 - 0.177 j 1.0 1.4 0.040 0.055 k 10.8 11.0 0.426 0.433 l 4.7 5.3 0.185 0.209 m 0.4 0.8 0.016 0.031 n 1.5 2.49 0.087 0.102


▲Up To Search▲   

 
Price & Availability of IXGH12N60C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X