Part Number Hot Search : 
PO32013 HCM1203F BCM53 BF184 GPLF40RL NJU9252P MC2800 09SH3
Product Description
Full Text Search
 

To Download HSP-15012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ul60950-1,en60950-1 approved universal ac input / full rangewithstand 300vac surge input for 5 seconds built-in active pfc function high efficiency up to 90% low leakage current<0.5ma protections: short circuit / overload / over voltage / over temperature cooling by free air convection for 150w and 200w with 30cfm forced air low profile:32mmconformal coated zvs technology to reduce power dissipation built-in remote sense led indicator for power on 3 years warranty 100w 152w peak power (30cfm fan) 200w 2.35~2.75v 3.4~4.2v voltage adj. range 4.5~5.5v 140~180% rated output power specification model dc voltage rated current output line regulation load regulation setup, rise time hold up time (typ.) voltage range note.4 frequency range power factor (typ.) efficiency (typ.) input inrush current (typ.) leakage current over temperature safety standards emc emission emc immunity working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage ac current (typ.) 2000ms, 100ms/230vac 3000ms, 100ms/115vac at full load 90 ~ 264vac 127 ~ 370vdc 47 ~ 63hz 0.8a/115vac 0.4a/230vac cold start 70a/230vac <0.5ma / 240vac 3.2 ~ 3.7v 4.7 ~ 5.7v protection type : hiccup mode, recovers automatically after fault co ndition is removed 110 5 (tsw1) compliance to en55022 (cispr22) class b,en61000-3-2,en61000-3 -3 -30 ~ +70 (refer to "derating curve") 20 ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh 0.03%/ (0 ~ 60 10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes 263.2k hrs min. mil-hdbk-217f (25 ) 86% pf 0.95/230vac pf 0.98/115vac at full load 16ms/230vac 16ms/115vac at full load 88% 1.0% 1.0% 0.5% 0.5% 2.0% 2.0% 80mvp-p 100mvp-p 2.5v 30a 0 ~ 40a 3.8v 30a 0 ~ 40a hsp-150-2.5 hsp-150-3.8 file name:hsp-150-spec 2012-03-07 features : h s p - 1 5 0 s e r i e s ripple & noise (max.) note.2 voltage tolerance note.3 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : line regulation and load regulation. 4. derating may be needed under low input voltages. please check the static c haracteristics for more details. 5. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still mee ts emc directives. environment safety & emc (note 5) protection withstand voltage isolation resistance i/p-o/p:3.0kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms/500vdc/ 70%rh 25 / peak current range (30cfm fan) 5.7 ~ 7.0v 90% 1.0% 0.5% 2.0% 100mvp-p 5v 30a 0 ~ 40a hsp-150-5 150w single output with pfc function compliance to en61000-4-2,3,4,5,6,8,11;en55024, light indus try level (surge 4kv), criteria a 115 5 (tsw1) short circuit protection type : hiccup mode, recovers automatically after fault co ndition is removed 220*62*32mm (l*w*h) protection type : shut down o/p voltage, re-power on to recover protection type : hiccup mode, recovers automatically after fault co ndition is removed 1.5a/115vac 0.8a/230vac 0 ~ 30a 0 ~ 30a current range (convection) 0 ~ 30a 75w 114w rated power (convection) 150w 0.61kg; 24pcs/15.6kg/1.63cuft 1.2a/115vac 0.6a/230vac
fan 30cfm direction air flow 50mm pwm circuit detection o.l.p. emi filter apfc power switch- filter & synchronous i/p fg ing converter o.v.p. bridge rectifiers block diagram mechanical specification case no.:208a unit:mm o.t.p. h s p - 1 5 0 s e r i e s 150w single output with pfc function file name:hsp-150-spec 2012-03-07 controller rectifiers derating curve static characteristics +v +s -v -s dc output terminal pin no. assignment pin no. 12 assignment -v +v led 1 2 3 2 1 tb1 220 62 7.75 2 216 47 3.3 32 pin no. 12 assignment -s +s mating housing js-2001-02 or equivalent js-1001-02 or equivalent terminal remote sense pin(cn1):js-1001-02 or equivalent 1 2 cn1 terminal cpb-7 m5 pin no. 13 2 assignment ac/l ac/n fg ac input terminal(tb1) pin no. assignment terminal t21-bm10-03 ambient temperature ( ) io(a) -30 0 10 20 30 40 50 60 70 25 35 (horizontal) 40 input voltage (v) 60hz 90 100 110 135 155 230 264 40 32 24 20 10 fosc=90khz 2.5v&3.8v 30 30 5v without fan with fan with fan without fan 14 20 5v 2.5v&3.8v io(a) vo adj svr1


▲Up To Search▲   

 
Price & Availability of HSP-15012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X