Part Number Hot Search : 
1M35V10 ADP3307 KA7805 CM7323 TK13A60D PDTC1 02241 RM126
Product Description
Full Text Search
 

To Download GM400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gripping material gm110 ? GM400 technical data october, 2009 product description 3m? gripping material gm110 and GM400 are based on 3m?s proprietary micro- replicated technology. 3m gripping mate rial gm110 consists of a high-friction surface with a nylon knit backing that prov ides stretch in the cross-web directions. it can be attached to other substrates by sewing. 3m gripping material gm110 is ideally suited for applications requiring stretch, such as athletic gloves. 3m gripping material GM400 consists of a high-friction surface with a thin flexible backing and acrylic pressure sensitive adhesive with lin er. when used alone on a single surface, 3m gripping material provides a strong secure grip. when used as a two-part system, for example on a glove and a handlebar grip , strength is maximized. as firmly as 3m gripping material holds, it releases just as easily. converting and application 3m? gripping material gm110 3m? gripping material gm110 plain back can be shear cut, die-cut, or converted by other applicable methods, and can be sewn to a wide variety of substrates using most commercially available equipment. excessive thread tension may cause te aring or cutting of the product. avoid direct contact with heated processing surfaces, in excess of 160f (71c), for prolonged periods of time. 3m? gripping material GM400 3m? gripping material GM400 with pressure sensitive adhesi ve can be shear cut, die-cut, or converted by other application methods. when used as a handle wrap, material should be spiral wrapped so edges are aligned next to each other with minimal gaps. the leading and ending edges of the wrap should be secured with end caps or tape designed for that purpose. minimum tension should be used to avoid stretching and distortion of the product. avoide direct direct contact with heated processing surfaces, in excess of 160f (71c), for prolonged periods of time.
3m ? gripping material gm110 ? GM400 typical physical properties note: the following tech nical information and data should be considered representative or typical only and should not be used for specification purposes. 3m? gripping material gm110 GM400 property typical value typical value product type plain back 5 mil acrylic pressure sensitive adhesive weight - oz/yd 2 (g/m 2 ) without liner with liner 10.7 (360) ? 12.9 (440) 15.8 (535) thickness - mils (mm) without liner with liner 33 (0.8) ? 33 (0.8) 37 (0.9) color black or off-white black carrier type nylon knit polyester mesh coefficient of friction: 1 3m microtribometer method 2 dry- kinetic coefficient of friction wet - kinetic coefficient of friction 2.7 2.3 3.0 3.0 abrasion resistance: astm d3389 (h18, 500 g) wear through ? revolutions weight loss rate 3 ? mg/revolution > 6000 0.05 > 6000 0.05 puncture resistance: modified astm d4833 - lb (n) 13.5 (60) 7.6 (34) colorfastness to uv: (aatcc grayscale) astm g-155 method 1, 1000 hours 4 (black) ? tensile strength: md* astm d5035 - lb/in (n/cm) cd* 82 (140) 22 (38) 19 (33 18 (32) force required to stretch 20%: cd* 5 cycle avg. @ 12"/min - lb/in (n/cm) 3.8 (6.7) 100% recovery ? ? tear resistance: md* astm d5734 - lb (n) cd* 1.7 (8) ? 3.3 (15) 4.4 (20) stiffness: md* astm d5732 - lb.ft. (n.m) cd* 32 (44) ? 109 (119) 140 (153) optimum usable temperature range - f (c)** -40 to 160 (-40 to 71) -40 to 160 (-40 to 71) 1 3m? gripping material gm110 vs. GM400. 2 contact area: 0.44 in 2 (2.8 cm 2 ), contact pressure: 3 lb/in 2 (21 kpa) 3 weight loss rate at 4000 revolutions. *md: machine direction, cd: cross direction. **dependent upon process conditions and application. - 2 -
3m ? gripping material gm110 ? GM400 care and maintenance instructions 3m? gripping material gm110 important: test each application according to appropriate care instructions required for the finished product. actual life of the applied 3m gripping material depends on cleaning method and wear conditions. the following care label recommendations are made based on testing to 10 home wash and 3 dry-clean cycles. wash: machine wash hot, 60c (140f) 3m? gripping material GM400 3m? gripping material GM400 can be rinsed off in cold water or wiped with a damp rag and can be air dried. surface contamination ? lint or other debris ? can be easily removed with a scotch ? lint roller and scotch ? lint sheets, or other lint removing mechanisms. wash: not machine washable 60c bleach: do not bleach dry: tumble dry, low heat iron: do not iron dry-clean: dry-clean normal cycle p bleach: do not bleach dry: do not tumble dry dry: line or drip dry , iron: do not iron surface contamination ? lint or other debris ? can be easily removed with a scotch ? lint roller and scotch ? lint sheets, or other lint removing mechanisms. dry-clean: do not dry-clean - 3 -
3m ? gripping material gm110 ? GM400 product availability 3m? gripping material gm110 and GM400 are available in the following widths and roll lengths on 3 inch cores: 3m? gripping material gm110 GM400 roll width: 10.25 inches (26 cm) 1 inch (2.5 cm) 10.25 inches (26 cm) roll length: variable 72 yds (65.8 m) technical information the technical information, recommendations and other statements contained in this document are based upon tests or experience that 3m believes are reli able, but the accuracy or completeness of such information is not guaranteed. product use many factors beyond 3m?s control and uniquely within user?s knowledge and control can affect the use and performance of a 3m product in a particular applicati on. given the variety of factors that can affect the use and performance of a 3m product, user is so lely responsible for evaluating the 3m product and determining whether it is fit for a particular pur pose and suitable for user?s method of application. warranty, limited remedy, and disclaimer unless an additional warranty is s pecifically stated on the applicab le 3m product packaging or product literature, 3m warrants that each 3m product meets the applicable 3m product specification at the time 3m ships the product. 3m makes no other warranties or conditions, express or implied, including, but not limited to, any implied warranty or condition of merchantability or fitness for a parti cular purpose or any implied warranty or condition arising out of a course of dealing, custom or usage of trade. if the 3m product does not conform to this warranty, then the sole and exclusive remedy is, at 3m?s option, replacement of the 3m product or refund of the purchase price. limitation of liability except where prohibited by law, 3m will not be liabl e for any loss or damage arising from the 3m product, whether direct, indirect, special, incidental or co nsequential, regardless of the legal theory asserted, including warranty, contract, negligence or strict liability. iso 9001: 2000 this industrial adhesives and tapes division product was manufactured under a 3m quality system registered to iso 9001: 2000 st andards. industrial adhesives and tapes division 3m center, building 225-3s-06 st. paul, mn 55144-1000 800-362-3550 ? 877-369-2923 (fax) www.3m.com/industrial recycled paper 40% pre-consumer 10% post-consumer - 4 - 3m is a trademark of 3m company. scotch is a registered trademark of 3m company. printed in u.s.a. ?3m 2009 70-0709-4055-9 (10/09)


▲Up To Search▲   

 
Price & Availability of GM400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X