Part Number Hot Search : 
FR802G FR802G 00221 DD60KB FSU10A30 SK35G AWM6430 CY7C2
Product Description
Full Text Search
 

To Download FSS145 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FSS145 no. a0341-1/4 features ? load switching applications. ? low on-resistance. ? 4v drive. specifications absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit drain-to-source voltage v dss --45 v gate-to-source voltage v gss 20 v drain current (dc) i d -- 8 a drain current (pw 10s) i d duty cycle 1% --8.5 a drain current (pw 10 m s) i dp duty cycle 1% --32 a allowable power dissipation p d mounted on a ceramic board (1200mm 2 5 0.8mm), pw 10s 2.9 w channel temperature tch 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25 c ratings parameter symbol conditions min typ max unit drain-to-source breakdown voltage v (br)dss i d =--1ma, v gs =0v --45 v zero-gate voltage drain current i dss v ds =--45v, v gs =0v --1 m a gate-to-source leakage current i gss v gs = 16v, v ds =0v 10 m a cutoff voltage v gs (off) v ds =--10v, i d =--1ma --1.2 --2.6 v forward transfer admittance ? yfs ? v ds =--10v, i d =--8a 10 17 s static drain-to-source on-state resistance r ds (on)1 i d =--8a, v gs =--10v 18 24 m w r ds (on)2 i d =--4a, v gs =--4v 28 40 m w input capacitance ciss v ds =--20v, f=1mhz 3490 pf output capacitance coss v ds =--20v, f=1mhz 370 pf reverse transfer capacitance crss v ds =--20v, f=1mhz 290 pf turn-on delay time t d (on) see specified test circuit. 35 ns rise time t r see specified test circuit. 65 ns turn-off delay time t d (off) see specified test circuit. 270 ns fall time t f see specified test circuit. 125 ns marking : s145 continued on next page. ordering number : ena0341 80906 / 22006pa ms im tb-00002039 FSS145 p-channel silicon mosfet general-purpose switching device applications sanyo semiconductors data sheet any and all sanyo semiconductor products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo semiconductor representative nearest you before usingany sanyo semiconductor products described or contained herein in such applications. sanyo semiconductor assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor products described or contained herein. tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan
FSS145 no. a0341-2/4 continued from preceding page. ratings parameter symbol conditions min typ max unit total gate charge qg v ds =--24v, v gs =--10v, i d =--8a 63 nc gate-to-source charge qgs v ds =--24v, v gs =--10v, i d =--8a 9 nc gate-to-drain miller charge qgd v ds =--24v, v gs =--10v, i d =--8a 12 nc diode forward voltage v sd i s =--8a, v gs =0v --0.81 --1.5 v package dimensions switching time test circuit unit : mm 7005-002 pw=10 m s d.c. 1% p. g 50 w g s d i d = --8a r l =3 w v dd = --24v v out FSS145 v in 0v --10v v in 14 5 8 5.0 4.4 6.0 0.3 1.5 1.8 max 0.1 0.595 1.27 0.2 0.43 1 : source 2 : source 3 : source 4 : gate 5 : drain 6 : drain 7 : drain 8 : drain sanyo : sop8 i d -- v ds i d -- v gs r ds (on) -- v gs r ds (on) -- ta drain-to-source voltage, v ds -- v drain current, i d -- a gate-to-source voltage, v gs -- v drain current, i d -- a static drain-to-source on-state resistance, r ds (on) -- m w static drain-to-source on-state resistance, r ds (on) -- m w ambient temperature, ta -- c gate-to-source voltage, v gs -- v it10745 it10746 0 0 -- 3 -- 4 -- 5 -- 8 -- 6 -- 7 -- 2 -- 1 --1.0 --0.2 --0.4 --0.6 --0.8 --10.0v -- 6.0v --8.0v 0 0 -- 6 -- 8 --10 --12 -- 4 -- 2 --3.6 --0.8 --1.2 --0.4 --1.6 --2.0 --2.4 --2.8 --3.2 --3.0v --3.3v --2.8v v gs = --2.5v --25 c 25 c ta=75 c v ds = --10v --4.0 v -- 5.0v it10747 it10748 -- 1 0 --10 -- 9 -- 2 -- 3 -- 4 -- 5 -- 6 -- 7 --60 --40 --20 0 20 40 60 80 100 120 140 160 -- 8 80 70 40 20 60 50 30 10 0 50 20 60 40 30 10 i d = -- 4 a, v gs = --4.0 v ta=25 c i d = -- 4a -- 8a i d = -- 8 a, v gs = --10.0 v
FSS145 no. a0341-3/4 0 100 1000 7 5 7 3 2 10000 7 5 3 2 --45 --40 --5 --20 --15 --25 --10 --30 --35 it10752 it10751 it10750 --0.2 --0.4 --0.6 --0.8 --1.0 --1.2 --0.001 --0.01 --10 --1.0 7 5 3 2 --0.1 7 5 3 2 7 5 3 2 7 5 3 2 3 2 it10749 25 c --25 c f=1mhz ciss coss crss tc=75 c --0.001 --0.01 23 57 23 57 23 57 23 23 57 --0.1 --10 --1.0 1.0 2 3 5 7 2 3 5 7 10 2 3 5 2 3 5 7 0.01 0.1 v ds = -- 10v 25 c tc= --25 c 75 c v gs =0v 100 10 3 2 5 7 3 2 5 7 --0.1 23 57 23 23 57 --1.0 --10 v dd = -- 24v v gs = -- 10v t d (off) t f t d (on) --10 2 3 5 7 2 3 5 7 2 3 5 7 --100 2 3 5 7 --1.0 --0.01 --0.1 2 23 5 5 7 23 57 23 57 --0.01 --0.1 --1.0 --10 7 --100 3 it10754 it10753 0 0 -- 1 -- 2 -- 3 -- 4 -- 5 -- 6 -- 7 -- 8 70 60 30 50 40 20 --10 -- 9 10 v ds = --24v i d = --8a 10 m s operation in this area is limited by r ds (on). 1ms 10ms 10s 100ms i d = --8a i dp = --32a dc operation t r 0 it10755 0 0 20 40 0.5 60 1.5 1.0 2.0 80 100 120 2.5 2.9 3.0 3.5 140 160 ciss, coss, crss -- v ds sw time -- i d i s -- v sd ? y fs ? -- i d v gs -- qg p d -- ta total gate charge, qg -- nc gate-to-source voltage, v gs -- v drain-to-source voltage, v ds -- v drain current, i d -- a ambient temperature, ta -- c allowable power dissipation, p d -- w ta=25 c single pulse mounted on a ceramic board (1200mm 2 5 0.8mm) mounted on a ceramic board (1200mm 2 5 0.8mm), pw 10s drain current, i d -- a forward transfer admittance, ? y fs ? -- s diode forward voltage, v sd -- v source current, i s -- a drain current, i d -- a switching time, sw time -- ns drain-to-source voltage, v ds -- v ciss, coss, crss -- pf a s o
FSS145 no. a0341-4/4 ps note on usage : since the FSS145 is a mosfet product, please avoid using this device in the vicinity of highly charged objects. specifications of any and all sanyo semiconductor products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo semiconductor co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor products (including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo semiconductor co., ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. sanyo semiconductor believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of february, 2006. specifications and information herein are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of FSS145

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X