Part Number Hot Search : 
GXB5210 1N1188E3 100C0 70475 1N3091R SP35001 5S22NBT 043045
Product Description
Full Text Search
 

To Download CPC190810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds-cpc1908 - r07 www.clare.com 1 e 3 rohs 2002/95/ec characteristics features ? 8.5a rms load current with 5c/w heat sink ? low 0.3 on-resistance ? 60v p blocking voltage ? 2500v rms input/output isolation ? low thermal resistance (0.35 c/w) ? electrically non-conductive thermal pad for heat sink applications ? low drive power requirements ? arc-free with no snubbing circuits ? no emi/rfi generation ? machine insertable, wave solderable applications ? industrial controls / motor control ? robotics ? medical equipment?patient/equipment isolation ? instrumentation ? multiplexers ? data acquisition ? electronic switching ? i/o subsystems ? meters (watt-hour, water, gas) ? transportation equipment ? aerospace/defense approvals ? ul 508 certified component: file e69938 pin configuration description clare and ixys have combined to bring optomos ? technology, reliability and com pact size to a new family of high-power solid state relays. as part of this family, the cpc1908 single-pole normally open (1-form-a) solid state power relay is rated for up to 8.5a rms continuous load current with a 5c/w heat sink. the cpc1908 employs optically coupled mosfet technology to provide 2500v rms of input to output isolation. the output, constructed with efficient mosfet switches and photovoltaic die, uses clare?s patented optomos architecture while the input, a highly efficient gaalas in frared led, provides the optically coupled control. the combination of low on-resistance and high load current handling capability makes this relay suitable for a variety of high performance switching applications. the unique i4-pac package pioneered by ixys enables solid state relays to achieve the highest load current and power ratings. this package features a unique ixys process where the silicon chips are soft soldered onto the direct copper bond (dcb) substrate instead of the traditional copper leadframe. the dcb ceramic, the same substrate used in high power modules, not only provides 2500v rms isolation, but also very low thermal resistance (0.35 c/w). ordering information switching characteristics parameter rating units blocking voltage 60 v p load current, t a =25c: with 5c/w heat sink no heat sink 8.5 3.5 a rms on-resistance 0.3 r jc 0.35 c/w part description cpc1908j i4-pac package (25 per tube) form-a i f i load 10% 90% t on t off cpc1908 single-pole, normally open i4-pac? power relay
r07 www.clare.com 2 cpc1908 1 specifications 1.1 absolute maximum ratings @ 25c absolute maximum ratings are stress ratings. stresses in excess of these ratings can cause permanent damage to the device. functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied. 1.2 electrical characteristics @ 25c 1 higher load currents possible with proper heat sinking. 2 measurement taken within 1 second of on-time. 3 for applications requiring high temperature operation (t c > 60oc), a led drive current of 20ma is recommended. symbol ratings units blocking voltage 60 v p reverse input voltage 5 v input control current 100 ma peak (10ms) 1 a input power dissipation 150 mw isolation voltage, input to output 2500 v rms operational temperature -40 to +85 c storage temperature -40 to +125 c parameter conditions symbol minimum typical maximum units output characteristics load current 1 peak t 10ms -- 25 a p continuous no heat sink i l 3.5 a rms continuous t c =25c 15 continuous t c =99c i l(99) 3.9 on-resistance 2 i f =10ma, i l =1a r on -0.090.3 off-state leakage current v l =60v p i leak --1 a switching speeds tu r n - o n i f =20ma, v l =10v t on -1620 ms tu r n - o f f t off -0.175 output capacitance v l =25v, f=1mhz c out - 1100 - pf input characteristics input control current 3 i l =1a i f --10ma input dropout current - i f 0.6 - - ma input voltage drop i f =5ma v f 0.9 1.2 1.4 v reverse input current v r =5v i r --10 a input/output characteristics capacitance, input-to-output - c i/o -1-pf
preliminary 3 www.clare.com r07 cpc1908 2 thermal characteristics 2.1 thermal management device high current characterization was performed using kunze heat sink ku 1-159, phase change thermal interface material ku-alc 5, and transistor clip ku 4-499/1. this combination provided an approximate junction-to-ambient thermal resistance of 12.5c/w. 2.2 heat sink calculation higher load currents are possible by using lower thermal re sistance heat sink combinations. parameter conditions symbol minimum typical maximum units thermal resistance (junction to case) - r jc - - 0.35 c/w thermal resistance (junction to ambient) free air r ja -33-c/w junction temperature (operating) - t j -40 - 100 c r ca = - r jc (t j - t a ) i l(99) 2 i l 2 ? p d(99) t j = j u nction temperat u re (c), t j 100c * t a = am b ient temperat u re (c) i l(99) = load c u rrent w ith case temperat u re @ 99c (a dc ) i l = desired operating load c u rrent (a dc ), i l i l(max) r jc = thermal resistance, j u nction to case (c/ w ) = 0.35c/ w r ca = thermal resistance of heat sink & thermal interface material , case to am b ient (c/ w ) p d(99) = maxim u m po w er dissipation w ith case temperat u re held at 99oc = 2. 8 6 w * ele v ated j u nction temperat u re red u ces semicond u ctor lifetime. heat sink ratin g
r07 www.clare.com 4 cpc1908 3 performance data unless otherwise specified, all performance dat a was acquired without the use of a heat sink. the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in the written specifications, please contact our application department. 35 30 25 20 15 10 5 0 1.30 1.31 1.32 1.33 1.34 typical led forward volta g e drop (n=50, i f =10ma, i l =1a dc , t a =25oc) led forward volta g e (v) device count (n) 13 17 21 11 15 19 device count (n) 25 20 15 10 5 0 turn-on (ms) typical turn-on time (n=50, i f =10ma, i l =1a dc , t a =25oc) 0.13 0.17 0.21 0.11 0.15 0.19 device count (n) 25 20 15 10 5 0 turn-off (ms) typical turn-off time (n=50, i f =10ma, i l =1a dc , t a =25oc) 35 30 25 20 15 10 5 0 0.07 8 0.0 8 2 0.0 8 6 0.094 0.090 0.09 8 device count (n) on-resistance ( ) typical on-resistance distribution (n=50, i f =10ma, i l =1a dc , t a =25oc) typical led forward volta g e drop vs. temperature i f =50ma i f =20ma i f =10ma 1. 8 1.6 1.4 1.2 1.0 0. 8 -40 -20 0 20 40 60 8 0 120 100 temperature (oc) led forward volta g e drop (v) led forward current (ma) 0 5 1015202530354045 50 40 36 32 2 8 24 20 16 12 4 0 typical turn-on vs. led forward current (i l =1a dc , t a =25oc ) turn-on (ms) led forward current (ma) 0 5 1015202530354045 50 typical turn-off vs. led forward current (i l =1a dc , t a =25oc ) turn-off (ms) 0.36 0.32 0.2 8 0.24 0.20 0.16 0.12 0.0 8 0.04 0 led current (ma) -40 10.0 9.0 8 .0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 -20 0 20 40 60 8 0 100 typical i f for switch operation vs. temperature (i l =1a dc ) temperature (oc) -40 -20 0 20 40 60 8 0 100 21 1 8 15 12 9 6 3 0 typical turn-on vs. temperature (i f =10ma, i l =1a dc ) temperature (oc) turn-on (ms) -40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 -20 0 20 40 60 8 0 100 temperature (oc) turn-off (ms) typical turn-off vs. temperature (i f =10ma, i l =1a dc )
preliminary 5 www.clare.com r07 cpc1908 unless otherwise specified, all performance dat a was acquired without the use of a heat sink. the performance data shown in the graphs above is typical of device performance. for guaranteed parameters not indicated in the written specifications, please contact our application department. -40 -20 0.14 0.12 0.10 0.0 8 0.06 0.04 0.02 0 0204060 8 0 100 typical on-resistance vs. temperature (i f =10ma, i l =1a dc ) on-resistance ( ) temperature (oc) load current (a) -0.33 -0.22 -0.11 0.11 0.22 0 0.33 5 4 3 2 1 0 -1 -2 -3 -4 -5 load volta g e (v) typical load current vs. load volta g e (i f =10ma, t a =25oc) 0204060 8 0 100 0 2 4 6 8 10 12 14 16 n o heat sink 1oc/ w 5oc/ w 10oc/ w load current (a rms ) maximum load current vs. temperature with heat sink (i f =20ma) temperature (oc) -40 -20 0 20 40 60 8 0 100 normalized blockin g volta g e vs. temperature blockin g volta g e (v) 1.0 8 1.06 1.04 1.02 1.00 0.9 8 0.96 0.94 0.92 temperature (oc) -40 0.014 0.012 0.010 0.00 8 0.006 0.004 0.002 0 -20 0 20 40 60 8 0 100 typical leaka g e vs. temperature at maximum rated volta g e measured across pins 1&2 temperature (oc) leaka g e ( a) 25 20 15 10 5 0 1ms 100s 10s 100ms 10s 10ms 1s 100s 30 ener g y ratin g curve free air, no heat sink time load current (a p )
r07 www.clare.com 6 cpc1908 4 manufacturing information 4.1 moisture sensitivity all plastic encapsulated se miconductor packages are susceptible to moisture ingression. clare classified all of its plastic encapsulated device s for moisture sensitivity according to the latest version of the joint industry standard, ipc/jedec j-std-020 , in force at the time of product evaluation. we test all of our products to the maximum conditions set forth in the standard, and guarantee proper operation of our devices when handled according to the limitations and informat ion in that standard as well as to any limitations set forth in the information or standards referenced below. failure to adhere to the warnings or limitations as establ ished by the listed specificati ons could result in reduced product performance, reduction of operable life, and/or reduction of overall reliability. this product carries a moisture sensitivity level (msl) rating as shown below, and should be handled according to the requirements of the latest version of the joint industry standard ipc/jedec j-std-033 . 4.2 esd sensitivity this product is esd sensitive , and should be handled according to the industry standard jesd-625 . 4.3 reflow profile this product has a maximum body temperature and time rating as shown below. all other guidelines of j-std-020 must be observed. 4.4 board wash clare recommends the use of no-clean flux formulations. however, board washing to remove flux residue is acceptable. since clare employs the use of silicone coating as an optical wavegui de in many of its optically isolated products, the use of a short drying bake could be necessary if a wash is used after solder reflow processes. chlorine-based or fluorine-based solvents or fluxes shoul d not be used. cleaning methods that employ ultrasonic energy should not be used. device moisture sensitivity level (msl) rating cpc1908j msl 1 device maximum temperature x time cpc1908j 245c for 30 seconds e 3 rohs 2002/95/ec
preliminary 7 www.clare.com r07 cpc1908 4.5 mechanical dimensions isolated heat sink 1.270 typ (0.050 typ) n ote: back-side heat sink meets 2500 v rms isolation to the pins. 20. 8 79 0.254 (0. 8 22 0.010) 20.396 0.50 8 (0. 8 03 0.020) 15.240 0.50 8 (0.600 0.020) 3. 8 10 0.254 (0.150 0.010) 2.362 0.3 8 1 (0.093 0.015) 19.914 0.254 (0.7 8 4 0.010) 5.029 0.127 (0.19 8 0.005) 1.1 8 1 0.076 (0.047 0.003) 15.317 0.254 (0.603 0.010) 1.930 0.3 8 1 (0.076 0.015) 17.221 0.254 (0.67 8 0.010) dime n sio n s mm (inches) 0.635 0.076 (0.025 0.003) 2.794 0.127 (0.110 0.005) for additional information please vi sit our website at: www.clare.com clare, inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publica tion and reserves the right to make changes to specifications and product descriptions at any time without notice. neither circuit patent licenses nor indemnity are expressed or implied. except as set forth in clare?s standard terms and conditions of sale, clare, inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. the products described in this document are not designed, intended, authorized or warranted for use as components in systems in tended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of clare?s product may result in direct physical harm, i njury, or death to a person or severe property or environmental damage. clare, inc. reserves the right to discontinue or ma ke changes to its products at any time without notice. specification: ds-cpc1908-r07 ?copyright 2010, clare, inc. all rights reserved. printed in usa. 11/17/2010


▲Up To Search▲   

 
Price & Availability of CPC190810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X