Part Number Hot Search : 
MC10EL MP38894 905CD2TG 105M5 MC1461 MMBZ5 MMBZ5 T1608
Product Description
Full Text Search
 

To Download C1210X473KCRACTU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 1 one world one brand one strategy one focus one team one kemet benefts ? - 55c to +125c operating temperature range ? su perior fex performance (up to 5mm) ? p b-free and rohs compliant ? e ia 0805, 1206, 1210, 1808, 1812, 1825, 2220 and 2225 case sizes ? d c voltage ratings of 500v, 630v, 1kv, 1.5kv, 2kv, 2.5kv and 3kv ? ca pacitance offerings ranging from 62pf to 0.27f ? a vailable capacitance tolerances of 5%, 10% or 20%. ? l ow esr and esl ? n on-polar device, minimizing installation concerns ? 1 00% pure matte tin-plated end metallization allowing for excellent solderability ? s npb plated end metallization option available upon request (5% min) applications typical applications include switch mode power supplies (input flters, resonators, tank circuits, snubber circuits, output flters), high voltage coupling and dc blocking, lighting ballasts, voltage multiplier circuits, dc/dc converters and coupling capacitors in ?uk converters. markets include power supply, lcd fuorescent backlight ballasts, hid lighting, telecom equipment, industrial and medical equipment/control, lan/wan interface, analog and digital modems, and automotive. x7r dielectrics are not designed for ac line fltering or pulse applications. overview kemets high voltage with flexible termination (hv ft-cap) surface mount mlccs in x7r dielectric combine high voltage and fexible termination technologies. featuring a 125c maximum operating temperature and considered temperature stable, these devices address the primary failure mode of mlccsfex cracks, which are typically the result of excessive shear stresses produced during board fexure or thermal cycling. utilizing a conductive silver epoxy between the base metal and nickel barrier layers of kemets standard termination system, fexible termination technology directs board fex stress away from the ceramic body and into the termination area, therefore mitigating fex cracks which can result in low ir or short circuit failures. although fexible termination technology does not eliminate the potential for mechanical damage that may propagate during extreme environmental and handling conditions, it does provide superior fex performance over standard termination systems. the hv ft-cap offers low leakage current, exhibits low esr at high frequencies and fnds conventional use as snubbers or flters in applications such as switching power supplies and lighting ballasts. their exceptional performance at high frequencies has made them a preferred choice of design engineers worldwide. in addition to their use in power supplies, these capacitors are widely used in industries related to telecommunications, medical, military, aerospace, semiconductors and test/diagnostic equipment. combined with the stability of an x7r dielectric and designed to accommodate all capacitance requirements, these fex-robust devices are rohs-compliant, offer up to 5mm of fex-bend capability and exhibit a predictable change in capacitance with respect to time and voltage. capacitance change with reference to ambient temperature is limited to 15% from -55c to +125c. surface mount multilayer ceramic chip capacitors (smd mlccs) high voltage with flexible termination system (hv ft-cap) x7r dielectric, 500vdc-3000vdc (commercial grade) 1 additional termination options may be available. contact kemet for details. 2 additional reeling or packaging options may be available. contact kemet for details. ordering information c 1210 x 473 k c r a c tu ceramic case size (l" x w") specifcation/ series capacitance code (pf) capacitance tolerance voltage dielectric failure rate/ design end metallization 1 packaging/grade (c-spec) 2 0805 1206 1210 1808 1812 1825 2220 2225 x = flexible termination 2 sig. digits + number of zeros j = 5% k = 10% m = 20% c = 500v b = 630v d = 1000v f = 1500v g = 2000v z = 2500v h = 3000v r = x7r a = n/a c = 100% matte sn l = snpb (5% min) blank = bulk tu = 7" reel unmarked tm = 7" reel marked
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 2 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) dimensions C millimeters (inches) qualifcation/certifcation commercial grade products are subject to internal qualifcation. details regarding test methods and conditions are referenced in table 4, performance and reliability. environmental compliance rohs prc ( peoples republic of china) compliant electrical parameters/characteristics item parameters/characteristics operating temperature range: -55c to +125c capacitance change with reference to +25c and 0 vdc applied (tcc): 15% aging rate (max % cap loss/decade hour): 3.5 % dielectric withstanding voltage: 150% of rated voltage for voltage rating of < 1000v 1 20% of rated voltage for voltage rating of 1000v dissipation factor (df) maximum limit @ 25oc: 2 .5% insulation resistance (ir) limit @ 25c: 1000 megohm microfarads or 100g insulation resistance (ir) limit @ 125c: 100 megohm microfarads or 10g to obtain ir limit, divide m-f value by the capacitance and compare to g limit. select the lower of the two limits. capacitance and dissipation factor (df) measured under the following conditions: 1 khz and 1 vrms if capacitance >1000pf eia size code metric size code l length w width b bandwidth t thickness mounting technique 0805 2012 2.1 (.083) 0.30 (.012) 1.25 (.049) 0.20 (.008) 0.50 (0.02) 0.25 (.010) see table 2 for thickness solder wave or solder refow 1206 3216 3.3 (.130) 0.40 (.016) 1.60 (.063) 0.20 (.008) 0.60 (.024) 0.25 (.010) 1210 3225 3.3 (.130) 0.40 (.016) 2.50 (.098) 0.20 (.008) 0.60 (.024) 0.25 (.010) solder refow only 1808 4520 4.7 (.185) 0.50 (.020) 2.00 (.079) 0.20 (.008) 0.70 (.028) 0.35 (.014) 1812 4532 4.5 (.178) 0.40 (.016) 3.20 (.126) 0.30 (.012) 0.70 (.028) 0.35 (.014) 1825 4564 4.6 (.181) 0.40 (.016) 6.40 (.252) 0.40 (.016) 0.70 (.028) 0.35 (.014) 2220 5650 5.9 (.232) 0.75 (.030) 5.00 (.197) 0.40 (.016) 0.70 (.028) 0.35 (.014) 2225 5664 5.9 (.232) 0.75 (.030) 6.40 (.248) 0.40 (.016) 0.70 (.028) 0.35 (.014) ceramic surface mount w l t b s
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 3 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) table 1a C (0805 - 1812 case sizes) ud = under developement cap cap code series c0805 c1206 c1210 c1808 c1812 voltage code c b d c b d f g c b d f g c b d f g z h c b d f g z h voltage vdc 500 630 1000 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 2500 3000 500 630 1000 1500 2000 2500 3000 cap tolerance product availability and chip thickness codes - see table 2 for chip thickness dimensions 10 pf 100 j k m 11 pf 110 j k m 12 pf 120 j k m 13 pf 130 j k m 15 pf 150 j k m 16 pf 160 j k m 18 pf 180 j k m 20 pf 200 j k m 22 pf 220 j k m 24 pf 240 j k m 27 pf 270 j k m 30 pf 300 j k m 33 pf 330 j k m 36 pf 360 j k m 39 pf 390 j k m 43 pf 430 j k m 47 pf 470 j k m 51 pf 510 j k m 56 pf 560 j k m 62 pf 620 j k m dg dg dg 68 pf 680 j k m dg dg dg 75 pf 750 j k m dg dg dg eg eg eg eg eg lb lb lb lb lb lb lb 82 pf 820 j k m dg dg dg eg eg eg eg eg lb lb lb lb lb lb lb 91 pf 910 j k m dg dg dg eg eg eg eg eg lb lb lb lb lb lb lb 100 pf 101 j k m dg dg dg eg eg eg eg eg lb lb lb lb lb lb lb 110 pf 111 j k m dg dg dg ef ef ef ef eg lb lb lb lb lb lb lb 120 pf 121 j k m dg dg dg ef ef ef ef eg la la la la lb lb lb 130 pf 131 j k m dg dg dg ef ef ef ef eg fl fl fl fl fl la la la la lb lb lb 150 pf 151 j k m dg dg dg ef ef ef ef eg fl fl fl fl fl la la la la lb lb lb gk gk gk gk gk gk gk 180 pf 181 j k m dg dg dg ef ef ef ef eg fl fl fl fl fl la la la la lb lb lb gk gk gk gk gk gk gk 220 pf 221 j k m dg dg dg ef ef ef ef eg fl fl fl fl fl la la la la lb lb lb gk gk gk gk gk gk gk 270 pf 271 j k m dg dg dg ef ef ef ef fl fl fl fl fl la la la la lb lb lc gk gk gk gk gk gk gk 330 pf 331 j k m dg dg dg ef ef ef ef fl fl fl fl fl la la la la lb lb lc gk gk gk gk gk gk gk 390 pf 391 j k m dg dg dg ef ef ef ef fl fl fl fl fl la la la la lb lb lc gk gk gk gk gk gk gk 470 pf 471 j k m dg dg dg ef ef ef ef fl fl fl fl fl la la la la lb lb lc gh gh gh gh gh gk gk 560 pf 561 j k m dg dg dg ef ef ef ef fl fl fl fl fl la la la la lb lb lc gh gh gh gh gh gk gk 680 pf 681 j k m dg dg dg ef ef ef ef eg fl fl fl fl fl la la la la lb lc lc gh gh gh gh gh gk gk 820 pf 821 j k m dg dg dg ef ef ef ef eg fl fl fl fl fl la la la la lb lc lc gh gh gh gh gh gk gk 1,000 pf 102 j k m dg dg dg ef ef ef ef eg fl fl fl fl fl la la la la lb lc lc gh gh gh gh gh gk gk 1,200 pf 122 j k m dg dg dg ef ef ef eg eg fl fl fl fl fm lb lb lb lb lc gh gh gh gh gh gk gk 1,500 pf 152 j k m dg dg dg ef ef ef eg eg fl fl fl fl fm la la la lb lc gh gh gh gh gh 1,800 pf 182 j k m dg dg dg ef ef ef eg eg fl fl fl fl fm la la la lb lc gh gh gh gh gh 2,000 pf 202 j k m dg dg dg ef ef ef eg eg fl fl fl fl fm la la la lb lc gh gh gh gh gh 2,200 pf 222 j k m dg dg dg ef ef ef eg eg fl fl fl fl fm la la la lb lc gh gh gh gh gh 2,700 pf 272 j k m dg dg dg ef ef ef eg fl fl fl fl fm la la la lb lc gh gh gh gh gk 3,300 pf 332 j k m dg dg dg ef ef ef eg fl fl fl fl fm la la la lb gh gh gh gh gk 3,900 pf 392 j k m dg ud ud ef ef ef eg fl fl fl fl fk la la la lb gh gh gh gh gk 4,700 pf 472 j k m dg ud ud ef ef ef eg fl fl fl fl fk la la la lb gh gh gh gh 5,600 pf 562 j k m dg ud ud ef ef ef fl fl fl fm la lb lb lc gh gh gh gk 6,800 pf 682 j k m dg ud ud eg eg eg fl fl fl fm la lb lb lc gh gh gh gk 8,200 pf 822 j k m dg ud ud eg eg eg fl fl fl fk la lb lb lc gh gh gh gk 10,000 pf 103 j k m ud ud ud eg eg eg fl fl fl fk la lb lb lc gh gh gh gk 12,000 pf 123 j k m ud ud ud eg ud ud fl fl fl fk la lc lc gh gk gk gk 15,000 pf 153 j k m ud ud ud eg ud ud fl fl fl la lc lc gh gk gk 18,000 pf 183 j k m ud ud ud ud ud ud fl fl fl la ud ud gh gk gk 22,000 pf 223 j k m ud ud ud ud fl fm fm la ud ud gh gk gk 27,000 pf 273 j k m ud ud ud ud fm fk fk la ud ud gh cap cap code voltage vdc 500 630 1000 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 2500 3000 500 630 1000 1500 2000 2500 3000 voltage code c b d c b d f g c b d f g c b d f g z h c b d f g z h series c0805 c1206 c1210 c1808 c1812
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 4 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) table 1a con't C (0805 - 1812 case sizes) ud = under developement . cap cap code series c0805 c1206 c1210 c1808 c1812 voltage code c b d c b d f g c b d f g c b d f g z h c b d f g z h voltage vdc 500 630 1000 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 2500 3000 500 630 1000 1500 2000 2500 3000 cap tolerance product availability and chip thickness codes - see table 2 for chip thickness dimensions 33,000 pf 333 j k m ud ud ud ud fm ud ud lc ud ud gh 39,000 pf 393 j k m ud ud ud fk ud ud lc ud ud gh 47,000 pf 473 j k m ud ud ud fk ud ud lc ud ud gh 56,000 pf 563 j k m ud ud ud ud lc ud ud gh 68,000 pf 683 j k m ud ud ud ud ud ud ud gk 82,000 pf 823 j k m ud ud ud ud ud ud ud gk 0.10 uf 104 j k m ud ud ud ud ud ud ud gk 0.12 uf 124 j k m ud ud 0.15 uf 154 j k m ud ud 0.18 uf 184 j k m ud ud 0.22 uf 224 j k m ud ud 0.27 uf 274 0.33 uf 334 cap cap code voltage vdc 500 630 1000 500 630 1000 1500 2000 500 630 1000 1500 2000 500 630 1000 1500 2000 2500 3000 500 630 1000 1500 2000 2500 3000 voltage code c b d c b d f g c b d f g c b d f g z h c b d f g z h series c0805 c1206 c1210 c1808 c1812 table 1b C (1825 - 2225 case sizes) cap cap code series c1825 c2220 c2225 voltage code c b d f g z h c b d f g z h c b d f g z h voltage vdc 500 630 1000 1500 2000 2500 3000 500 630 1000 1500 2000 2500 3000 500 630 1000 1500 2000 2500 3000 cap tolerance product availability and chip thickness codes - see table 2 for chip thickness dimensions 100 pf 101 j k m 110 pf 111 j k m 120 pf 121 j k m 130 pf 131 j k m 150 pf 151 j k m 180 pf 181 j k m 220 pf 221 j k m 270 pf 271 j k m 330 pf 331 j k m hg hg hg hg hg hg hg jp jp jp jp jp jp jp 390 pf 391 j k m hg hg hg hg hg hg hg jp jp jp jp jp jp jp 470 pf 471 j k m hg hg hg hg hg hg hg jp jp jp jp jp jp jp kf kf kf kf kf kf kf 560 pf 561 j k m hg hg hg hg hg hg hg jp jp jp jp jp jp jp kf kf kf kf kf kf kf 680 pf 681 j k m hg hg hg hg hg hg hg jp jp jp jp jp jp jp kf kf kf kf kf kf kf 820 pf 821 j k m hg hg hg hg hg hg hg jp jp jp jp jp jp jp kf kf kf kf kf kf kf 1,000 pf 102 j k m hg hg hg hg hg hg hg jp jp jp jp jp jp jp kf kf kf kf kf kf kf 1,200 pf 122 j k m hg hg hg hg hg hg hg jp jp jp jp jp jp jp kf kf kf kf kf kf kf 1,500 pf 152 j k m hg hg hg hg hg hg hg jp jp jp jp jp jp jp kf kf kf kf kf kf kf 1,800 pf 182 j k m he he he he he hg hg jp jp jp jp jp jp jp kf kf kf kf kf kf kf 2,000 pf 202 j k m he he he he he hg hg je je je je je jp jp kf kf kf kf kf kf kf 2,200 pf 222 j k m he he he he he hg hg je je je je je jp jp kf kf kf kf kf kf kf 2,700 pf 272 j k m he he he he he hg hg je je je je je jp jp ke ke ke ke ke kf kf 3,300 pf 332 j k m he he he he he hg hg je je je je je jp jp ke ke ke ke ke kf kf 3,900 pf 392 j k m he he he he he je je je je je jp jp ke ke ke ke ke kf kf 4,700 pf 472 j k m he he he he he je je je je jp ke ke ke ke ke kf kf 5,600 pf 562 j k m he he he he he je je je je jp ke ke ke ke ke kf kf 6,800 pf 682 j k m he he he he he je je je je jp ke ke ke ke kf cap cap code voltage vdc 500 630 1000 1500 2000 2500 3000 500 630 1000 1500 2000 2500 3000 500 630 1000 1500 2000 2500 3000 voltage code c b d f g z h c b d f g z h c b d f g z h series c1825 c2220 c2225
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 5 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) table 1b con't C (1825 - 2225 case sizes) cap cap code series c1825 c2220 c2225 voltage code c b d f g z h c b d f g z h c b d f g z h voltage vdc 500 630 1000 1500 2000 2500 3000 500 630 1000 1500 2000 2500 3000 500 630 1000 1500 2000 2500 3000 cap tolerance product availability and chip thickness codes - see table 2 for chip thickness dimensions 8,200 pf 822 j k m he he he he he je je je je jp ke ke ke ke kf 10,000 pf 103 j k m he he he he je je je je ke ke ke ke kf 12,000 pf 123 j k m he he he hg je jp jp jp ke ke ke ke kf 15,000 pf 153 j k m he he he hg je jp jp jp ke ke ke ke 18,000 pf 183 j k m he he he hg je jp jp jp ke ke ke ke 22,000 pf 223 j k m he hg hg hg je jp jp jp ke kf kf kf 27,000 pf 273 j k m he hg hg hg je jp jp jp ke kf kf kf 33,000 pf 333 j k m he hg hg je jp jp jp ke kf kf kf 39,000 pf 393 j k m he hg hg je jp jp ke kf kf kf 47,000 pf 473 j k m he hg hg je jp jp ke kf kf kf 56,000 pf 563 j k m he je ke kf kf 68,000 pf 683 j k m hg je ke kf kf 82,000 pf 823 j k m hg je ke kf kf 0.10 uf 104 j k m hg je ke 0.12 uf 124 j k m hg je ke 0.15 uf 154 j k m hg jp kf 0.18 uf 184 j k m hg jp kf 0.22 uf 224 j k m hg jp kf 0.27 uf 274 j k m kf 0.33 uf 334 j k m 0.39 uf 394 j k m 0.47 uf 474 j k m 0.56 uf 564 j k m 0.68 uf 684 j k m 0.82 uf 824 j k m 1.0 uf 105 j k m 1.2 uf 125 j k m 1.5 uf 155 j k m 1.8 uf 185 j k m 2.2 uf 225 j k m 2.7 uf 275 j k m 3.3 uf 335 j k m cap cap code voltage vdc 500 630 1000 1500 2000 2500 3000 500 630 1000 1500 2000 2500 3000 500 630 1000 1500 2000 2500 3000 voltage code c b d f g z h c b d f g z h c b d f g z h series c1825 c2220 c2225
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 6 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) table 2 C chip thickness / packaging quantities thickness code chip size thickness range (mm) qty per reel 7" plastic qty per reel 13" plastic qty per reel 7" paper qty per reel 13" paper qty per bulk cassette aa 01005 0.20 0.02 15000 ab 0201 0.30 0.03 15000 bb 0402 0.50 0.05 10000 50000 50000 cb 0603 0.80 0.07 4000 10000 15000 cc 0603 0.80 0.10 4000 10000 cd 0603 0.80 0.15 4000 10000 dc 0805 0.78 0.10 4000 10000 dd 0805 0.90 0.10 4000 10000 dl 0805 0.95 0.10 4000 10000 de 0805 1.00 0.10 2500 10000 df 0805 1.10 0.10 2500 10000 dg 0805 1.25 0.15 2500 10000 dh 0805 1.25 0.20 2500 10000 eb 1206 0.78 0.10 4000 10000 4000 10000 ek 1206 0.80 0.10 2000 8000 ec 1206 0.90 0.10 4000 10000 en 1206 0.95 0.10 4000 10000 ed 1206 1.00 0.10 2500 10000 ee 1206 1.10 0.10 2500 10000 ef 1206 1.20 0.15 2500 10000 em 1206 1.25 0.15 2500 10000 eg 1206 1.60 0.15 2000 8000 eh 1206 1.60 0.20 2000 8000 ej 1206 1.70 0.20 2000 8000 fb 1210 0.78 0.10 4000 10000 fc 1210 0.90 0.10 4000 10000 fd 1210 0.95 0.10 4000 10000 fe 1210 1.00 0.10 2500 10000 ff 1210 1.10 0.10 2500 10000 fg 1210 1.25 0.15 2500 10000 fl 1210 1.40 0.15 2000 8000 fo 1210 1.50 0.20 2000 8000 fh 1210 1.55 0.15 2000 8000 fp 1210 1.60 0.20 2000 8000 fm 1210 1.70 0.20 2000 8000 fj 1210 1.85 0.20 2000 8000 fn 1210 1.85 0.20 2000 8000 ft 1210 1.90 0.20 1500 4000 fk 1210 2.10 0.20 2000 8000 fr 1210 2.25 0.20 2000 8000 fs 1210 2.50 0.20 1000 4000 pa 1220 0.80 0.10 4000 10000 ma 1632 0.80 0.10 4000 10000 na 1706 0.90 0.10 4000 10000 na 1706 0.90 0.10 4000 10000 ld 1808 0.90 0.10 2500 10000 la 1808 1.40 0.15 1000 4000 lb 1808 1.60 0.15 1000 4000 lc 1808 2.00 0.15 1000 4000 gb 1812 1.00 0.10 1000 4000 gc 1812 1.10 0.10 1000 4000 gd 1812 1.25 0.15 1000 4000 ge 1812 1.30 0.10 1000 4000 gh 1812 1.40 0.15 1000 4000 gf 1812 1.50 0.10 1000 4000 gg 1812 1.55 0.10 1000 4000 gk 1812 1.60 0.20 1000 4000 gj 1812 1.70 0.15 1000 4000 gn 1812 1.70 0.20 1000 4000 gl 1812 1.90 0.20 1000 4000 gm 1812 2.00 0.20 1000 4000 go 1812 2.50 0.20 500 2000 hb 1825 1.10 0.15 1000 4000 hc 1825 1.15 0.15 1000 4000 hd 1825 1.30 0.15 1000 4000 he 1825 1.40 0.15 1000 4000 hf 1825 1.50 0.15 1000 4000 hg 1825 1.60 0.20 1000 4000 jb 2220 1.00 0.15 1000 4000 jc 2220 1.10 0.15 1000 4000 jd 2220 1.30 0.15 1000 4000 je 2220 1.40 0.15 1000 4000 jf 2220 1.50 0.15 1000 4000 jp 2220 1.60 0.20 1000 4000 jg 2220 1.70 0.15 1000 4000 jh 2220 1.80 0.15 1000 4000 jo 2220 2.40 0.15 500 2000 kb 2225 1.00 0.15 1000 4000 kc 2225 1.10 0.15 1000 4000 kd 2225 1.30 0.15 1000 4000 ke 2225 1.40 0.15 1000 4000 kf 2225 1.60 0.20 1000 4000 package quantity based on finished chip thickness specifcations
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 7 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) soldering process recommended soldering technique: ? solder wave or solder refow for case sizes 1206 and less ? case sizes 1210 and greater are limited to solder refow only recommended soldering profle ? kemet recommends following the guidelines outlined in ipc/jedec j-std-020d.1 table 3 C chip capacitor land pattern design recommendations per ipc-7351 (mm) eia size code metric size code density level a: maximum (most) land protrusion (mm) density level b: median (nominal) land protrusion (mm) density level c: minimum (least) land protrusion (mm) c y x v1 v2 c y x v1 v2 c y x v1 v2 0603 1608 0.85 1.25 1.10 4.00 2.10 0.75 1.05 1.00 3.10 1.50 0.65 0.85 0.90 2.40 1.20 0805 2012 1.05 1.45 1.55 4.60 2.60 0.95 1.25 1.45 3.70 2.00 0.85 1.05 1.35 3.00 1.70 1206 3216 1.60 1.65 1.90 5.90 2.90 1.50 1.45 1.80 5.00 2.30 1.40 1.25 1.70 4.30 2.00 1210 3225 1.60 1.65 2.80 5.90 3.80 1.50 1.45 2.70 5.00 3.20 1.40 1.25 2.60 4.30 2.90 1808 4520 2.25 1.85 2.30 7.40 3.30 2.15 1.65 2.20 6.50 2.70 2.05 1.45 2.10 5.80 2.40 1812 4532 2.10 1.80 3.60 7.00 4.60 2.00 1.60 3.50 6.10 4.00 1.90 1.40 3.40 5.40 3.70 1825 4564 2.15 1.80 6.90 7.10 7.90 2.05 1.60 6.80 6.20 7.30 1.95 1.40 6.70 5.50 7.00 2220 5650 2.85 2.10 5.50 8.80 6.50 2.75 1.90 5.40 7.90 5.90 2.65 1.70 5.30 7.20 5.60 2225 5664 2.85 2.10 6.90 8.80 7.90 2.75 1.90 6.80 7.90 7.30 2.65 1.70 6.70 7.20 7.00 density level a: for low-density product applications. recommended for wave solder applications and provides a wider process window for refow solder processes. kemet only recommends wave soldering of eia 0603, 0805 and 1206 case sizes. density level b: for products with a moderate level of component density. provides a robust solder attachment condition for refow solder processes. density level c: for high component density product applications. before adapting the minimum land pattern variations the user should perform qualifcation testing based on the conditions outlined in ipc standard 7351 (ipc-7351).
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 8 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) table 4 C performance & reliability: test methods and conditions stress reference test or inspection method ripple current "heat generation ?t : 20oc max." "refow solder the capacitor onto a pc board and apply voltage with 10khz~1mhz sine curve. (ripple voltage must be < rated voltage)" terminal strength jis-c-6429 appendix 1, note: force of 1.8kg for 60 seconds. board flex jis-c-6429 appendix 2, note: 2mm (min) for all except 3mm for c0g. solderability j-std-002 magnifcation 50x. conditions: a) method b, 4 hrs @ 155c, dry heat @ 235c b) method b @ 215c category 3 c) method d, category 3 @ 260c temperature cycling jesd22 method ja-104 1000 cycles (-55c to +125c), measurement at 24 hrs. +/- 2 hrs after test conclusion. biased humidity mil-std-202 method 103 load humidity: 1000 hours 85c/85%rh and 300vdc max. add 100k ohm resistor. measurement at 24 hrs. +/- 2 hrs after test conclusion. low volt humidity: 1000 hours 85c/85%rh and 1.5v. add 100k ohm resistor. measurement at 24 hrs. +/- 2 hrs after test conclusion. moisture resistance mil-std-202 method 106 t = 24 hours/cycle. steps 7a & 7b not required. unpowered. measurement at 24 hrs. +/- 2 hrs after test conclusion. thermal shock mil-std-202 method 107 -55c/+125c. note: number of cycles required-300, maximum transfer time-20 seconds, dwell time-15 minutes. air-air. high temperature life mil-std-202 method 108 1000 hours at 125c (85c for x5r, z5u and y5v) with rated voltage applied. storage life mil-std-202 method 108 150c, 0vdc, for 1000 hours. mechanical shock mil-std-202 method 213 figure 1 of method 213, condition f. resistance to solvents mil-std-202 method 215 add aqueous wash chemical - okem clean or equivalent.
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 9 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) tape & reel packaging information kemet offers multilayer ceramic chip capacitors packaged in 8mm, 12mm and 16mm tape on 7" and 13" reels in accordance with eia standard 481. this packaging system is compatible with all tape fed automatic pick and place systems. see table 2 for details on reeling quantities for commercial chips. table 5 C carrier tape confguration (mm) *refer to figure 1 for w and p 1 carrier tape reference locations. *refer to table 6 for tolerance specifcations. 8mm, 12mm or 16mm carrier tape 178mm (7.00") or 330mm (13.00") anti-static reel embossed plastic* or punched paper carrier. embossment or punched cavity anti-static cover tape (.10mm (.004") max thickness) chip and kps orientation in pocket (except 1825 commercial, and 1825 & 2225 military) *eia 01005, 0201, 0402 and 0603 case sizes available on punched paper carrier only. kemet ? bar code label sprocket holes eia case size tape size (w)* pitch (p 1 )* 01005 - 0402 8 2 0603 - 1210 8 4 1805 - 1808 12 4 1812 12 8 kps 1210 12 8 kps 1812 & 2220 16 12 array 0508 & 0612 8 4
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 10 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) figure 1 C embossed (plastic) carrier tape dimensions table 6 C embossed (plastic) carrier tape dimensions metric will govern 1. the embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location and hole location shall be applied independent of each other. 2. the tape with or without components shall pass around r without damage (see figure 5). 3. if s 1 <1.0 mm, there may not be enough area for cover tape to be properly applied (see eia document 481 paragraph 4.3 (b)). 4. b1 dimension is a reference dimension for tape feeder clearance only. 5. the cavity defned by a 0 , b 0 and k 0 shall surround the component with suffcient clearance that: ( a) the component does not protrude above the top surface of the carrier tape. ( b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. ( c) rotation of the component is limited to 20 maximum for 8 and 12mm tapes and 10 maximum for 16mm tapes (see figure 3). ( d) lateral movement of the component is restricted to 0.5 mm maximum for 8mm and 12mm wide tape and to 1.0mm maximum for 16mm tape (see figure 4). ( e) for kps series product a 0 and b 0 are measured on a plane 0.3mm above the bottom of the pocket. ( f) see addendum in eia document 481 for standards relating to more precise taping requirements. constant dimensions millimeters (inches) tape size d 0 d 1 min. note 1 e 1 p 0 p 2 r ref. note 2 s 1 min. note 3 t max. t 1 max. 8mm 1.5 +0.10/-0.0 (0.059 +0.004/-0.0) 1.0 (0.039) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 25.0 (0.984) 0.600 (0.024) 0.600 (0.024) 0.100 (0.004) 12mm 1.5 (0.059) 30 (1.181) 16mm variable dimensions millimeters (inches) tape size pitch b 1 max. note 4 e 2 min. f p 1 t 2 max w max a 0 ,b 0 & k 0 8mm single (4mm) 4.35 (0.171) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 4.0 0.10 (0.157 0.004) 2.5 (0.098) 8.3 (0.327) note 5 12mm single (4mm) & double (8mm) 8.2 (0.323) 10.25 (0.404) 5.5 0.05 (0.217 0.002) 8.0 0.10 (0.315 0.004) 4.6 (0.181) 12.3 (0.484) 16mm triple (12mm) 12.1 (0.476) 14.25 (0.561) 5.5 0.05 (0.217 0.002) 8.0 0.10 (0.315 0.004) 4.6 (0.181) 16.3 (0.642) po t f w center lines of cavity ao bo user direction of unreeling cover tape ko b 1 is for tape feeder reference only, including draft concentric about b o . t 2 ?d 1 ?do b 1 s 1 t 1 e 1 e 2 p 1 p 2 embossment for cavity size, see note 1 table 6 [10 pitches cumulative tolerance on tape 0.2 mm]
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 11 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) figure 2 C punched (paper) carrier tape dimensions table 7 C punched (paper) carrier tape dimensions metric will govern 1. the cavity defned by a 0 , b 0 and t shall surround the component with suffcient clearance that: a ) the component does not protrude beyond either surface of the carrier tape. b ) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. d ) lateral movement of the component is restricted to 0.5 mm maximum (see figure 4). e ) see addendum in eia document 481 for standards relating to more precise taping requirements. 2. the tape with or without components shall pass around r without damage (see figure 5). constant dimensions millimeters (inches) tape size d 0 e 1 p 0 p 2 t 1 max g min r ref. note 2 8mm 1.5 +0.10-0.0 (0.059 +0.004, -0.0) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 0.10 (.004) max. 0.75 (.030) 25 (.984) variable dimensions millimeters (inches) tape size pitch e2 min f p 1 t max w max a 0 b 0 8mm half (2mm) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 2.0 0.05 (0.079 0.002) 1.1 (0.098) 8.3 (0.327) note 5 8mm single (4mm) 4.0 0.10 (0.157 0.004) 8.3 (0.327) user direction of unreeling top cover tape t center lines of cavity p 1 ?do po p 2 e 1 f e 2 w g a 0 b 0 cavity size, see note 1, table 7 bottom cover tape t 1 t 1 bottom cover tape [10 pitches cumulative tolerance on tape 0.2 mm]
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 12 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) packaging information performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 30010 mm/minute. 3. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia-556 and eia-624. figure 3 C maximum component rotation figure 4 C maximum lateral movement figure 5 C bending radius 0.5 mm maximum 0.5 mm maximum 8mm & 12mm tape 1.0 mm maximum 1.0 mm maximum 16mm tape r r bending radius embossed carrier punched carrier tape width peel strength 8mm 0.1 newton to 1.0 newton (10g to 100g) 12mm & 16mm 0.1 newton to 1.3 newton (10g to 130g) ao bo t s maximum component rotation top view maximum component rotation side view tape maximum width (mm) rotation ( t ) 8,12 20 16-200 10 tape maximum width (mm) rotation ( s ) 8,12 20 16-56 10 72-200 5 typical pocket centerline typical component centerline
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 13 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) figure 6 C reel dimensions table 8 C reel dimensions metric dimensions will govern a d (see note) full radius, see note b (see note) access hole at slot location (? 40 mm min.) if present, tape slot in core for tape start: 2.5 mm min. width x 10.0 mm min. depth w 3 (includes flange distortion at outer edge) w 2 (measured at hub) w 1 (measured at hub) c (arbor hole diameter) note: drive spokes optional; if used, dimensions b and d shall apply. n constant dimensions millimeters (inches) tape size a b min c d min 8mm 178 0.20 (7.008 0.008) or 330 0.20 (13.000 0.008) 1.5 (0.059) 13.0 +0.5/-0.2 (0.521 +0.02/-0.008) 20.2 (0.795) 12mm 16mm variable dimensions millimeters (inches) tape size n min w 1 w 2 max w 3 8mm 50 (1.969) 8.4 +1.5/-0.0 (0.331 +0.059/-0.0) 14.4 (0.567) shall accommodate tape width without interference 12mm 12.4 +2.0/-0.0 (0.488 +0.078/-0.0) 18.4 (0.724) 16mm 16.4 +2.0/-0.0 (0.646 +0.078/-0.0) 22.4 (0.882)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 14 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) figure 7 C tape leader & trailer dimensions figure 8 C maximum camber trailer 160 mm minimum, carrier tape end start round sprocket holes elongated sprocket holes (32 mm tape and wider) top cover tape top cover tape punched carrier 8 mm & 12 mm only embossed carrier components 100 mm min. leader 400 mm minimum, carrier tape round sprocket holes 1 mm maximum, either direction straight edge 250 mm elongated sprocket holes (32 mm & wider tapes)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 15 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) figure 9 C bulk cassette packaging (ceramic chips only) meets dimensional requirements iec-286 and eiaj 7201 unit mm *reference table 9 C capacitor dimensions for bulk cassette cassette packaging C millimeters table 10 C capacitor marking laser marking is available as an extra-cost option for most kemet ceramic chips. such marking is two sided, and includes a k to identify kemet, followed by two characters (per eia-198) to identify the capacitance value. note that marking is not available for any y5v chip. ln addition, the 0603 marking option is limited to the k only . (marking optional C not available for 0402 size) example shown is 1,000 pf capacitor eia size code metric size code l length w width b bandwidth s separation minimum t thickness number of pcs/cassette 0402 1005 1.0 0.05 0.5 0.05 0.2 to 0.4 0.3 0.5 .05 50,000 0603 1608 1.6 0.07 0.8 0.07 0.2 to 0.5 0.7 0.8 .07 15,000 110 0.7 31.5 0 0.2 36 0 0.2 19.0* 5 0* 10* 53 3* 6 8 0.1 8 8 0.1 12.0 0.1 3.0 0 0.2 2.0 0.1 0 1.5 0 0.1 numeral alpha character capacitance (pf) for various numeral identifers 9 0 1 2 3 4 5 6 7 a 0.1 1 10 100 1000 10000 100000 1000000 10000000 b 0.11 1.1 11 110 1100 11000 110000 1100000 11000000 c 0.12 1.2 12 120 1200 12000 120000 1200000 12000000 d 0.13 1.3 13 130 1300 13000 130000 1300000 13000000 e 0.15 1.5 15 150 1500 15000 150000 1500000 15000000 f 0.16 1.6 16 160 1600 16000 160000 1600000 16000000 g 0.18 1.8 18 180 1800 18000 180000 1800000 18000000 h 0.2 2 20 200 2000 20000 200000 2000000 20000000 j 0.22 2.2 22 220 2200 22000 220000 2200000 22000000 k 0.24 2.4 24 240 2400 24000 240000 2400000 24000000 l 0.27 2.7 27 270 2700 27000 270000 2700000 27000000 m 0.3 3 30 300 3000 30000 300000 3000000 30000000 n 0.33 3.3 33 330 3300 33000 330000 3300000 33000000 p 0.36 3.6 36 360 3600 36000 360000 3600000 36000000 q 0.39 3.9 39 390 3900 39000 390000 3900000 39000000 r 0.43 4.3 43 430 4300 43000 430000 4300000 43000000 s 0.47 4.7 47 470 4700 47000 470000 4700000 47000000 t 0.51 5.1 51 510 5100 51000 510000 5100000 51000000 u 0.56 5.6 56 560 5600 56000 560000 5600000 56000000 v 0.62 6.2 62 620 6200 62000 620000 6200000 62000000 w 0.68 6.8 68 680 6800 68000 680000 6800000 68000000 x 0.75 7.5 75 750 7500 75000 750000 7500000 75000000 y 0.82 8.2 82 820 8200 82000 820000 8200000 82000000 z 0.91 9.1 91 910 9100 91000 910000 9100000 91000000 a 0.25 2.5 25 250 2500 25000 250000 2500000 25000000 b 0.35 3.5 35 350 3500 35000 350000 3500000 35000000 d 0.4 4 40 400 4000 40000 400000 4000000 40000000 e 0.45 4.5 45 450 4500 45000 450000 4500000 45000000 f 0.5 5 50 500 5000 50000 500000 5000000 50000000 m 0.6 6 60 600 6000 60000 600000 6000000 60000000 n 0.7 7 70 700 7000 70000 700000 7000000 70000000 t 0.8 8 80 800 8000 80000 800000 8000000 80000000 y 0.9 9 90 900 9000 90000 900000 9000000 90000000
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 16 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) other kemet resources disclaimer all product specif cations, statements, information and data (collectively, the information) are subject to change without notice. all information given herein is believed to be accurate and reliable, but is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute C and we specif cally disclaim C any warranty concerning suitability for a specif c customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained. although we design and manufacture our products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicated or that other measures may not be required. tools resource location conf gure a part: capedge http://capacitoredge.kemet.com spice & fit software http://www.kemet.com/spice search our faqs: knowledgeedge http://www.kemet.com/keask product information resource location products http://www.kemet.com/products technical resources (including soldering techniques) http://www.kemet.com/technicalpapers rohs statement http://www.kemet.com/rohs quality documents http://www.kemet.com/qualitydocuments product request resource location sample request http://www.kemet.com/sample engineering kit request http://www.kemet.com/kits contact resource location website www.kemet.com contact us http://www.kemet.com/contact investor relations http://www.kemet.com/ir call us 1-877-mykemet twitter http://twitter.com/kemetcapacitors
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c1025-1 ? 9/13/2010 17 smd mlccs C high voltage with flexible termination system (hv ft-cap), x7r dielectric, 500vdc-3000vdc (commercial grade) kemet corporation world headquarters p.o. box 5928 greenville, sc 29606 2835 kemet way simpsonville, sc 29681 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 north america corporate off ces 101 ne third avenue tower 101, suite 1700 fort lauderdale, fl 33301 tel: 954-766-2800 fax: 954-766-2805 southeast 801 international parkway, suite 5070 lake mary, fl 32746 tel: 407-855-8886 northeast 340-x fordham road wilmington, ma 01887 tel: 978-658-1663 fax: 978-658-1790 central 1900 north roselle road, suite 405 schaumburg, il 60195 tel: 847-882-3590 fax: 847-882-3046 west 1551 mccarthy boulevard, suite 117 milpitas, ca 95035 tel: 408-433-9946 fax: 408-433-9946 mexico tezozomoc no. 47 col. ciudad del sol zapopan, jalisco c.p. 45050 mexico tel: 52-33-3123-2141 fax: 52-33-3123-2144 europe southern europe 15bis chemin des mines, 4th f oor 1202 geneva switzerland tel: 41-22-715-0100 fax: 41-22-715-0170 zac paris rive gauche 118-122 avenue de france 75013 paris france tel: 33-1-4646-1009 fax: 33-1-4646-1599 via san lorenzo 19 sasso marconi, bo 40037 italy tel: 39-051-939111 fax: 39-051-840684 viale milanof ori 1 palazzo e1 20090 assago milano italy tel: 39-02-57518176 fax: 39-02-57512093 central europe hermann-koehl-str. 2 landsberg am lech 86899 germany tel: 49-8191-3350800 fax: 49-8191-3350990 ruhrallee 9 dortmund 44139 germany tel: 49-2307-3619672 fax: 49-2307-961527 northern europe unit 1, ducketts wharf south street bishops stortford hertfordshire cm23 3al united kingdom tel: 44-1279-757201 fax: 44-1279-465237 20-21 cumberland drive granby industrial estate weymouth, dorset dt4 9te united kingdom tel: 44-1305-830747 fax: 44-1305-760670 th?rnblads v?g 6 f?rjestaden 386 90 sweden tel: 46-485-563934 fax: 46-485-563938 stella business park lars sonckin kaari 16 espoo 02600 finland tel: 358-9-5406-5000 fax: 358-9-5406-5010 asia northeast asia 30 canton road, room 1512 silvercord tower ii tsimshatshui, kowloon hong kong tel: 852-2305-1168 fax: 852-2759-0345 room 1411, 14/f new china insurance edif ce mintian road, cbd futian district shenzhen 518001 china tel: 1-867-55-25181306 fax: 1-867-55-25181307 floor 17, tower b, ping an ifc no.1-3 xin yuan south road chao yang district beijing 100027 china tel: 86-10-5829-1711 fax: 86-10-5829-1963 room 2602, grand gateway tower 1 no.1 hong qiao road shanghai 200030 china tel: 86-21-6447-0707 fax: 86-21-6447-0070 room 305, floor 3, #142 sec. 4, chung hsiao east road taipei 106 taiwan roc tel: 886-2-27528585 fax: 886-2-27213129 southeast asia 73 bukit timah road #05-01 rex house 229832 singapore tel: 65-6586-1900 fax: 65-6586-1901 1-5-20 krystal point 2 lebuh bukit kecil 6 11900 bayan baru penang malaysia tel: 6- 04-6430200 fax: 6 -04-6444220 off ce no. 605, 6th floor barton centre m.g. road bangalore 560 001 india tel: 91-80-653-76817 fax: 91-80-2532-0160 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation.


▲Up To Search▲   

 
Price & Availability of C1210X473KCRACTU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X