Part Number Hot Search : 
C152H STA335A BDT61A ATTINY85 C1648X NCP1205P UC3843 IN4731
Product Description
Full Text Search
 

To Download BR250005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  br2500 - br2510 silicon bridge rectifiers prv : 50 - 1000 volts io : 25 amperes features : * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop mechanical data : * case : molded plastic with heatsink integrally mounted in the bridge encapsulation * epoxy : ul94v-o rate flame retardant * terminals : plated .25" (6.35 mm). faston * polarity : polarity symbols marked on case * mounting position : bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency. * weight : 17.1 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol br2500 br2501 br2502 br2504 br2506 br2508 br2510 unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward current tc = 55 c i f(av) 25 a peak forward surge current single half sine wave superimposed on rated load (jedec method) current squared time at t < 8.3 ms. i 2 t 375 a 2 s maximum forward voltage per diode at i f = 12.5 a v f 1.1 v maximum dc reverse current ta = 25 c i r 10 m a at rated dc blocking voltage ta = 100 c i r(h) 200 m a typical thermal resistance (note 1) r q jc 1.45 c/w operating junction temperature range t j - 40 to + 150 c storage temperature range t stg - 40 to + 150 c notes : 1. thermal resistance from junction to case with units mounted on a 5" x 6" x 4.9" (12.8cm.x 15.2cm.x 12.4cm.) al.-finned plate page 1 of 2 rev. 02 : march 24, 2005 rating i fsm 300 a metal heatsink br50 f 0.728(18.50) 0.688(17.40) 0.570(14.50) 0.530(13.40) 0.685(16.70) 0.618(15.70) 1.130(28.70) 1.120(28.40) 0.210(5.30) 0.200(5.10) 0.658(16.70) 0.618(15.70) 0.032(0.81) 0.028(0.71) 0.252(6.40) 0.248(6.30) 0.905(23.0) 0.826(21.0) 0.100(2.50) 0.090(2.30) 0.310(7.87) 0.280(7.11) dimensions in inches and ( millimeters ) * pb / rohs free
rating and characteristic curves ( br2500 - br2510 ) fig.1 - derating curve for output fig.2 - maximum non-repetitive peak rectified current forward surge current 0 25 50 75 100 125 150 175 case temperature, ( c) number of cycles at 60hz fig.3 - typical forward characteristics fig.4 - typical reverse characteristics per diode per diode page 2 of 2 rev. 02 : march 24, 2005 15 10 5 30 25 100 10 1.0 200 0 300 0 150 100 50 0.1 10 80 0.01 0.01 1.0 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) peak forward surge current, amperes average forward output current, amperes forward current, amperes reverse current, microamperes t j = 25 c pulse width = 300 m s 1 % duty cycle 8.3 ms single half sine wave jedec method t j = 50 c t j = 100 c t j = 25 c 20 250 10 20 60 1 2 4 6 40 100 1.2 1.4 1.8 0.4 0.6 0.8 1.0 1.6 heat-sink mounting, tc 5" x 6" x 4.9" thk. (12.8cm x 15.2cm x 12.4cm) al.-finned plate forward voltage, volts


▲Up To Search▲   

 
Price & Availability of BR250005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X